Part Number Hot Search : 
000WD SSB302 20MU11 EL4422CS TLP361 10A10 ISD111 UDZS15B
Product Description
Full Text Search
 

To Download MJE13002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION With TO-126 package High voltage ,high speed APPLICATIONS Particularly suited for 115V and 220V switchmode applications such as switching regulators,inverters ,motor controls,solenoid/ relay drivers and deflection circuits.
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
MJE13002
Absolute maximum ratings (Tc=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM IE IEM PD Tj Tstg
Collector-base voltage
Collector-emitter voltage

PARAMETER
INC
Emitter-base voltage
Collector current (DC)
E SEM ANG H
Open base
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE 600 300 9 1.5 3 0.75 1.5 2.25 4.5
UNIT V V V A A A A A A W ae ae
Open collector
Collector current-Peak
Base current Base current-Peak Emitter current Emitter current-Peak Total power dissipation Junction temperature Storage temperature TC=25ae
40 150 -65~150
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance from junction to case MAX 3.12 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unles otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=10mA ;IB=0 IC=0.5A; IB=0.1A IC=1A; IB=0.25A TC=100ae IC=1.5A;IB=0.5A IC=0.5A; IB=0.1A IC=1A; IB=0.25A TC=100ae VCEV=Rated value; VBE (off) =1.5V TC=100ae VEB=9V; IC=0 IC=0.5A ; VCE=2V IC=1A ; VCE=2V MIN 300
MJE13002
SYMBOL VCEO(SUS) VCEsat-1 VCEsat-2 VCEsat-3 VBEsat-1 VBEsat-2 ICEV IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V
0.5 1.0 1.0 3.0 1.0 1.2 1.1 1.0 5.0
V V V V V mA mA
DC current gain

Switching times resistive load td tr ts tf Delay time Rise time Storage time Fall time
CHA IN
Transition frequency
Collector outoput capacitance
E SEM NG
IC=0.1A ; VCE=10V;f=1MHz IE=0;f=0.1MHz ; VCB=10V
OND IC
TOR UC
8 40 5 25 4 21
1.0
MHz pF
0.05 VCC=125V ,IC=1A IB1=-IB2=0.2A tp=25|I s duty cycleU 1% 0.5 2.0 0.4
0.1 1.0 4.0 0.7 |I
|I |I |I
s s s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
MJE13002

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of MJE13002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X