Part Number Hot Search : 
AD943 CM2009 6NH0G ER208 PE9811 FMM5057X 05LC07 TSOP2
Product Description
Full Text Search
 

To Download MJD31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Complementary Power Transistors MJD31,MJD31C(NPN) MJD32,MJD32C(PNP)
Transistors
TO-252
+0.15 1.50 -0.15
Unit: mm 2.30
+0.8 0.50-0.7 +0.1 -0.1
Features
Lead Formed for Surface Mount Applications in Plastic Sleeves Pb-Free Packages are Available
+0.2 9.70 -0.2
6.50 +0.2 5.30-0.2
+0.15 -0.15
+0.1 0.80-0.1
+0.15 0.50 -0.15
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector-emitter voltage MJD31,MJD32 MJD31C,MJD32C Collector-base voltage MJD31,MJD32 MJD31C,MJD32C Emitter-base voltage Collector current Collector current (pulse) Base current Total Device Dissipation FR-5 Board @TA = 25 Derate above 25 Total Device Dissipation Alumina Substrate @TA = 25 Derate above 25 Junction temperature Storage temperature Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient Lead Temperature for Soldering Purposes VEB IC ICP IB PD VCB Symbol VCEO Rating 40 100 40 100 5 3 5 1 15 0.12 1.56 0.012 150 -65 to +150 8.3 80 260 /W /W Unit V V V V V A A A W W/ W W/
PD Tj Tstg ReJC ReJA TL
3.80
www.kexin.com.cn
1
SMD Type
MJD31,MJD31C(NPN) MJD32,MJD32C(PNP)
Electrical Characteristics Ta = 25
Parameter Collector-emitter sustaining voltage MJD31,MJD32 MJD31C,MJD32C Collector cutoff current MJD31,MJD32 MJD31C,MJD32C Collector cutoff current Emitter cutoff current DC current gain * Collector-emitter saturation voltage * Base-emitter saturation voltage * Current-gain-bandwidth product *2 Small-signal current gain *1 Pulse test: pulse width *2 fT= hfe ftest 300 is, duty cycle 2.0%. ICES IEBO hFE ICEO VCE = 40 V, IB = 0 VCE = 60 V, IB = 0 VCE = Rated VCEO,VEB = 0 VBE = 5V, IC = 0 IC = 1 A, VCE = 4 V IC = 3 A, VCE = 4 V VCE(sat) IC = 3 A, IB = 375 mA VBE(on) IC = 3 A, VCE = 4 V fT hfe IC = 500 mA,VCE = 10 V,ftest = 1 MHz IC = 0.5 A, VCE = 10 V, f = 1 kHz Symbol Testconditons
Transistors
Min 40 100
Typ
Max
Unit V V
VCEo(sus) IC = 30 mA, IB = 0
50 50 20 1 25 10 50 1.2 1.8 3 20
iA iA iA mA
V V MHz
hFE Classification
TYPE Marking MJD31 J31 MJD31C J31C MJD32 J32 MJD32C J32C
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of MJD31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X