Part Number Hot Search : 
EN6387B NTE1881 EG01CV KDEC12 CLL4692 PNZ155 VM73LFS 74LS0
Product Description
Full Text Search
 

To Download LT3685 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT3505 1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN FEATURES
! ! !
DESCRIPTION
The LT(R)3505 is a current mode PWM step-down DC/DC converter with an internal 1.4A power switch. The wide operating input range of 3.6V to 36V (40V maximum) makes the LT3505 ideal for regulating power from a wide variety of sources, including unregulated wall transformers, 24V industrial supplies and automotive batteries. The oscillator can be programmed for high frequency operation allowing the use of tiny, low cost external components or it can be programmed for lower frequency operation to maximize efficiency. Cycle-by-cycle current limit provides protection against shorted outputs and soft-start eliminates input current surge during start-up. The low current (<2A) shutdown mode provides output disconnect, enabling easy power management in battery-powered systems.
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners.
! ! ! ! ! ! !
Wide Input Range: 3.6V to 36V Operating, 40V Maximum Up to 1.2A Output Current Resistor-Programmable Fixed-Frequency Operation from 200kHz to 3MHz Output Adjustable Down to 780mV Short-Circuit Robust Uses Tiny Capacitors and Inductors Soft-Start Low Shutdown Current: <2A Low VCESAT Switch: 350mV at 1A Thermally Enhanced, Low Profile 3mm x 3mm DFN-8 and MSOP-8 Packages
APPLICATIONS
! ! ! ! !
Automotive Battery Regulation Industrial Control Supplies Wall Transformer Regulation Distributed Supply Regulation Battery-Powered Equipment
TYPICAL APPLICATION
750kHz, 3.3V Step-Down Converter
VIN 4.2V TO 36V ON OFF VIN SHDN LT3505 FB RT 75.0k 1F GND VC 69.8k 68pF 11.3k 10F BOOST 0.1F 10H SW 36.5k 22pF VOUT 3.3V 1.1A, VIN > 5V 1.2A, VIN > 8V EFFICIENCY (%) 90 85 80 75 70 65 60 VIN = 12V VOUT = 3.3V 55 fSW = 750kHz L = 10 H 50 0.8 0 0.2 0.4 0.6 LOAD CURRENT (A)
Efficiency
3505 TA01
1.0
1.2
3505fc
1
LT3505 ABSOLUTE MAXIMUM RATINGS
(Note 1)
Input Voltage (VIN) ....................................................40V BOOST Pin Voltage ..................................................50V BOOST Pin Above SW Pin.........................................25V SHDN Pin ..................................................................40V FB Pin .........................................................................6V VC Pin .........................................................................3V RT Pin .........................................................................3V
Operating Temperature Range (Note 2) LT3505E .............................................. -40C to 85C LT3505I ............................................. -40C to 125C Maximum Junction Temperature .......................... 125C Storage Temperature Range................... -65C to 150C
PIN CONFIGURATION
TOP VIEW BOOST 1 SW 2 VIN 3 SHDN 4 9 8 7 6 5 VC FB RT GND BOOST SW VIN SHDN 1 2 3 4 TOP VIEW 9 8 7 6 5 VC FB RT GND
DD PACKAGE 8-LEAD (3mm x 3mm) PLASTIC DFN TJMAX = 125C, JA = 43C/W, JC = 5C/W EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
MS8E PACKAGE 8-LEAD PLASTIC MSOP TJMAX = 125C, JA = 40C/W, JC = 5C/W EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH LT3505EDD#PBF LT3505IDD#PBF LT3505EMS8E#PBF LT3505IMS8E#PBF LEAD BASED FINISH LT3505EDD LT3505IDD LT3505EMS8E LT3505IMS8E TAPE AND REEL LT3505EDD#TRPBF LT3505IDD#TRPBF LT3505EMS8E#TRPBF LT3505IMS8E#TRPBF TAPE AND REEL LT3505EDD#TR LT3505IDD#TR LT3505EMS8E#TR LT3505IMS8E#TR PART MARKING LCHB LCHC LTCNX LTCNY PART MARKING LCHB LCHC LTCNX LTCNY PACKAGE DESCRIPTION 8-Lead (3mm x 3mm) Plastic DFN 8-Lead (3mm x 3mm) Plastic DFN 8-Lead Plastic MSOP 8-Lead Plastic MSOP PACKAGE DESCRIPTION 8-Lead (3mm x 3mm) Plastic DFN 8-Lead (3mm x 3mm) Plastic DFN 8-Lead Plastic MSOP 8-Lead Plastic MSOP TEMPERATURE RANGE -40C to 85C -40C to 125C -40C to 85C -40C to 125C TEMPERATURE RANGE -40C to 85C -40C to 125C -40C to 85C -40C to 125C
Consult LTC Marketing for parts specified with wider operating temperature ranges. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
3505fc
2
LT3505 ELECTRICAL CHARACTERISTICS
PARAMETER VIN Operating Range Undervoltage Lockout Feedback Voltage FB Pin Bias Current Quiescent Current Quiescent Current in Shutdown Reference Line Regulation Switching Frequency VFB = Measured VREF (Note 4) Not Switching, RT = 75.0k VSHDN = 0V VIN = 5V to 36V VFB = 0.7V, RT = 13.7k VFB = 0.7V, RT = 75.0k VFB = 0.7V, RT = 357k RT = 75.0k VFB = 0.78V VFB = 0.78V VFB = 0V, VC = 1.5V VFB = 1V, VC = 1.5V IOUT = 0mA VFB = 0V VFB = 0.6V VFB = 0V, RT = 75.0k (Note 3) ISW = 1A ISW = 1A ISW = 1A 2.3 0.3 VSHDN = 2.3V (Note 5) VSHDN = 0V 6 0.01 20 0.1 1.4
" " "
The " denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C, VIN = 12V, VBOOST = 17V, unless otherwise noted. (Note 2).
CONDITIONS MIN 3.6 3.1 765 3.35 780 55 2.0 0.01 0.007 2.70 675 180 90 3.01 750 200 94 200 400 10 14 0.9 1.7 0.5 50 1.75 350 0.1 1.6 24 2 2.2 50 2.2 3.30 825 220 TYP MAX 36 3.6 795 150 2.7 2 UNITS V V mV nA mA A %/V MHz kHz kHz % A/V V/V A A V V V mV A mV A V mA V V A A
Maximum Duty Cycle Error Amp Transconductance Error Amp Voltage Gain VC Source Current VC Sink Current VC Switching Threshold Voltage VC Clamp Voltage RT Bias Voltage Switch Current Limit Switch VCESAT Switch Leakage Current Minimum Boost Voltage Above Switch BOOST Pin Current SHDN Input Voltage High SHDN Input Voltage Low SHDN Bias Current
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The LT3505E is guaranteed to meet performance specifications from 0C to 85C. Specifications over the -40C to 85C operating temperature range are assured by design, characterization and correlation with statistical process controls. The LT3505I specifications are guaranteed over the -40C to 125C temperature range.
Note 3: Current limit guaranteed by design and/or correlation to static test. Slope compensation reduces current limit at higher duty cycle. Note 4: Current flows out of pin. Note 5: Current flows into pin.
3505fc
3
LT3505 TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency (VOUT = 5V, L = 10H, fSW = 750kHz)
95 90 85 EFFICIENCY (%) EFFICIENCY (%) 80 75 70 65 60 55 50 0 0.2 0.4 0.6 0.8 LOAD CURRENT (A) VIN = 8V VIN = 12V VIN = 24V 1.0 1.2 TA = 25C 95 90 85 EFFICIENCY (%) 80 75 70 65 60 55 50 0 0.2 0.4 0.6 0.8 LOAD CURRENT (A) VIN = 8V VIN = 12V VIN = 24V 1.0 1.2
Efficiency (VOUT = 3.3V, L = 10H, fSW = 750kHz)
TA = 25C 95 90 85 80 75 70 65 60 55 50
Efficiency (VOUT = 3.3V, L = 4.7H, fSW = 2.2MHz)
TA = 25C
VIN = 8V VIN = 12V 0 0.2 0.4 0.6 0.8 LOAD CURRENT (A) 1.0 1.2
Efficiency (VOUT = 5V, L = 4.7H, fSW = 2.2MHz)
95 90 85 EFFICIENCY (%) 80 75 70 65 60 55 50 0 0.2 0.4 0.6 0.8 LOAD CURRENT (A) VIN = 8V VIN = 12V 1.0 1.2 TA = 25C 1.7 1.6 OUTPUT CURRENT (A) 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8
Max Load Current (VOUT = 3.3V, L = 6.8H, fSW = 750kHz)
TA = 25C TYPICAL OUTPUT CURRENT (A) 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.9 5 7 9 15 INPUT VOLTAGE (V) 11 13 17 19
3505 G05
Max Load Current (VOUT = 5V, fSW = 750kHz)
TA = 25C TYPICAL, L = 22H TYPICAL, L = 10H
MINIMUM
MINIMUM, L = 10H
*10% DROPOUT
*10% DROPOUT
0.8
6
8 10 12 14 16 18 20 22 24 26 28 30 INPUT VOLTAGE (V)
3505 G06
Max Load Current (VOUT = 3.3V, L = 2.2H, fSW = 2.2MHz)
1.8 1.7 1.6 OUTPUT CURRENT (A) 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 5 6 *10% DROPOUT MINIMUM TA = 25C 1.80 1.70 OUTPUT CURRENT (A) TYPICAL 1.60
Max Load Current (VOUT = 5V, L = 3.3H, fSW = 2.2MHz)
TA = 25C 500 450 400 VCE(SWITCH) (mV) TYPICAL 350 300 250 200 150 100 50 16 18 0
Switch Voltage Drop
1.50 1.40 1.30 1.20 1.10 1.00 0.90
TA = 85C TA = 25C TA = -45C
MINIMUM
*10% DROPOUT
9 8 7 10 INPUT VOLTAGE (V)
11
12
0.80
7
8
9
10 11 12 14 INPUT VOLTAGE (V)
0
300
900 1200 600 SWITCH CURRENT (mA)
1500
3505 G09
3505 G07
3505 G08
3505fc
4
LT3505 TYPICAL PERFORMANCE CHARACTERISTICS
Undervoltage Lockout
4.00 3.90 3.80 3.70 UVLO (V) 3.60 3.50 3.40 3.30 3.20 3.10 3.00 -50 -25 75 0 25 50 TEMPERATURE (C) 100 125 SWITCHING FREQUENCY (MHz) 2.40 2.20 2.00 1.80 1.60 1.40 1.20 1.00 0.80 0.60 -50 -25 RT = 75.0k 50 75 0 25 TEMPERATURE (C) 100 125 RT = 30.1k RT = 21k RT PIN BIAS VOLTAGE (V)
Switching Frequency
0.6 0.5 0.4 0.3 0.2 0.1 0
Frequency Foldback, RT = 75.0k
TA = 25C
0
0.1
0.2
0.3 0.4 0.5 0.6 FB VOLTAGE (V)
0.7
0.8
3505 G10
3505 G12
Soft-Start
2.0 1.8 SWITCH CURRENT LIMIT (A) 1.6 1.4 ISHDN (A) 1.2 1.0 0.8 0.6 0.4 0.2 0 0 0.25 0.50 0.75 1 1.25 1.50 1.75 SHDN PIN VOLTAGE (V) 2 TA = 25C 50 45 40
SHDN Pin Current
TA = 25C 7.2 7.0 6.8 INPUT VOLTAGE (V) 6.6 6.4 6.2 6.0 5.8 5.6 5.4 0 2 4 6 8 10 12 14 16 18 20 VSHDN (V)
3505 G14
Typical Minimum Input Voltage, (VOUT = 5V, fSW = 750kHz)
TA = 25C TO START
35 30 25 20 15 10 5 0
TO RUN
5.2
1
10 100 LOAD CURRENT (mA)
1000
3505 G15
Typical Minimum Input Voltage, (VOUT = 3.3V, fSW = 750kHz)
5.5 5.3 5.1 INPUT VOLTAGE (V) 4.9 4.7 4.5 4.3 4.1 3.9 3.7 3.5 1 10 100 LOAD CURRENT (mA) 1000 3.5 TO RUN TA = 25C TO START INPUT VOLTAGE (V) 5.0 5.5
Typical Minimum Input Voltage, (VOUT = 3.3V, fSW = 2.2MHz)
TA = 25C TO START INPUT VOLTAGE (V) 7.0 6.8 6.6 6.4 6.2 6.0 5.8 5.6 5.4 5.2 1 10 100 1000 5.0
Typical Minimum Input Voltage, (VOUT = 5V, fSW = 2.2MHz)
TO START
TO RUN
4.5
TO RUN
4.0
TA = 25C 1 10 100 LOAD CURRENT (mA) 1000
LOAD CURRENT (mA)
3505fc
5
LT3505 TYPICAL PERFORMANCE CHARACTERISTICS
Switch Current Limit
2.0 1.9 SWITCH CURRENT LIMIT (A) SWITCH CURRENT LIMIT (A) 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1.0 -50 -25 0 25 50 75 TEMPERATURE (C) 100 125 1.2 0 10 20 30 40 50 60 70 80 90 100 DUTY CYCLE (%)
3505 G20
Switch Current Limit, RT = 75.0k
1.8 1.7 1.6 1.5 1.4 1.3 MINIMUM ON TIME (ns) TA = 25C 160 140 120 100 80 60 40 20
Typical Minimum On Time
0 -50
-25
50 75 0 25 TEMPERATURE (C)
100
125
RT Pin Bias Voltage
505 VFB = 0.78V SWITCHING FREQUENCY (MHz) 3.0 2.5 2.0 1.5 1.0 0.5 0
Switching Frequency
TA = 25C SWITCHING FREQUENCY (MHz)
Switching Frequency
TA = 25C
500 BIAS VOLTAGE (mV)
1
495
490
485
480 -50
-25
50 25 75 0 TEMPERATURE(C)
100
125
0
5
10 15 30 25 20 RT PIN BIAS CURRENT (A)
35
0.1 10
100 RT PIN RESISTANCE (k)
3505 G24
Operating Waveforms
VSW 5V/DIV
Operating Waveforms, Discontinuous Mode
VSW 5V/DIV
IL 0.5A/DIV 0 VOUT 20mV/DIV VIN = 12V VOUT = 3.3V IOUT = 0.5A L = 10H COUT = 10F RT = 75.0k 1s/DIV
3505 G18
IL 0.5A/DIV 0 VOUT 20mV/DIV VIN = 12V VOUT = 3.3V IOUT = 50mA L = 10H COUT = 10F RT = 75.0k 1s/DIV
3505 F26
3505fc
6
LT3505 PIN FUNCTIONS
BOOST (Pin 1): The BOOST pin is used to provide a drive voltage, higher than the input voltage, to the internal bipolar NPN power switch. SW (Pin 2): The SW pin is the output of the internal power switch. Connect this pin to the inductor, catch diode and boost capacitor. VIN (Pin 3): The VIN pin supplies current to the LT3505's internal regulator and to the internal power switch. This pin must be locally bypassed. SHDN (Pin 4): The SHDN pin is used to put the LT3505 in shutdown mode. Tie to ground to shut down the LT3505. Tie to 2.3V or more for normal operation. If the shutdown feature is not used, tie this pin to the VIN pin. SHDN also provides a soft-start function; see the Applications Information section. GND (Pin 5): Tie the GND pin to a local ground plane below the LT3505 and the circuit components. Return the feedback divider to this pin. RT (Pin 6): The RT pin is used to program the switching frequency of the LT3505 by connecting a resistor from this pin to ground. The Applications Information section of the data sheet includes a table to determine the resistance value based on the desired switching frequency. Minimize capacitance at this pin. FB (Pin 7): The LT3505 regulates its feedback pin to 780mV. Connect the feedback resistor divider tap to this pin. Set the output voltage by selecting R1 according to: V R1 = R2 OUT - 1 0.78 V A good value for R2 is 10.0k. VC (Pin 8): The VC pin is used to compensate the LT3505 control loop by tying an external RC network from this pin to ground. Exposed Pad (Pin 9): The Exposed Pad must be soldered to the PCB and electrically connected to ground. Use a large ground plane and thermal vias to optimize thermal performance.
3505fc
7
LT3505 BLOCK DIAGRAM
VIN C2 INT REG AND UVLO 3 VIN
ON OFF R3 4 C4 SHDN
SLOPE COMP
R S Q Q
BOOST
D2 1 C3
DRIVER
Q1 SW 2 D1
OSC
L1 VOUT C1
FREQUENCY FOLDBACK VC gm 780mV GND VC FB RT
5
8
7
6
R1
3505 BD
R2
OPERATION
(Refer to Block Diagram)
The LT3505 is a constant frequency, current mode stepdown regulator. A resistor-programmed oscillator enables an RS flip-flop, turning on the internal 1.4A power switch Q1. An amplifier and comparator monitor the current flowing between the VIN and SW pins, turning the switch off when this current reaches a level determined by the voltage at the VC pin. An error amplifier measures the output voltage through an external resistor divider tied to the FB pin and servos the VC node. If the error amplifier's output increases, more current is delivered to the output; if it decreases, less current is delivered. An active clamp (not shown) on the VC node provides current limit. The VC node is also clamped to the voltage on the SHDN pin; soft-start is implemented by generating a voltage ramp at the SHDN pin using an external resistor and capacitor.
An internal regulator provides power to the control circuitry. This regulator includes an undervoltage lockout to prevent switching when VIN is less than ~3.4V. The SHDN pin is used to place the LT3505 in shutdown, disconnecting the output and reducing the input current to less than 2A. The switch driver operates from either the input or from the BOOST pin. An external capacitor and diode are used to generate a voltage at the BOOST pin that is higher than the input supply. This allows the driver to fully saturate the internal bipolar NPN power switch for efficient operation. When the FB pin is low, the voltage at the RT pin decreases to reduce the oscillator frequency. This frequency foldback helps to control the output current during start-up and overload.
3505fc
8
LT3505 APPLICATIONS INFORMATION
FB Resistor Network The output voltage is programmed with a resistor divider between the output and the FB pin. Choose the 1% resistors according to: V R1 = R2 OUT - 1 0.78 V R2 should be 20k or less to avoid bias current errors. Reference designators refer to the Block Diagram. Input Voltage Range The input voltage range for LT3505 applications depends on the output voltage, on the absolute maximum ratings of the VIN and BOOST pins, and on the programmed switching frequency. The minimum input voltage is determined by either the LT3505's minimum operating voltage of 3.6V, or by its maximum duty cycle. The duty cycle is the fraction of time that the internal switch is on and is determined by the input and output voltages: VOUT + VD DC = VIN - VSW + VD where VD is the forward voltage drop of the catch diode (~0.4V) and VSW is the voltage drop of the internal switch (~0.4V at maximum load). This leads to a minimum input voltage of: VIN(MIN) = VOUT + VD - VD + VSW DCMAX where fSW is the switching frequency in hertz and tON(MIN) is the worst-case minimum on-time in seconds. The minimum on-time of the LT3505 is a strong function of temperature. The typical performance characteristics section of the datasheet contains a graph of minimum on-time versus temperature to help determine the worst-case minimum on-time for the intended application. If the input voltage is high enough that the duty-cycle requirement is lower than DCMIN, the part enters pulseskipping mode. Specifically, the onset of pulse-skipping occurs at: VIN(PS) = (VOUT + VD) / DCMIN - VD + VSW Above VIN(PS) the part turns on for brief periods of time to control the inductor current and regulate the output voltage, possibly producing a spectrum of frequencies below the programmed switching frequency. To remain in constant-frequency operation the input voltage should remain below VIN(PS). See the "Minimum On Time" section of the data sheet for more information on operating above VIN(PS). Note that this is a restriction on the operating input voltage to remain in constant-frequency operation; the circuit will tolerate brief transient inputs up to the absolute maximum ratings of the VIN and BOOST pins when the output is in regulation. The input voltage should be limited to VIN(PS) during overload conditions (short-circuit or start-up). Minimum On Time For switching frequencies less than 750kHz, the part will still regulate the output at input voltages that exceed VIN(PS) (up to 40V), however, the output voltage ripple increases as the input voltage is increased. Figure 1 illustrates switching waveforms in continuous mode for a 3V output application near VIN(PS) = 33V. As the input voltage is increased, the part is required to switch for shorter periods of time. Delays associated with turning off the power switch determine the minimum on time of the part. The worst-case typical minimum on-time is 130ns. Figure 2 illustrates the switching waveforms when the input voltage is increased to VIN = 35V.
with DCMAX = 1 - fSW/8.33, where fSW is in MHz. The maximum input voltage is determined by the absolute maximum ratings of the VIN and BOOST pins. For constant-frequency operation, the maximum input voltage is determined by the minimum duty cycle requirement. As the input voltage increases, the required duty cycle to regulate the output voltage decreases. The minimum duty-cycle is: DCMIN = fSW * tON(MIN)
3505fc
9
LT3505 APPLICATIONS INFORMATION
VSW 20V/DIV
IL 0.5A/DIV VOUT 200mV/DIV AC COUPLED 2 s/DIV COUT = 10 F ILOAD = 0.75A VOUT = 3V L = 10 H RT = 75.0k VIN = 30V
3505 F01
Now the required on time has decreased below the minimum on time of 130ns. Instead of the switch pulse width becoming narrower to accommodate the lower duty cycle requirement, the switch pulse width remains fixed at 130ns. In Figure 2 the inductor current ramps up to a value exceeding the load current and the output ripple increases to ~200mV. The part then remains off until the output voltage dips below 100% of the programmed value before it begins switching again. For switching frequencies above 750kHz, the input voltage must not exceed VIN(PS). See the "Input Voltage Frequency Foldback" section of the datasheet for a circuit solution that provides safe operation above VIN(PS) at switching frequencies exceeding 750kHz. For switching frequencies below 750kHz, operation above VIN(PS) is safe and will not damage the part as long as the output voltage stays in regulation and the inductor does not saturate. Figure 3 shows the switching waveforms of a 750kHz application when the input voltage is increased to its absolute maximum rating of 40V. As the input voltage increases, the inductor current ramp rate increases, the number of skipped pulses increases and the output voltage ripple increases. The part is robust enough to survive prolonged operation under these conditions as long as the programmed switching frequency is less than 750kHz and the peak inductor current does not exceed 2.2A. Inductor current saturation may further limit performance in this operating regime. Frequency Selection The maximum frequency that the LT3505 can be programmed to is 3MHz. The minimum frequency that the LT3505 can be programmed to is 200kHz. The switching frequency is programmed by tying a 1% resistor from the RT pin to ground. Table 1 can be used to select the value of RT. Minimum on-time and edge loss must be taken into consideration when selecting the intended frequency of operation. Higher switching frequency increases power dissipation and lowers efficiency.
COUT = 10F VOUT = 3V VIN = 40V 2s/DIV ILOAD = 0.75A L = 10H RT = 75.0k
3505 F03
Figure 1
VSW 20V/DIV
IL 0.5A/DIV
VOUT 200mV/DIV AC COUPLED 2 s/DIV COUT = 10 F VOUT = 3V VIN = 35V ILOAD = 0.75A L = 10 H RT = 75.0k
3505 F02
Figure 2
VSW 20V/DIV
IL 0.5A/DIV
VOUT 200mV/DIV AC COUPLED
Figure 3
3505fc
10
LT3505 APPLICATIONS INFORMATION
Finite transistor bandwidth limits the speed at which the power switch can be turned on and off, effectively setting the minimum on-time of the LT3505. For a given output voltage, the minimum on-time determines the maximum input voltage to remain in continuous mode operation, VIN(PS). See the "Input Voltage Range" section of the datasheet for more information on determining VIN(PS). For switching frequencies below 750kHz, operation above VIN(PS) (up to 40V) is safe provided that the system will tolerate the pulse-skipping behavior outlined in the "Minimum On Time" section of the datasheet. At switching frequencies exceeding 750kHz, edge loss limits operation to input voltages below VIN(PS). Finite transition time results in a small amount of power dissipation each time the power switch turns on and off (edge loss). Edge loss increases with frequency, switch current, and input voltage. Input Voltage Frequency Foldback In constant frequency operation (below VIN(PS)) edge loss only reduces the application efficiency. However, at high switching frequencies exceeding 750kHz and input voltages exceeding VIN(PS), the part operates in pulse-skipping mode and the switch current can increase above the current limit of the part, 1.75A. This further increases the power dissipated during switch transitions and increases die temperature. To remedy the situation a single resistor (R5) and a zener diode (D3) can be added to a typical LT3505 circuit as shown in Figure 4.
D2 1N4148 VIN SHDN LT3505 16V R5 806k RT R4 20.0k C2 1F GND FB VC R3 100k C4 22pF
3505 F04
When the input voltage is below 16V, the zener diode path conducts no current and the current flowing out of the RT pin (and through R4) is nominally 0.5V/20k = 25A, which programs a 2.2MHz switching frequency. As the input voltage is increased above 16V, the zener diode begins to conduct and gradually reduces the current flowing out of the RT pin. This mechanism reduces the switching frequency as the input voltage is increased above 16V (up to 36V) to ensure that the part constantly operates in continuous mode without skipping pulses, thereby preventing the excessive die temperature rise encountered in pulse-skipping mode. Although the circuit can be operated indefinitely above VZENER, this frequency foldback method is intended to protect circuits during temporary periods of high input voltage. For example, in many automotive systems, the normal operating input range might be 9V to 16V, and the LT3505 can be programmed to operate above the AM band (>1.8MHz). At the same time, the circuit must be able to withstand higher input voltages due to load dump or double-battery jump starts. During these brief periods, it is usually acceptable to switch at a frequency within the AM band. If the output is shorted while the input voltage is greater than VZENER, the switching frequency will be reduced to 30kHz and the part will not be able to recover from the short until the input voltage is reduced below VZENER (see the following discussion).
2.50 Frequency [MHz] / Load Current [A] VOUT 5V 2.25 2.00 1.75 1.50 1.25 1.00 0.75 0.50 0.25 0 0 5 10 Switching Frequency Maximum Load Current 15 20 25 30 Input Voltage [V] 35 40
VIN 6.7V TO 36V ON OFF D3 BZT52C16T
BOOST SW
C3 0.1F L1 6.8H R1 61.9k R2 11.5k C5 22pF
D1 MBRM140
C1 10F
LTC3505 * F04b
Figure 4. 2.2MHz, 5V Application with Input Voltage Frequency Foldback Circuit
3505fc
11
LT3505 APPLICATIONS INFORMATION
Component Selection for Input Voltage Frequency Foldback Circuit To determine the values of R4, R5, and D3 for a specific application follow the procedure outlined in this section. First select the value of R4 from Table 1.
Table 1. RT Pin Resistance
RT PIN RESISTANCE (k) 357 237 165 124 100 84.5 71.5 61.9 54.9 48.7 44.2 40.2 37.4 34.0 31.6 29.4 27.4 25.5 23.7 22.6 21.0 20.0 19.1 18.2 16.9 16.2 15.4 14.7 13.7 SWITCHING FREQUENCY (MHz) 0.20 0.30 0.40 0.50 0.60 0.69 0.80 0.91 1.00 1.11 1.21 1.31 1.39 1.50 1.60 1.70 1.80 1.90 2.02 2.10 2.22 2.31 2.39 2.48 2.62 2.71 2.81 2.90 3.01
and VSW is the voltage drop of the internal power switch (~0.4V at maximum load), VIN(MAX) is the maximum input voltage for the application (must be less than 36V), and tON(MIN) is the worst-case minimum on-time for the intended application. The worst-case minimum on-time can be determined from the graphs in the "Typical Performance Characteristics" section of the datasheet. Next look up the resistance that corresponds to fSW(MIN) in Table 1. This resistance is RT(MAX), the effective resistance from the RT pin to ground at VIN(MAX) that programs the oscillator to a switching frequency equal to fSW(MIN). Finally determine R5 from the following equation: R5 = 2 * (VIN(MAX) - VZENER)/(1/R4 - 1/RT(MAX)) where VZENER is the zener diode breakdown voltage, and VIN(MAX) is the maximum input voltage that will be applied to the VIN pin. VIN(MAX) must not exceed 36V, the maximum operating input voltage of the LT3505. The equation to determine R5 assumes that R5 will compensate a percentage of the current flowing through R4 equal to R4/RT(MAX). Be careful not to select a value of R5 much less than that determined by the equation above because it may become possible for R5 to compensate 100% of the current flowing through R4 reducing the frequency to 30kHz. In this state the part is not able to start into large output current loads. Whenever the voltage at the FB pin is below 600mV, the LT3505 folds back the switching frequency by reducing the bias voltage at the RT pin. If the input voltage is higher than the zener voltage, the reduced voltage at the RT pin results in a larger voltage drop across R5, and a reduced voltage drop across R4. The current carried by R5 may be large enough to completely compensate the current flowing through R4, reducing the frequency to 30kHz. In this situation the input voltage will have to be reduced until the input voltage is less than the zener voltage. Note that when VIN is above VZENER and the frequency is reduced, the inductor ripple current will be higher and the maximum load that the LT3505 can regulate will be lower. See the Inductor Selection and Maximum Output Current section of this data sheet for more information.
Second, determine the value of VIN(PS) from the equation in the "Input Voltage Range" section of the data sheet. Select the zener diode, D3, to have a breakdown voltage (VZENER) below VIN(PS). Next determine the desired foldback frequency from the following equation: fSW(MIN) = (VOUT + VD)/[tON(MIN) * (VIN(MAX) + VD - VSW)] where VD is the forward drop of the catch diode (~0.4V),
3505fc
12
LT3505 APPLICATIONS INFORMATION
Inductor Selection and Maximum Output Current A good first choice for the inductor value is: L = 1.2 (VOUT + VD)/fSW where VD is the voltage drop of the catch diode (~0.4V), L is in H and fSW is in MHz. With this value there will be no subharmonic oscillation for applications with 50% or greater duty cycle. The inductor's RMS current rating must be greater than your maximum load current and its saturation current should be about 30% higher. For robust operation in fault conditions, the saturation current should be above 2.2A. To keep efficiency high, the series resistance (DCR) should be less than 0.1 . Table 2 lists several vendors and types that are suitable. Of course, such a simple design guide will not always result in the optimum inductor for your application. A larger value provides a higher maximum load current and reduces output voltage ripple at the expense of slower transient response. If your load is lower than 1.2A, then you can decrease the value of the inductor and operate with higher ripple current. This allows you to use a physically smaller inductor, or one with a lower DCR resulting in higher efficiency. There are several graphs in the Typical Performance Characteristics section of this data sheet that show the maximum load current as a function of input voltage and inductor value for several popular output voltages. Low inductance may result in discontinuous mode operation, which is okay, but further reduces maximum load current. For details on maximum output current and discontinuous mode operation, see Linear Technology Application Note 44. Catch Diode Depending on load current, a 1A to 2A Schottky diode is recommended for the catch diode, D1. The diode must have a reverse voltage rating equal to or greater than the maximum input voltage. The ON Semiconductor MBRM140 is a good choice; it is rated for 1A continuous forward current and a maximum reverse voltage of 40V. Input Capacitor The input of the LT3505 circuit must be bypassed with a X7R or X5R type ceramic capacitor. Y5V types have poor performance over temperature and applied voltage and should not be used. For switching frequencies higher than 750kHz, bypass the input with a 1F or higher value ceramic capacitor. For switching frequencies below 750kHz, bypass the input with a 2.2F or higher value ceramic capacitor. If the input power source has high impedance, or there is significant inductance due to long wires or cables, additional bulk capacitance may be necessary. This can be provided with a low performance electrolytic capacitor. Step-down regulators draw current from the input supply in pulses with very fast rise and fall times. The input capacitor is required to reduce the resulting voltage ripple at the LT3505 and to force this very high frequency switching current into a tight local loop, minimizing EMI. To accomplish this task, the input bypass capacitor must be placed close to the LT3505 and the catch diode; see the PCB Layout section. A second precaution regarding the ceramic input capacitor concerns the maximum input voltage rating of the LT3505. A ceramic input capacitor combined with trace or cable inductance forms a high quality (underdamped) tank circuit. If the LT3505 circuit is plugged into a live supply, the input voltage can ring to
Table 2. Inductor Vendors
VENDOR Sumida URL www.sumida.com PART SERIES CDRH4D28 CDRH5D28 CDRH5D28 A916CY D585LC WE-TPC(M) WE-PD2(M) WE-PD(S) INDUCTANCE RANGE (H) 1.2 to 4.7 2.5 to 10 2.5 to 33 2 to 12 1.1 to 39 1 to 10 2.2 to 22 1 to 27 Size (mm) 4.5 x 4.5 5.5 x 5.5 8.3 x 8.3 6.3 x 6.2 8.1 x 8.0 4.8 x 4.8 5.2 x 5.8 7.3 x 7.3
3505fc
Toko Wurth Elektronik
www.toko.com www.we-online.com
13
LT3505 APPLICATIONS INFORMATION
twice its nominal value, possibly exceeding the LT3505's voltage rating. This situation can be easily avoided; see the Hot Plugging Safely section. Output Capacitor The output capacitor has two essential functions. Along with the inductor, it filters the square wave generated by the LT3505 to produce the DC output. In this role it determines the output ripple so low impedance at the switching frequency is important. The second function is to store energy in order to satisfy transient loads and stabilize the LT3505's control loop. Ceramic capacitors have very low equivalent series resistance (ESR) and provide the best ripple performance. A good value is: COUT = 49/(VOUT * fSW) where COUT is in F and fSW is in MHz. Use X5R or X7R types and keep in mind that a ceramic capacitor biased with VOUT will have less than its nominal capacitance. This choice will provide low output ripple and good transient response. Transient performance can be improved with a high value capacitor, if the compensation network is also adjusted to maintain the loop bandwidth. A lower value of output capacitor can be used, but transient performance will suffer unless the compensation network is adjusted to reduce the loop gain. Also, a lower value output capacitor may result in increased sensitivity to noise which can be alleviated by adding a 22pF phase lead capacitor from FB to VOUT.
Table 3. Capacitor Vendors
VENDOR Panasonic PHONE (714) 373-7366 URL www.panasonic.com PART SERIES Ceramic, Polymer, Tantalum Ceramic, Tantalum Ceramic, Polymer, Tantalum Ceramic Ceramic, Tantalum Ceramic
3505fc
High performance electrolytic capacitors can be used for the output capacitor. Low ESR is important, so choose one that is intended for use in switching regulators. The ESR should be specified by the supplier and should be 0.1 or less. Such a capacitor will be larger than a ceramic capacitor and will have a larger capacitance, because the capacitor must be large to achieve low ESR. Table 3 lists several capacitor vendors. Figure 5 shows the transient response of the LT3505 with several output capacitor choices. The output is 3.3V. The load current is stepped from 500mA to 1.2A and back to 500mA and the oscilloscope traces show the output voltage. The upper photo shows the recommended value. The second photo shows the improved response (less voltage drop) resulting from a larger output capacitor and a larger phase lead capacitor. The last photo shows the response to a high performance electrolytic capacitor. Transient performance is improved due to the large output capacitance. BOOST Pin Considerations Capacitor C3 and diode D2 are used to generate a boost voltage that is higher than the input voltage. In most cases a 0.1F capacitor and fast switching diode (such as the 1N4148 or 1N914) will work well. Figure 6 shows two ways to arrange the boost circuit. The BOOST pin must be at least 2.3V above the SW pin for best efficiency. For outputs of 3.3V and above, the standard circuit (Figure 6a) is best. For outputs between 3V and 3.3V, use a 0.22F capacitor. For outputs between 2.5V and 3V, use a 0.47F
COMMENTS EEF Series
Kemet Sanyo
(864) 963-6300 (408) 749-9714
www.kemet.com www.sanyovideo.com
T494, T495 POSCAP
Murata AVX Taiyo Yuden
(404) 436-1300
www.murata.com www.avxcorp.com
TPS Series
(864) 963-6300
www.taiyo-yuden.com
14
LT3505 APPLICATIONS INFORMATION
VOUT 32.4k FB VC 100k 22pF 10.0k 22pF 10F VOUT 20mV/DIV AC COUPLED ILOAD 1A/DIV
10s/DIV ILOAD 1A/DIV
3505 F05a
VOUT 32.4k FB VC 100k 10.0k 44pF 10F x2
VOUT 20mV/DIV AC COUPLED
22pF
10s/DIV ILOAD 1A/DIV
3505 F05b
VOUT 32.4k FB VC 301k 10.0k 66pF
+
120F KEMET A700D127M006ATE015 VOUT 20mV/DIV AC COUPLED
22pF
10s/DIV
3505 F05c
Figure 5. Transient Load Response of the LT3505 with Different Output Capacitors as the Load Current is Stepped from 500mA to 1.2A. VIN = 12V, VOUT = 3.3V, L = 2H, RT = 20.0k
D2 BOOST LT3505 VIN VIN GND VBOOST - VSW VOUT MAX VBOOST VIN + VOUT (6a) SW VOUT VIN VIN GND VBOOST - VSW VIN MAX VBOOST 2VIN (6b) C3 D2 BOOST LT3505 SW VOUT C3
3505 F06a
3505 F06b
Figure 6. Two Circuits for Generating the Boost Voltage
3505fc
15
LT3505 APPLICATIONS INFORMATION
capacitor and a small Schottky diode (such as the BAT-54). For lower output voltages tie a Schottky diode to the input (Figure 6b). The circuit in Figure 6a is more efficient because the BOOST pin current comes from a lower voltage source. You must also be sure that the maximum voltage rating of the BOOST pin is not exceeded. The minimum operating voltage of an LT3505 application is limited by the undervoltage lockout (3.6V) and by the maximum duty cycle as outlined above. For proper start-up, the minimum input voltage is also limited by the boost circuit. If the input voltage is ramped slowly, or the LT3505 is turned on with its SHDN pin when the output is already in regulation, then the boost capacitor may not be fully charged. Because the boost capacitor is charged with the energy stored in the inductor, the circuit will rely on some minimum load current to get the boost circuit running properly. This minimum load will depend on the input and output voltages and on the arrangement of the boost circuit. The minimum load generally goes to zero once the circuit has started. Figure 7 shows a plot of minimum load to start and to run as a function of input voltage. In many cases the discharged output capacitor will present a load to the switcher which will allow it to start. The plots show the worst-case situation where VIN is ramping verly slowly. For lower start-up voltage, the boost diode can be tied to VIN; however this restricts the input range to one-half of the absolute maximum rating
7.2 7.0 6.8 INPUT VOLTAGE (V) 6.6 6.4 6.2 6.0 5.8 5.6 5.4 5.2 1 10 100 LOAD CURRENT (mA) 1000
3505 G15
of the BOOST pin. At light loads, the inductor current becomes discontinuous and the effective duty cycle can be very high. This reduces the minimum input voltage to approximately 400mV above VOUT. At higher load currents, the inductor current is continuous and the duty cycle is limited by the maximum duty cycle of the LT3505, requiring a higher input voltage to maintain regulation. Soft-Start The SHDN pin can be used to soft-start the LT3505, reducing the maximum input current during start-up. The SHDN pin is driven through an external RC filter to create a voltage ramp at this pin. Figure 8 shows the start-up waveforms with and without the soft-start circuit. By choosing a large RC time constant, the peak start up current can be reduced to the current that is required to regulate the output, with no overshoot. Choose the value of the resistor so that it can supply 20A when the SHDN pin reaches 2.3V. Shorted and Reversed Input Protection If the inductor is chosen so that it won't saturate excessively, an LT3505 buck regulator will tolerate a shorted output. There is another situation to consider in systems where the output will be held high when the input to the LT3505 is absent. This may occur in battery charging ap-
TA = 25C TO START INPUT VOLTAGE (V)
5.5 5.3 5.1 4.9 4.7 4.5 4.3 4.1 3.9 3.7 3.5 1
TA = 25C TO START
TO RUN
TO RUN
10 100 LOAD CURRENT (mA)
1000
(7a) Typical Minimum Input Voltage, VOUT = 5V, fSW = 750kHz
(7b) Typical Minimum Input Voltage, VOUT = 3.3V, fSW = 750kHz Figure 7
3505fc
16
LT3505 APPLICATIONS INFORMATION
RUN SHDN GND
VSW 5V/DIV
IL 1A/DIV
VOUT 2V/DIV VIN = 12V VOUT = 3.3V L = 2.5 H COUT = 10 F RT = 20.0k 10 s/DIV
3505 F08a
plications or in battery backup systems where a battery or some other supply is diode OR-ed with the LT3505's output. If the VIN pin is allowed to float and the SHDN pin is held high (either by a logic signal or because it is tied to VIN), then the LT3505's internal circuitry will pull its quiescent current through its SW pin. This is fine if your system can tolerate a few mA in this state. If you ground the SHDN pin, the SW pin current will drop to essentially zero. However, if the VIN pin is grounded while the output is held high, then parasitic diodes inside the LT3505 can pull large currents from the output through the SW pin and the VIN pin. Figure 9 shows a circuit that will run only when the input voltage is present and that protects against a shorted or reversed input.
D4 VIN VIN BOOST SW LT3505 VOUT
RUN 15k SHDN 0.068 F GND
SHDN RT GND
FB VC BACKUP
3505 F09
VSW 5V/DIV
Figure 9. Diode D4 Prevents a Shorted Input from Discharging a Backup Battery Tied to the Output; It Also Protects the Circuit from a Reversed Input. The LT3505 Runs Only When the Input is Present
IL 1A/DIV VOUT 2V/DIV VIN = 12V VOUT = 3.3V L = 2.5 H COUT = 10 F RT = 20.0k 10 s/DIV
3505 F08b
Hot Plugging Safely The small size, robustness and low impedance of ceramic capacitors make them an attractive option for the input bypass capacitor of LT3505 circuits. However, these capacitors can cause problems if the LT3505 is plugged into a live supply (see Linear Technology Application Note 88 for a complete discussion). The low loss ceramic capacitor combined with stray inductance in series with the power source forms an underdamped tank circuit and the voltage at the VIN pin of the LT3505 can ring to twice the nominal input voltage, possibly exceeding the LT3505's rating and
Figure 8. To Soft-Start the LT3505, Add a Resistor and Capacitor to the SHDN pin. VIN = 12V, VOUT = 3.3V, COUT = 10F, RLOAD = 5, RT = 20.0k, L = 2.5H
3505fc
17
LT3505 APPLICATIONS INFORMATION
damaging the part. If the input supply is poorly controlled or the user will be plugging the LT3505 into an energized supply, the input network should be designed to prevent this overshoot. Figure 10 shows the waveforms that result when an LT3505 circuit is connected to a 24V supply through six feet of 24-gauge twisted pair. The first plot is the response with a 2.2F ceramic capacitor at the input. The input voltage rings as high as 35V and the input current peaks at 20A. One method of damping the tank circuit is to add another capacitor with a series resistor to the circuit. In Figure 9b an aluminum electrolytic capacitor has been added. This capacitor's high equivalent series resistance damps the circuit and eliminates the voltage overshoot. The extra capacitor improves low frequency ripple filtering and can slightly improve the efficiency of the circuit, though it is likely to be the largest component in the circuit. An alternative solution is shown in Figure 9c. A 1 resistor is added in series with the input to eliminate the voltage overshoot (it also reduces the peak input current). A 0.1F capacitor improves high frequency filtering. This solution is smaller and less expensive than the electrolytic capacitor. For high input voltages its impact on efficiency is minor, reducing efficiency only one percent for a 5V output at full load operating from 24V. Frequency Compensation The LT3505 uses current mode control to regulate the output. This simplifies loop compensation. In particular, the LT3505 does not require the ESR of the output capacitor for stability allowing the use of ceramic capacitors to achieve low output ripple and small circuit size. Frequency compensation is provided by the components tied to the VC pin, as shown in Figure 10. Generally a
CLOSING SWITCH SIMULATES HOT PLUG IIN VIN
+
LT3505 2.2F
VIN 20V/DIV
DANGER! RINGING VIN MAY EXCEED ABSOLUTE MAXIMUM RATING OF THE LT3505
LOW IMPEDANCE ENERGIZED 24V SUPPLY
STRAY INDUCTANCE DUE TO 6 FEET (2 METERS) OF TWISTED PAIR
IIN 5A/DIV 20s/DIV
(9a)
LT3505 2.2F IIN 5A/DIV VIN 20V/DIV
+
10F 35V AI.EI.
+
(9b)
1 LT3505 2.2F IIN 5A/DIV VIN 20V/DIV
20s/DIV
+
0.1F
(9c)
20s/DIV
3505 F10
Figure 10. A Well Chosen Input Network Prevents Input Voltage Overshoot and Ensures Reliable Operation When the LT3505 is Connected to a Live Supply
3505fc
18
LT3505 APPLICATIONS INFORMATION
0.8V
VC
Loop compensation determines the stability and transient performance. Designing the compensation network is a bit complicated and the best values depend on the application and in particular the type of output capacitor. A practical approach is to start with one of the circuits in this data sheet that is similar to your application and tune the compensation network to optimize the performance. Stability should then be checked across all operating conditions, including load current, input voltage and temperature. The LT1375 data sheet contains a more thorough discussion of loop compensation and describes how to test the stability using a transient load. Figure 11 shows an equivalent circuit for the LT3505 control loop. The error amp is a transconductance amplifier with finite output impedance. The power section, consisting of the modulator, power switch and inductor, is modeled as a transconductance amplifier generating an output current proportional to the voltage at the VC node. Note that the output capacitor integrates this current and that the capacitor on the VC node (CC) integrates the error amplifier output current, resulting in two poles in the loop. RC provides a zero. With the recommended output capacitor, the loop crossover occurs above the RCCC zero. This simple model works well as long as the value of the inductor is not too high and the loop crossover frequency is much lower than the switching frequency. With a larger ceramic capacitor (very low ESR), crossover may be lower and a phase lead capacitor (CPL) across the feedback divider may improve the phase margin and transient response. Large electrolytic capacitors may have an ESR large enough to create an additional zero and the phase lead may not be necessary. If the output capacitor is different than the recommended capacitor, stability should be checked across all operating conditions, including load current, input voltage and temperature.
ERROR AMPLIFIER 2M
RC CF CC
Figure 11. Model for Loop Response
PCB Layout For proper operation and minimum EMI, care must be taken during printed circuit board layout. Figure 12 shows the recommended component placement with trace, ground plane and via locations. Note that large, switched currents flow in the LT3505's VIN and SW pins, the catch diode (D1) and the input capacitor (C2). The loop formed by these components should be as small as possible and tied to
SYSTEM GROUND VOUT : VIAS TO LOCAL GROUND PLANE : OUTLINE OF LOCAL GROUND PLANE C1 VOUT
SW
D1 C2 POWER GROUND
Figure 12. A Good PCB Layout Ensures Proper, Low EMI Operation
3505fc
+
gm = 200A/V
-
- +
capacitor (CC) and a resistor (RC) in series to ground are used. In addition, a lower value filter capacitor (CF) may be added in parallel. The filter capacitor is not a part of the loop compensation but is used to filter noise at the switching frequency, and is required only if a phase-lead capacitor is used or if the output capacitor has high ESR.
LT3505
CURRENT MODE POWER STAGE SW gm = 1.1A/V R1 FB ESR C1 R2 CPL
OUT
780mV
+
C1
3505 F11
BOOST 1 2 3 4 8 VC 7 6 5 SIGNAL GROUND
3505 F12
FB RT
VIN SHUTDOWN
19
LT3505 APPLICATIONS INFORMATION
system ground in only one place. These components, along with the inductor and output capacitor, should be placed on the same side of the circuit board and their connections should be made on that layer. Place a local, unbroken ground plane below these components and tie this ground plane to system ground at one location, ideally at the ground terminal of the output capacitor C1. The SW and BOOST nodes should be as small as possible. Finally, keep the FB node small so that the ground pin and ground traces will shield it from the SW and BOOST nodes. Include vias near the exposed GND pad of the LT3505 to help remove heat from the LT3505 to the ground plane. High Temperature Considerations The die temperature of the LT3505 must be lower than the maximum rating of 125C. This is generally not a concern unless the ambient temperature is above 85C. For higher temperatures, care should be taken in the layout of the circuit to ensure good heat sinking of the LT3505. The maximum load current should be derated as the ambient temperature approaches 125C. The die temperature is calculated by multiplying the LT3505 power dissipation by the thermal resistance from junction to ambient. Power dissipation within the LT3505 can be estimated by calculating the total power loss from an efficiency measurement and subtracting the catch diode loss. Thermal resistance depends on the layout of the circuit board, but 43C/W is typical for the (3mm x 3mm) DFN (DD) package. Outputs Greater Than 6V For outputs greater than 6V, add a 1k to 2.5k resistor across the inductor to damp the discontinuous ringing of the SW node, preventing unintended SW current. The 12V Step-Down Converter circuit in the Typical Applications section shows the location of this resistor. Also note that for outputs above 10V, the input voltage range will be limited by the maximum rating of the BOOST pin. The 12V circuit shows how to overcome this limitation using an additional zener diode. Other Linear Technology Publications Application notes AN19, AN35 and AN44 contain more detailed descriptions and design information for Buck regulators and other switching regulators. The LT1376 data sheet has a more extensive discussion of output ripple, loop compensation and stability testing. Design Note DN100 shows how to generate a bipolar output supply using a Buck regulator.
3505fc
20
LT3505 TYPICAL APPLICATIONS
2.2MHz, 3.3V Step-Down Converter
1N4148 VIN SHDN LT3505 FB RT 20.0k 1F GND VC 100k 22pF
3505 TA02
VIN 6V TO 36V ON OFF 10V CMPZ5240B 698k
BOOST 0.1F 3.3H SW 36.5k 22pF
VOUT 3.3V Frequency [MHz] / Load Current [A]
2.50 2.25 2.00 1.75 1.50 1.25 1.0 0.75 0.50 0.25 0.00 5 10 15 25 20 30 Input Voltage [V] 35 40 Switching Frequency Maximum Load Current
MBRM140
11.3k
10F
LTC3505 * TA02b
1.2MHz, 1.8V Step-Down Converter
BAT54 1.60 0.1F 4.7H SHDN LT3505 FB RT 44.2k 2.2F GND VC 60.4k 120pF
3505 TA03
ON OFF 12V CMPZ5242B 1.5M
SW 26.1k 68pF
VOUT 1.8V 1.2A
Frequency [MHz] / Load Current [A]
VIN 3.6V TO 25V
VIN
BOOST
1.40 1.20 1.00 0.80 0.60 0.40 0.20 0.00 0 5 Switching Frequency Maximum Load Current 10 15 INPUT VOLTAGE (V) 20 25
MBRM140
20.0k
22F
LT3505 * TA03b
3505fc
21
LT3505 TYPICAL APPLICATIONS
750kHz, 3.3V Step-Down Converter
1N4148 VIN SHDN LT3505 FB RT 75.0k 1F GND VC MBRM140 69.8k 70pF 11.3k 10F BOOST 0.1F 10H SW 36.5k 68pF VOUT 3.3V 1.1A, VIN > 5V 1.2A, VIN > 8V VIN 4.2V TO 36V ON OFF
3505 TA04
1MHz, 12V Step-Down Converter
CMDZ5235B 6V 0.1F BOOST VIN 13.5V TO 36V ON OFF VIN LT3505 SHDN RT 54.9k 3.3F GND FB VC 100k 22pF *FOR CONTINUOUS OPERATION ABOVE 30V, USE TWO 2k, 0.25W RESISTORS IN PARALLEL
3505 TA05
1N4148
1k* 0.25W 15H VOUT 12V 1A, VIN > 16.5V 1.1A, VIN > 20.5V
SW 71.5k 22pF
MBRM140
4.99k
10F
3505fc
22
LT3505 PACKAGE DESCRIPTION
DD Package 8-Lead Plastic DFN (3mm x 3mm)
(Reference LTC DWG # 05-08-1698)
R = 0.115 TYP 5 0.675 0.05 0.38 0.10 8
3.5 0.05 1.65 0.05 2.15 0.05 (2 SIDES) PACKAGE OUTLINE 0.25 0.05 PIN 1 TOP MARK (NOTE 6) 0.200 REF
3.00 0.10 (4 SIDES)
1.65 0.10 (2 SIDES)
0.50 BSC 2.38 0.05 (2 SIDES)
0.75 0.05
4 0.25 0.05 2.38 0.10 (2 SIDES)
1
(DD) DFN 1203
0.50 BSC
0.00 - 0.05
BOTTOM VIEW--EXPOSED PAD
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS NOTE: 1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WEED-1) 2. DRAWING NOT TO SCALE 3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE 5. EXPOSED PAD SHALL BE SOLDER PLATED 6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON TOP AND BOTTOM OF PACKAGE
(Reference LTC DWG # 05-08-1662)
0.889 0.127 (.035 .005)
BOTTOM VIEW OF EXPOSED PAD OPTION 1 5.23 (.206) MIN 2.083 0.102 3.20 - 3.45 (.082 .004) (.126 - .136) 2.06 0.102 (.081 .004) 1.83 0.102 (.072 .004) 4.90 0.152 (.193 .006)
MS8E Package 8-Lead Plastic MSOP
2.794 0.102 (.110 .004)
3.00 0.102 (.118 .004) (NOTE 3)
8
7 65
0.52 (.0205) REF
3.00 0.102 (.118 .004) (NOTE 4)
0.42 0.038 (.0165 .0015) TYP
0.65 (.0256) BSC
RECOMMENDED SOLDER PAD LAYOUT
8
1.10 (.043) MAX
1
23
4 0.86 (.034) REF
0.254 (.010) GAUGE PLANE
DETAIL "A" 0 - 6 TYP
DETAIL "A" 0.18 (.007) SEATING PLANE
0.53 0.152 (.021 .006)
0.22 - 0.38 (.009 - .015) TYP
0.65 (.0256) BSC
0.127 0.076 (.005 .003)
MSOP (MS8E) 0603
NOTE: 1. DIMENSIONS IN MILLIMETER/(INCH) 2. DRAWING NOT TO SCALE 3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE 4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS. INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE 5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
3505fc
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
23
LT3505 TYPICAL APPLICATIONS
300kHz, 3.3V Step-Down Converter
1N4148 VIN SHDN LT3505 FB RT 226k 2.2F GND VC MBRM140 100k 150pF 11.3k 68F KEMET A700D686M010ATE015 BOOST 0.47F 22H SW 36.5k 100pF VOUT 3.3V 1A, VIN > 5V 1.2A, VIN > 8.5V VIN 4V TO 36V ON OFF
3505 TA06
RELATED PARTS
PART NUMBER LT1766 LT1767 LT1933 LT1936 LT1940 LT1976/LT1977 LT3434/LT3435 LT3437 LT3493 DESCRIPTION 60V, 1.2A (IOUT), 200kHz, High Efficiency Step-Down DC/DC Converter 25V, 1.2A (IOUT), 1.25MHz, High Efficiency Step-Down DC/DC Converter 500mA (IOUT), 500kHz, Step-Down Switching Regulator in SOT-23 36V, 1.4A (IOUT), 500kHz, High Efficiency Step-Down DC/DC Converter Dual 25V, 1.4A (IOUT), 1.1MHz, High Efficiency Step-Down DC/DC Converter 60V, 1.2A (IOUT), 200kHz/500kHz, High Efficiency StepDown DC/DC Converters with Burst Mode(R) Operation 60V, 2.4A (IOUT), 200kHz/500kHz, High Efficiency StepDown DC/DC Converters with Burst Mode Operation 60V, 400mA (IOUT), Micropower Step-Down DC/DC Converter with Burst Mode Operation 36V, 1.2A (IOUT), 750kHz, High Efficiency Step-Down DC/DC Converter COMMENTS VIN: 5.5V to 60V, VOUT(MIN) = 1.2V, IQ = 2.5mA, ISD < 25A, TSSOP16/TSSOP16E Packages VIN: 3V to 25V, VOUT(MIN) = 1.20V, IQ = 1mA, ISD < 6A, MS8E Package VIN: 3.6V to 36V, VOUT(MIN) = 1.25V, IQ = 1.6mA, ISD < 1A, TSSOP16/TSSOP16E Packages VIN: 3.6V to 36V, VOUT(MIN) = 1.20V, IQ = 1.9mA, ISD < 1A, MS8E Package VIN: 3.6V to 25V, VOUT(MIN) = 1.25V, IQ = 3.8mA, ISD < 30A, TSSOP16E Package VIN: 3.3V to 60V, VOUT(MIN) = 1.25V, IQ = 100A, ISD < 1A, TSSOP16E Package VIN: 3.3V to 60V, VOUT(MIN) = 1.25V, IQ = 100A, ISD < 1A, TSSOP16E Package VIN: 3.3V to 60V, VOUT(MIN) = 1.25V, IQ = 100A, ISD = <1A, DFN Package VIN: 3.6V to 36V, VOUT(MIN) = 0.78V, IQ = 1.9mA, ISD < 2A, DFN Package
Burst Mode is a registered trademark of Linear Technology Corporation.
3505fc
24 Linear Technology Corporation
LT 0807 REV C * PRINTED IN USA
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 " FAX: (408) 434-0507 #"# www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2006


▲Up To Search▲   

 
Price & Availability of LT3685

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X