Part Number Hot Search : 
0015800 1N5187E3 05WS24 0515D 40240 0N60B PRN101 A1215
Product Description
Full Text Search
 

To Download LMBT6517LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
High Voltage Transistors
We declare that the material of product compliance with RoHS requirements.
LMBT6517LT1G
3
Ordering Information
Device LMBT6 517LT1G LMBT6517LT3G Marking 1Z 1Z Shipping 3000/Tape&Reel 10000/Tape&Reel
1 2
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current -- Continuous Symbol V CEO V V
CBO EBO
SOT-23
Value 350 350 5.0 250 500 Unit Vdc Vdc Vdc mAdc mAdc
2
EMITTER
3
COLLECTOR
1
BASE
IB IC
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board, (1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 556 300 2.4 417 -55 to +150 Unit mW mW/C C/W mW mW/C C/W C
RJA PD
RJA TJ , Tstg
DEVICE MARKING
LMBT6517LT1 G= 1Z
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted.)
Characteristic Symbol Min Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (I C = 1.0 mAdc ) Collector-Base Breakdown Voltage (I C = 100 Adc ) Emitter-Base Breakdown Voltage (I E = 10 Adc ) Collector Cutoff Current ( V CB = 250Vdc ) Emitter Cutoff Current ( V EB = 5.0Vdc ) 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. V (BR)CEO V (BR)CBO V
(BR)EBO
350 350 6.0 -- --
-- -- -- 50 50
Vdc Vdc Vdc nAdc nAdc
I CBO I EBO
1/6
LESHAN RADIO COMPANY, LTD.
LMBT6517LT1G
ELECTRICAL CHARACTERISTICS (T A = 25C unless otherwise noted) (Continued)
Characteristic Symbol hFE 20 30 30 20 15 VCE(sat) -- -- -- -- VBE(sat) -- -- -- V BE(on) -- 0.75 0.85 0.90 2.0 Vdc 0.30 0.35 0.50 1.0 Vdc -- -- 200 200 -- Vdc Min Max Unit --
ON CHARACTERISTICS
DC Current Gain (I C = 1.0 mAdc, V CE = 10 Vdc) (I C = 10mAdc, V CE = 10 Vdc) (I C = 30 mAdc, V CE = 10 Vdc) (I C = 50 mAdc, V CE = 10 Vdc) (I C = 100 mAdc, V CE = 10 Vdc) Collector-Emitter Saturation Voltage(3) (I C = 10mAdc, I B = 1.0mAdc) (I C = 20 mAdc, I B = 2.0 mAdc) (I C = 30 mAdc, I B = 3.0mAdc) (I C = 50 mAdc, I B = 5.0 mAdc) Base - Emitter Saturation Voltage (I C = 10mAdc, I B = 1.0mAdc,) (I C = 20mAdc, I B = 2.0mAdc,) (I C = 30mAdc, I B = 3.0mAdc,) Base-Emitter On Voltage (I C = 100mAdc, V CE = 10Vdc)
SMALL-SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product (V CE = 20 Vdc, I C = 10mAdc, f = 20 MHz) Collector -Base Capacitance (V CB = 20 Vdc, f = 1.0 MHz) Emitter -Base Capacitance (V EB=0.5 Vdc, f = 1.0 MHz) fT C cb C
eb
40 -- --
200 6.0 80
MHz pF pF
3. Pulse Test: Pulse Width = 300 s, Duty Cycle = 2.0%.
2/6
LESHAN RADIO COMPANY, LTD.
LMBT6517LT1G
200
f T, CURRENT- GAIN -- BANDWIDTH PRODUCT (MHz)
100
V CE = 10 V
100
T J = 125C
70 50
h FE , DC CURRENT GAIN
25C
70 50
-55C
30 20
30
T J = 25C V CE = 20 V f = 20 MHz
20
10 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100
10 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100
I C , COLLECTOR CURRENT (mA)
I C , COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
Figure 2. Current-Gain -- Bandwidth Product
1.4
2.5
R V , TEMPERATURE COEFFICIENTS (mV/C)
T J = 25C
1.2
2.0 1.5 1.0 0.5 0 -0.5 -1.0
I
C
IB
= 10
V, VOLTAGE (VOLTS)
1.0 0.8 0.6 0.4 0.2 0 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100
25C to 125C R VC for V CE(sat) -55C to 25C
V BE(sat) @ I C /I B = 10 V BE(on) @ V CE = 10 V
-55C to 125C
-1.5 -2.0 -2.5 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100
V CE(sat) @ I C /I B = 10 V CE(sat) @ I C /I B = 5.0
R VC for V BE
I C , COLLECTOR CURRENT (mA)
I C , COLLECTOR CURRENT (mA)
Figure 3. "On" Voltages
100 70 50
Figure 4. Temperature Coefficients
T J = 25C C eb
30
C, CAPACITANCE (pF)
20
10 7.0 5.0 3.0 2.0
C cb
1.0 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200
V R , REVERSE VOLTAGE (VOLTS)
Figure 5. Capacitance
3/6
LESHAN RADIO COMPANY, LTD.
LMBT6517LT1G
1.0k 700 500 300 200
10k
V CE(off) = 100 V t d @ V BE(off) = 2.0 V I C /I B = 5.0 T J = 25C
7.0k 5.0k 3.0k 2.0k
ts
tr
t, TIME (ns)
100 70 50 30 20 10 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100
t, TIME (ns)
1.0k 700 500 300 200 100 1.0 2.0
tf
V CE(off) = 100 V I C /I B = 5.0 I B1 = I B2 T J = 25C
3.0
5.0 7.0
10
20
30
50
70
100
I C , COLLECTOR CURRENT (mA)
I C , COLLECTOR CURRENT (mA)
Figure 6. Turn-On Time
+V CC V CC ADJUSTED FOR V CE(off) = 100 V 2.2 k
Figure 7. Turn-Off Time
+10.8 V
50 SAMPLING SCOPE 20 k 50
1.0 k -9.2 V 1/2MSD7000
PULSE WIDTH ~ 100 ms ~ t r , t f < 5.0 ns DUTY CYCLE <1.0% FOR PNP TEST CIRCUIT, REVERSE ALL VOLTAGE POLARITIES
APPROXIMATELY -1.35 V
(ADJUST FOR V (BE)off = 2.0 V)
Figure 8. Switching Time Test Circuit
1.0
RESISTANCE (NORMALIZED)
0.7 0.5 0.3 0.2
D = 0.5
0.1
0.1 0.07 0.05 0.03 0.02 0.01 0.1 0.2
0.05
SINGLE PULSE
SINGLE PULSE Z qJC(t) = r(t) * R qJC T J(pk) - T C = P (pk) Z qJC(t) Z qJA(t) = r(t) * R qJA T J(pk) - T A = P (pk) Z qJA(t)
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
t, TIME (ms)
Figure 9. Thermal Response
4/6
LESHAN RADIO COMPANY, LTD.
LMBT6517LT1G
FIGURE A tP PP PP
t
1
1/f tP PEAK PULSE POWER = P P DUTY CYCLE =t 1 f = t1
Design Note: Use of Transient Thermal Resistance Data
5/6
LESHAN RADIO COMPANY, LTD.
LMBT6517LT1G SOT-23
NOTES:
A L
3 1 2
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
BS
DIM A B C D G H J K L S V
V
G
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
PIN 1. BASE 2. EMITTER 3. COLLECTOR
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
6/6
LESHAN RADIO COMPANY, LTD.
EMBOSSED TAPE AND REEL DATA FOR DISCRETES
T Max Outside Dimension Measured at Edge 13.0mm 0.5mm 1.5mm Min (.512 .002'') (.06'') A
20.2mm Min (.795'')
50mm Min (1.969'')
Full Radius
G Inside Dimension Measured Near Hub
Size 8 mm
A Max 330mm (12.992'')
G 8.4mm+1.5mm, -0.0 (.33''+.059'', -0.00)
T Max 14.4mm (.56'')
Reel Dimensions
Metric Dimensions Govern -- English are in parentheses for reference only
Storage Conditions Temperature: 5 to 40 Deg.C (20 to 30 Deg. C is preferred) Humidity: 30 to 80 RH (40 to 60 is preferred ) Recommended Period: One year after manufacturing (This recommended period is for the soldering condition only. The characteristics and reliabilities of the products are not restricted to this limitation)
LESHAN RADIO COMPANY, LTD.
Shipment Specification
CPN
LABEL LABEL
LABEL 10Reel/Inner Box 30KPCS/Inner Box
Dim(Unit:mm)
195mm*195mm*150mm
10 Reel
3000PCS/Reel 8000PCS/Reel (SOT-723,SOD-723)
80KPCS/Inner Box (SOT-723,SOD-723)
Dim(Unit:mm)
460mm*400mm*420mm
LABEL
MARK
Leshan Radio Company,Ltd.
12 Inner Box/Carton 360KPCS/Carton
960KPCS/Carton (SOT-723,SOD-723)


▲Up To Search▲   

 
Price & Availability of LMBT6517LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X