|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
China Electronics Technology Group Corporation No.26 Research Institute 95MHz SAW Filter 4MHz Bandwidth Part Number:LBT09504 www.sipatsaw.com SIPAT Co., Ltd. Specifications Parameter Center Frequency Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 35 dB Bandwidth 40 dB Bandwidth 45 dB Bandwidth 50 dB Bandwidth 55 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection(f015MHz) Material Temperature coefficient Ambient Temperature Package Size Unit MHz dB MHz MHz MHz MHz MHz MHz MHz dB usec Minimum 94.9 4.35 55 Typical 95 26.4 4.22 4.42 5.15 5.19 5.23 5.27 5.3 0.8 3.9 63 -1.71 25 Maximum 95.1 27 5.2 5.6 6.4 14.4 1 4 - dB KHz/C C DIP3512 (35.0x12.8x4.7mm3) Notes: 1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show Matching Configuration L1 L2 L1=47nH L2=56nH C1=C2=82pF Source/Load Impedance=50 ohm C1 C2 Notes - Component values may change depending on board layout. SIPAT Co., Ltd. ( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060 Part Number Rev. Date Rev. LBT09504 2006-2-20 1.0 Page 1/3 Phone: +86-23-62920684 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com China Electronics Technology Group Corporation No.26 Research Institute 95MHz SAW Filter 4MHz Bandwidth Part Number:LBT09504 www.sipatsaw.com SIPAT Co., Ltd. Package Dimension 35.000.5 12.800.5 4.7 4.5 0.450.05 2.540.2 7.620.2 3 6 2 1 4 5 25.400.2 2.540.2 Input:1 Output:5 SIPAT Co., Ltd. ( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060 Part Number Rev. Date Rev. LBT09504 2006-2-20 1.0 Page 2/3 Phone: +86-23-62920684 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com China Electronics Technology Group Corporation No.26 Research Institute 95MHz SAW Filter 4MHz Bandwidth Part Number:LBT09504 www.sipatsaw.com SIPAT Co., Ltd. Typical Performance Frequency Respond -26.4654 Passband Respond -22 -36.4654 -23 -24 -46.4654 -25 -56.4654 -26 -66.4654 -27 -76.4654 -28 -86.4654 -29 -96.4654 -30 -31 -106.4654 83 86 89 92 95 98 101 104 107 92.5 93 93.5 94 94.5 95 95.5 96 96.5 97 97.5 Group Delay Variation(f02MHz) Phase Linearity(f02MHz) Smith Chart S11 Smith Chart S22 SIPAT Co., Ltd. ( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060 Part Number Rev. Date Rev. LBT09504 2006-2-20 1.0 Page 3/3 Phone: +86-23-62920684 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com |
Price & Availability of LBT09504 |