Part Number Hot Search : 
22E0430 BLP6060A R101G LTC2321 MC35001B LM117 230CC P6SMB15A
Product Description
Full Text Search
 

To Download LBS14031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 0.25MHz Bandwidth
Part Number: LBS14031
www. sipatsaw.com
SIPAT Co., Ltd.
Features
For IF SAW filter High attenuation Single-ended operation Dual In-line Package No matching required for operation at 50 RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Center Frequency Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 40 dB Bandwidth Passband Variation Absolute Delay Phase Linearity(f00.1MHz) Group Delay Variation(f00.1MHz) Ultimate Rejection Material Temperature coefficient Substrate Material Ambient Temperature Operating Temperature Range Storage Temperature Range DC Voltage Input Power ESD Class Package Size Notes: 1. 2. 3. 4. All specifications are based on the test circuit shown; In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature; Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances; This is the optimum impedance in order to achieve the performance show.
Unit
MHz dB MHz MHz MHz dB usec deg nsec dB KHz/C C C C V dBm -
Minimum
139.95 0.14 0.25 50
Typical
140 20.2 0.15 0.27 0.85 0.1 3.27 1.6 180 54 0.14 Qz 25
Maximum
140.05 26 0.95 1 2 400 -
-40 -45 -
0 1A
+85 +105 10
DIP2712 (27.0x12.8x4.7mm3)
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBS14031 2008-01-21 1.1 Page 1/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 0.25MHz Bandwidth
Part Number: LBS14031
www. sipatsaw.com
SIPAT Co., Ltd.
Matching Configuration
Source/Load Impedance=50 ohm
INPUT 50 OUTPUT 50
Notes - Component values may change depending on board layout.
Package Dimension
27.00 0.5
Pad Configuration:
SIPAT LBS14031 07XX
Input Output
1 5
12.80 0.5 4.7 4.5
Ground All Others
Marking Configuration: 1) SIPAT: Manufacturer Name 2) LBS14031: Part Number 3) 07XX: Date Code
0.45 0.05 2.54 0.2 7.62 0.2
3 6
Package: DIP2712
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
2 1
4 5
17.70 0.2
2.54 0.2
Unit: mm
Part Number Rev. Date Ver.
LBS14031 2008-01-21 1.1 Page 2/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 0.25MHz Bandwidth
Part Number: LBS14031
www. sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
Type Performance -10.2223 -20.2223 -30.2223
-19.7223 -18.7223
Passband Respond
-19.2223
-40.2223 Magnitude(dB) -50.2223 -60.2223 -70.2223 -80.2223
-21.7223 -20.2223
-20.7223
-21.2223
-90.2223 -100.2223 -110.2223 137.5 138 138.5 139 139.5 140 140.5 Frequency(MHz) 141 141.5 142 142.5
-22.2223
-22.7223 139.7
139.8
139.9
140
140.1
140.2
140.3
Horizontal: 0.5MHz/Div
Vertical: 10dB/Div
Horizontal: 0.1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f00.1MHz)
Type Performance 6 3500 4
Phase Linearity(f00.1MHz)
Type Performance
3400 2
X: 140 Y: 3281 X: 140 Y: 0.5503
Group Delay Time(ns)
3300
X: 139.9 Y: 3215
X: 140.1 Y: 3268
3200
Degree(deg)
0
X: 139.9 Y: -0.9314
X: 140.1 Y: -0.9778
-2
3100
-4
3000
-6
2900 139.6
139.7
139.8
139.9
140 Frequency(MHz)
140.1
140.2
140.3
140.4
-8 139.6
139.7
139.8
139.9
140 Frequency(MHz)
140.1
140.2
140.3
140.4
Horizontal: 0.1MHz/Div
Vertical: 100ns/Div
Horizontal: 0.1MHz/Div
Vertical: 2deg/Div
Smith Chart S11
+j1.0 +j0.5 +j2.0
Smith Chart S22
+j1.0 +j0.5 +j2.0
+j0.2
+j5.0
+j0.2
+j5.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
0.0
0.0
5.0
-j0.2
-j5.0
-j0.2
-j5.0
-j0.5 -j1.0
-j2.0
-j0.5 -j1.0
-j2.0
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBS14031 2008-01-21 1.1 Page 3/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBS14031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X