Part Number Hot Search : 
2N4093 C876764 SMBJ90CA ASWSS01 00059 200000 10310 RURG306
Product Description
Full Text Search
 

To Download KTA1504 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
PNP Silicon Epitaxial Planar Transistor
FEATURES
Complementary To KTC3875. Excellent HFE Linearity. Low noise.
Production specification
KTA1504
Pb
Lead-free
APPLICATIONS
General purpose application, switching application. SOT-23
ORDERING INFORMATION
Type No. KTA1504 Marking ASO/ASY/ASG Package Code SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Symbol VCBO VCEO VEBO IC IB
B
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Base Current Collector Power Dissipation Junction and Storage Temperature
Value -50 -50 -5 -150 -30 150 -55~150
Units V V V mA mA mW
PC Tj,Tstg
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSTC054 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
PNP Silicon Epitaxial Planar Transistor
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Transition frequency Collector output capacitance Noise figure Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE VCE(sat) fT Cob NF Test conditions IC=-100A,IE=0 IC=-1mA,IB=0
B
Production specification
KTA1504
MIN -50 -50 -5 -0.1 -0.1 70 -0.1 80 4.0 1.0 7.0 10 400 -0.3 V MHz pF dB TYP MAX UNIT V V V A A
IE=-100A,IC=0 VCB=-50V,IE=0 VEB=-5V,IC=0 VCE=-6V,IC=-2mA IC=-100mA, IB=-10mA
B
VCE=-10V, IC= -1mA VCB=-10V,IE=0,f=1MHz VCE=-6V,IC=-0.1mA, F=1KHz,Rg=10K
CLASSIFICATION
Rank Range Marking
OF
hFE
O 70-140 ASO Y 120-240 ASY G 200-400 ASG
Document number: BL/SSSTC054 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
PNP Silicon Epitaxial Planar Transistor
Production specification
KTA1504
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSTC054 Rev.A
www.galaxycn.com 3
BL Galaxy Electrical
PNP Silicon Epitaxial Planar Transistor
PACKAGE OUTLINE
Plastic surface mounted package
A E
Production specification
KTA1504
SOT-23
SOT-23
Dim A B C D Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35 Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
K
B
1.0Typical
D G
J
E G H
H C
J K
0.1Typical
All Dimensions in mm
SOLDERING FOOTPRINT
Unit : mm
PACKAGE
Device KTA1504
INFORMATION
Package SOT-23 Shipping 3000/Tape&Reel
Document number: BL/SSSTC054 Rev.A
www.galaxycn.com 4


▲Up To Search▲   

 
Price & Availability of KTA1504

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X