Part Number Hot Search : 
ENA1886 1M250 2SD1190 300MFRA KD40F80 HZS13NB3 IW4511B 55C4V
Product Description
Full Text Search
 

To Download IRLL110TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRLL110, SiHLL110
Vishay Siliconix
Power MOSFET
PRODUCT SUMMARY
VDS (V) RDS(on) () Qg (Max.) (nC) Qgs (nC) Qgd (nC) Configuration VGS = 5.0 V 6.1 2.6 3.3 Single
D
FEATURES
100 0.54
* * * * * * * *
Surface Mount Available in Tape and Reel Dynamic dV/dt Rating Repetitive Avalanche Rated Logic-Level Gate Drive RDS(on) Specified at VGS = 4 V and 5 V Fast Switching Lead (Pb)-free Available
Available
RoHS*
COMPLIANT
DESCRIPTION
SOT-223
G
S N-Channel MOSFET
Third generation Power MOSFETs from Vishay provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effictiveness. The SOT-223 package is designed for surface-mounting using vapor phase, infrared, or wave soldering techniques. Its unique package design allows for easy automatic pick-and-place as with other SOT or SOIC packages but has the added advantage of improved thermal performace due to an enlarged tab for heatsinking. Power dissipation of greater than 1.25 W is possible in a typical surface mount application.
ORDERING INFORMATION
Package Lead (Pb)-free SnPb Note a. See device orientation. SOT-223 IRLL110PbF SiHLL110-E3 IRLL110 SiHLL110 SOT-223 IRLL110TRPbFa SiHLL110T-E3a IRLL110TRa SiHLL110Ta
ABSOLUTE MAXIMUM RATINGS TC = 25 C, unless otherwise noted
PARAMETER Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Linear Derating Factor Linear Derating Factor (PCB Mount)e Single Pulse Avalanche Energyb Repetitive Avalanche Currenta Repetitive Avalanche Energya Maximum Power Dissipation Maximum Power Dissipation (PCB Mount)e Peak Diode Recovery dV/dtc Operating Junction and Storage Temperature Range Soldering Recommendations (Peak Temperature) Currenta VGS at 5.0 V TC = 25 C TC = 100 C SYMBOL VDS VGS ID IDM LIMIT 100 10 1.5 0.93 12 0.025 0.017 50 1.5 0.31 3.1 2.0 5.5 - 55 to + 150 300d UNIT V
A
W/C mJ A mJ W V/ns C
EAS IAR EAR TC = 25 C TA = 25 C PD dV/dt TJ, Tstg for 10 s
Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. VDD = 25 V, starting TJ = 25 C, L = 25 mH, RG = 25 , IAS = 1.5 A (see fig. 12). c. ISD 5.6 A, dI/dt 75 A/s, VDD VDS, TJ 150 C. d. 1.6 mm from case. e. When mounted on 1" square PCB (FR-4 or G-10 material). * Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 91320 S-81366-Rev. A, 07-Jul-08 www.vishay.com 1
IRLL110, SiHLL110
Vishay Siliconix
THERMAL RESISTANCE RATINGS
PARAMETER Maximum Junction-to-Ambient (PCB Mount)a Maximum Junction-to-Case (Drain) SYMBOL RthJA RthJC TYP. MAX. 60 40 UNIT C/W
Note a. When mounted on 1" square PCB (FR-4 or G-10 material).
SPECIFICATIONS TJ = 25 C, unless otherwise noted
PARAMETER Static Drain-Source Breakdown Voltage VDS Temperature Coefficient Gate-Source Threshold Voltage Gate-Source Leakage Zero Gate Voltage Drain Current VDS VDS/TJ VGS(th) IGSS IDSS RDS(on) gfs Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf LD LS Between lead, 6 mm (0.25") from package and center of die contact
D
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VGS = 0 V, ID = 250 A Reference to 25 C, ID = 1 mA VDS = VGS, ID = 250 A VGS = 10 V VDS = 100 V, VGS = 0 V VDS = 80 V, VGS = 0 V, TJ = 125 C VGS = 5.0 V VGS = 4.0 V ID = 0.90 Ab ID = 0.75 A
100 1.0 0.57
0.12 -
2.0 100 25 250 0.54 0.76 -
V V/C V nA A S
Drain-Source On-State Resistance Forward Transconductance Dynamic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current Pulsed Diode Forward Currenta Body Diode Voltage Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge Forward Turn-On Time
VDS = 25 V, ID = 0.90 A
VGS = 0 V, VDS = 25 V, f = 1.0 MHz, see fig. 5
-
250 80 15 9.3 47 16 18 4.0 6.0
6.1 2.6 3.3 nH ns nC pF
VGS = 5.0 V
ID = 5.6 A, VDS = 80 V, see fig. 6 and 13b
-
VDD = 50 V, ID = 5.6 A, RG = 12 , RD = 8.4
-
G
S
IS ISM VSD trr Qrr ton
MOSFET symbol showing the integral reverse p - n junction diode
D
-
110 0.50
1.5 A 12 2.5 130 0.65 V ns C
G
S
TJ = 25 C, IS = 1.5 A, VGS = 0
Vb
TJ = 25 C, IF = 5.6 A, dI/dt = 100 A/sb
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. Pulse width 300 s; duty cycle 2 %.
www.vishay.com 2
Document Number: 91320 S-81366-Rev. A, 07-Jul-08
IRLL110, SiHLL110
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
Fig. 1 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
Fig. 2 - Typical Output Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
Document Number: 91320 S-81366-Rev. A, 07-Jul-08
www.vishay.com 3
IRLL110, SiHLL110
Vishay Siliconix
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 8 - Maximum Safe Operating Area
www.vishay.com 4
Document Number: 91320 S-81366-Rev. A, 07-Jul-08
IRLL110, SiHLL110
Vishay Siliconix
VDS VGS RG
RD
D.U.T. + - VDD
5V
Pulse width 1 s Duty factor 0.1 %
Fig. 10a - Switching Time Test Circuit
VDS 90 %
10 % VGS td(on) tr td(off) tf
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Document Number: 91320 S-81366-Rev. A, 07-Jul-08
www.vishay.com 5
IRLL110, SiHLL110
Vishay Siliconix
L Vary tp to obtain required IAS RG VDS tp VDD D.U.T I AS 5V tp 0.01 IAS
Fig. 12b - Unclamped Inductive Waveforms
VDS
+ -
V DD
VDS
Fig. 12a - Unclamped Inductive Test Circuit
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
Current regulator Same type as D.U.T.
50 k 12 V 0.2 F 0.3 F
QG 5.0 V QGS QGD
+
D.U.T.
-
VDS
VG
VGS
3 mA
Charge
IG ID Current sampling resistors
Fig. 13a - Basic Gate Charge Waveform
Fig. 13b - Gate Charge Test Circuit
www.vishay.com 6
Document Number: 91320 S-81366-Rev. A, 07-Jul-08
IRLL110, SiHLL110
Vishay Siliconix
Peak Diode Recovery dV/dt Test Circuit
D.U.T
+
Circuit layout considerations * Low stray inductance * Ground plane * Low leakage inductance current transformer
+ +
-
RG
* * * *
dV/dt controlled by RG Driver same type as D.U.T. ISD controlled by duty factor "D" D.U.T. - device under test
+ VDD
Driver gate drive P.W. Period D=
P.W. Period VGS = 10 V*
D.U.T. ISD waveform Reverse recovery current Body diode forward current dI/dt D.U.T. VDS waveform Diode recovery dV/dt
VDD
Re-applied voltage Inductor current
Body diode forward drop
Ripple 5 %
ISD
* VGS = 5 V for logic level devices
Fig. 14 - For N-Channel
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?91320.
Document Number: 91320 S-81366-Rev. A, 07-Jul-08
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IRLL110TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X