Part Number Hot Search : 
05C10AD 1560A D1020 WP44YD L4148 2N6326 SEF206A SM2200B
Product Description
Full Text Search
 

To Download IRFB13N50A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRFB13N50A, SiHFB13N50A
Vishay Siliconix
Power MOSFET
PRODUCT SUMMARY
VDS (V) RDS(on) () Qg (Max.) (nC) Qgs (nC) Qgd (nC) Configuration VGS = 10 V 81 20 36 Single
D
FEATURES
500 0.450
* Lower Gate Charge Qg Results in Simpler Drive Reqirements * Improved Gate, Avalanche and Dynamic dV/dt Ruggedness
Available
RoHS*
COMPLIANT
* Fully Characterized Capacitance and Avalanche Voltage * Lead (Pb)-free Available
TO-220
APPLICATIONS
G
* Switch Mode Power Supply (SMPS) * Uninterruptible Power Supplies
S G D
S N-Channel MOSFET
* High Speed Power Switching
ORDERING INFORMATION
Package Lead (Pb)-free SnPb TO-220 IRFB13N50APbF SiHFB13N50A-E3 IRFB13N50A SiHFB13N50A
ABSOLUTE MAXIMUM RATINGS TC = 25 C, unless otherwise noted
PARAMETER Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Currenta VGS at 10 V TC = 25 C TC = 100 C SYMBOL VDS VGS ID IDM Energyb EAS IAR Energya TC = 25 C EAR PD dV/dt TJ, Tstg for 10 s 6-32 or M3 screw LIMIT 500 30 14 9.1 56 2.0 560 14 25 250 9.2 - 55 to + 150 300d 10 1.1 W/C mJ A mJ W V/ns C lbf * in N*m A UNIT V
Linear Derating Factor Single Pulse Avalanche Avalanche Currenta Repetitive Avalanche
Maximum Power Dissipation Peak Diode Recovery dV/dtc
Operating Junction and Storage Temperature Range Soldering Recommendations (Peak Temperature) Mounting Torque
Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. Starting TJ = 25 C, L = 5.7 mH, RG = 25 , IAS =14 A, dV/dt = 7.6 V/ns (see fig. 12a). c. ISD 14 A, dI/dt 250 A/s, VDD VDS, TJ 150 C. d. 1.6 mm from case. * Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 91095 S-81393-Rev. A, 07-Jul-08 www.vishay.com 1
IRFB13N50A, SiHFB13N50A
Vishay Siliconix
THERMAL RESISTANCE RATINGS
PARAMETER Maximum Junction-to-Ambient Case-to-Sink, Flat, Greasd Surface Maximum Junction-to-Case (Drain) SYMBOL RthJA RthCS RthJC TYP. 0.50 MAX. 62 0.50 C/W UNIT
SPECIFICATIONS TJ = 25 C, unless otherwise noted
PARAMETER Static Drain-Source Breakdown Voltage VDS Temperature Coefficient Gate-Source Threshold Voltage Gate-Source Leakage Zero Gate Voltage Drain Current Drain-Source On-State Resistance Forward Transconductance Dynamic Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Effective Output Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current Pulsed Diode Forward Currenta Body Diode Voltage Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge Body Diode Reverse Recovery Current Forward Turn-On Time IS ISM VSD trr Qrr IRRM ton TJ = 25 C, IF = 14 A, TJ = 125 C, dI/dt = 100 A/sb MOSFET symbol showing the integral reverse p - n junction diode
D
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS VDS/TJ VGS(th) IGSS IDSS RDS(on) gfs Ciss Coss Crss Coss Coss eff. Qg Qgs Qgd td(on) tr td(off) tf
VGS = 0 V, ID = 250 A Reference to 25 C, ID = 1 mA VDS = VGS, ID = 250 A VGS = 30 V VDS = 500 V, VGS = 0 V VDS = 400 V, VGS = 0 V, TJ = 125 C VGS = 10 V ID = 8.4 Ab
500 2.0 8.1
0.55 -
4.0 100 25 250 0.450 -
V V/C V nA A S
VDS = 50 V, ID = 8.4 A
VGS = 0 V, VDS = 25 V, f = 1.0 MHz, see fig. 5 VDS = 1.0 V, f = 1.0 MHz VGS = 0 V VDS = 400 V, f = 1.0 MHz VDS = 0 V to 400 Vc
-
1910 290 11 2730 82 160 15 39 39 31
81 20 36 ns nC pF
ID = 14 A, VDS = 400 V, see fig. 6 and 13b VGS = 10 V VDD = 250 V, ID = 14 A, RG = 7.5 , see fig. 10b
-
-
370 4.4 21
14 A 56 1.5 550 6.5 31 V ns C A
G
S
TJ = 25 C, IS = 14 A, VGS = 0 Vb
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. Pulse width 300 s; duty cycle 2 %. c. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80 % VDS.
www.vishay.com 2
Document Number: 91095 S-81393-Rev. A, 07-Jul-08
IRFB13N50A, SiHFB13N50A
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
100
TOP VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 4.5V
100
10
BOTTOM
TJ = 150 C
ID, Drain-to-Source Current (A)
ID, Drain-to-Source Current (A)
10
1
4.5V
TJ = 25 C
1
0.1
20s PULSE WIDTH TJ = 25 C
0.01 0.1 1 10 100
VDS = 50 20s PULSE WIDTH 0.1 4 6 8 10 12 14 16
VDS, Drain-to-Source Voltage (V)
VGS, Gate-to-Source Voltage (V)
Fig. 1 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
100
TOP
ID, Drain-to-Source Current (A)
BOTTOM
10
RDS(on), Drain-to-Source On Resistance
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 4.5V
3.0
ID = 14A
2.5
2.0
4.5V
(Normalized)
1.5
1
1.0
0.5
0.1 0.1 1
20s PULSE WIDTH TJ = 150 C
10 100
VGS = 10V
0.0 -60 -40 -20 0 20 40 60 80 100 120 140 160
VDS, Drain-to-Source Voltage (V)
TJ, Junction Temperature (C)
Fig. 2 - Typical Output Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
Document Number: 91095 S-81393-Rev. A, 07-Jul-08
www.vishay.com 3
IRFB13N50A, SiHFB13N50A
Vishay Siliconix
100000
10000
VGS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, Cds SHORTED Crss = Cgd Coss = Cds + Cgd
100
C, Capacitance (pF)
Ciss
1000
ISD, Reverse Drain Current (A)
TJ = 150 C
10
Coss
100
TJ = 25 C
1
10
Crss
1 1 10 100 1000
0.1 0.2 0.5 0.8
VGS = 0 V
1.1 1.4
VDS, Drain-to-Source Voltage (V)
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
VSD, Source-to-Drain Voltage (V)
Fig. 7 - Typical Source-Drain Diode Forward Voltage
12
1000
ID = 14A VDS = 400V VDS = 250V VDS = 100 V
10
ID, Drain-to-Source Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on) 100
VGS, Gate-to-Source Voltage (V)
7
10
100sec 1msec
5
1 Tc = 25C Tj = 150C Single Pulse 10 100 10msec
2
0 0 12 24 36 48 60
0.1
OG, Total Gate Charge (nC)
1000
10000
VDS, Drain-to-Source Voltage (V)
Fig. 8 - Maximum Safe Operating Area
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
www.vishay.com 4
Document Number: 91095 S-81393-Rev. A, 07-Jul-08
IRFB13N50A, SiHFB13N50A
Vishay Siliconix
15
VDS VGS
RD
D.U.T. + - VDD
12
RG
10 V
ID, Drain Current (A)
9
Pulse width 1 s Duty factor 0.1 %
Fig. 10a - Switching Time Test Circuit
6
VDS
3
90 %
0 25 50 75 100 125 150
TC, Case Temperature (C)
10 % VGS td(on) tr td(off) tf
Fig. 9 - Maximum Drain Current vs. Case Temperature
1
Fig. 10b - Switching Time Waveforms
D = 0.50
Thermal Response (ZthJC)
0.1
0.20 0.10 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) P DM t1 t2 Notes: 1. Duty factor D = t1 /t2 2. Peak TJ = PDM x ZthJC + TC
0.01
0.001 0.00001
0.001
0.001
0.01
0.1
1
t1, Rectangular Pulse Duration (sec)
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
15 V
VDS tp
VDS
L
Driver
RG 20 V tp
D.U.T. IAS 0.01
+ A - VDD
IAS
Fig. 12b - Unclamped Inductive Waveforms
Fig. 12a - Unclamped Inductive Test Circuit Document Number: 91095 S-81393-Rev. A, 07-Jul-08
www.vishay.com 5
IRFB13N50A, SiHFB13N50A
Vishay Siliconix
1150
ID TOP
920
6.3A 8.9A 14A
BOTTOM
EAS, Single Pulse Avalanche Energy (mJ)
690
460
230
0 25 50 75 100 125 150
Starting Tj, Junction Temperature (C)
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
Current regulator Same type as D.U.T.
50 k 12 V 0.2 F 0.3 F
VGS QGS
QG
QGD D.U.T.
+ -
VDS
VG
VGS
3 mA
Charge
IG ID Current sampling resistors
Fig. 13a - Basic Gate Charge Waveform
Fig. 13b - Gate Charge Test Circuit
www.vishay.com 6
Document Number: 91095 S-81393-Rev. A, 07-Jul-08
IRFB13N50A, SiHFB13N50A
Vishay Siliconix
Peak Diode Recovery dV/dt Test Circuit
D.U.T.
+
Circuit layout considerations * Low stray inductance * Ground plane * Low leakage inductance current transformer
+ +
-
RG
* * * *
dV/dt controlled by RG Driver same type as D.U.T. ISD controlled by duty factor "D" D.U.T. - device under test
+ VDD
Driver gate drive P.W. Period D=
P.W. Period VGS = 10 V*
D.U.T. ISD waveform Reverse recovery current Body diode forward current dI/dt D.U.T. VDS waveform Diode recovery dV/dt
VDD
Re-applied voltage Inductor current
Body diode forward drop
Ripple 5 %
ISD
* VGS = 5 V for logic level devices
Fig. 14 - For N-Channel
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?91095.
Document Number: 91095 S-81393-Rev. A, 07-Jul-08
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IRFB13N50A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X