Part Number Hot Search : 
MC14079 SK373 X27C1 J01400 PFR7006P PEMB1 CY7C63 SB201
Product Description
Full Text Search
 

To Download IHLP-5050CE-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IHLP-5050CE-06
Vishay Dale
10 % DCR Tolerance, Low Profile, Power Inductor
FEATURES
* * * * * * * * * * * * * * Lowest height (3.5 mm) in this package footprint Shielded construction Frequency range up to 5.0 MHz Lowest DCR/H, in this package size Handles high transient current spikes without saturation Ultra low buzz noise, due to composite construction 100 % lead (Pb)-free and RoHS compliant
RoHS
COM PLIANT
APPLICATIONS
Tolerance DCR for current sense applications Improved current balance in phased power supplies Improved thermal management PDA/Notebook/Desktop/Server and Battery powered devices High current, Low profile POL converters DC/DC converters in distributed power systems DC/DC converter for Field Programmable Gate Arrays (FPGA)
Manufactured under one or more of the following: US Patents; 6,198,375/6,204,744/6,449,829/6,460,244. Several foreign patents, and other patents pending.
STANDARD ELECTRICAL SPECIFICATIONS
HEAT RATING Lo CURRENT INDUCTANCE DCR m DC AMPS3 H 20 % at 10 % 100 kHz, 0.25 V, 0 A at 25 C TYPICAL 0.60 0.68 1.0 1.5 2.2 3.3 4.7 5.6 10 1.85 2.34 3.21 4.97 7.20 10.69 14.27 18.19 30.86 29 28 24 19 16 12 10 9.5 7 SATURATION CURRENT DC AMPS4 TYPICAL 51 49 40 35 29 27 24 19 14
DIMENSIONS in inches [millimeters]
Typical Pad Layout 0.508 [12.9] Max. 0.542 [13.76] 0.195 [4.95] 0.310 [7.87] 0.091 0.01 [2.3 0.3] 0.185 0.01 [4.7 0.3]
0.138 [3.5] Max.
0.520 0.015 [13.2 0.38] Max. The diagram above applies to values 0.6 H and below. Typical Pad Layout 0.508 [12.9] Max. 0.542 [13.8] 0.128 [3.3] 0.318 [8.1] 0.087 0.01 [2.2 0.254] 0.118 0.01 [3.0 0.3]
NOTES: 1. All test data is referenced to 25 C ambient 2. Operating Temperature Range - 55 C to + 125 C 3. DC current (A) that will cause an approximate T of 40 C 4. DC current (A) that will cause Lo to drop approximately 20 % 5. The part temperature (ambient + temp rise) should not exceed 125 C under worst case operating conditions. Circuit design, component placement, PWB trace size and thickness, airflow and other cooling provisions all affect the part temperature. Part temperature should be verified in the end application.
0.138 [3.5] Max.
0.520 0.015 [13.2 0.38] The diagram above applies to values 0.68 H and above.
DESCRIPTION
IHLP-5050CE-06 MODEL 1.0 H INDUCTANCE VALUE 20 % INDUCTANCE TOLERANCE ER PACKAGE CODE e3 JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I H L P 5 0 5 SIZE 0 C E E R 1 R 0 M 0 6
MODEL
PACKAGE CODE
INDUCTANCE INDUCTANCE SERIES VALUE TOLERANCE
www.vishay.com 54
For technical questions, contact: magnetics@vishay.com
Document Number: 34165 Revision: 21-Mar-06
IHLP-5050CE-06
10 % DCR Tolerance, Low Profile, Power Inductor
PERFORMANCE GRAPHS
IHLP-5050CE-06 0.60 H
1.0 T C 100 80 1.0 T C
Vishay Dale
IHLP-5050CE-06 0.68 H
100 80
TEMPERATURE (C)
0.6 L 0.4 0.2
60 40
0.6 L 0.4 0.2
60 40
20
20
0 0 10 20 30 40 50
0 60
0 0 10 20 30 40 50
0 60
DC CURRENT (AMPS)
DC CURRENT (AMPS)
IHLP-5050CE-06 1.0 H
1.4 T C 1.2 100 80 L 0.8 0.6 0.4 20 0.2 0 0 10 20 30 40 50 0 2.0 1.8
IHLP-5050CE-06 1.5 H
100 T C
TEMPERATURE (C)
1.0 60 40
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 10 20 30 40
L
60
40 20 0 50
DC CURRENT (AMPS)
DC CURRENT (AMPS)
IHLP-5050CE-06 2.2 H
3.0 T C 2.5 100 80 L 4.0 3.6
IHLP-5050CE-06 3.3 H
100 T C L 60
TEMPERATURE (C)
2.0 1.5
2.8 2.4 2.0 1.6 1.2 0.8 0.4 0 0 5 10 15 20 25
60 40
40 20 0 30
1.0 0.5 0 0 20
0 5 10 15 20 25 30 35
DC CURRENT (AMPS)
DC CURRENT (AMPS)
Document Number: 34165 Revision: 21-Mar-06
For technical questions, contact: magnetics@vishay.com
www.vishay.com 55
TEMPERATURE (C)
INDUCTANCE (H)
INDUCTANCE (H)
3.2
80
TEMPERATURE (C)
INDUCTANCE (H)
INDUCTANCE (H)
1.6
80
TEMPERATURE (C)
INDUCTANCE (H)
INDUCTANCE (H)
0.8
0.8
IHLP-5050CE-06
Vishay Dale
PERFORMANCE GRAPHS
IHLP-5050CE-06 4.7 H
6.0 5.5 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 T C 100 80 L 60 40
10 % DCR Tolerance, Low Profile, Power Inductor
IHLP-5050CE-06 5.6 H
8 7 T C 100 80 6 5 4 3 2 1 40 L 60
TEMPERATURE (C)
20
20
0 5 10 15 20 25 30
0 0 5
0 10 15 20 25
DC CURRENT (AMPS)
DC CURRENT (AMPS)
IHLP-5050CE-06 10 H
16.0 T C 14.0 100
12.0 60 10.0 L 8.0 6.0 4.0 0 2 4 6 8 10 12 14 40 20 0
DC CURRENT (AMPS)
www.vishay.com 56
For technical questions, contact: magnetics@vishay.com
TEMPERATURE (C)
INDUCTANCE (H)
80
Document Number: 34165 Revision: 21-Mar-06
TEMPERATURE (C)
INDUCTANCE (H)
INDUCTANCE (H)
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IHLP-5050CE-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X