Part Number Hot Search : 
35020 MP7645KN TFS1227B 00N06 DL323 2604A 20N10 C4017
Product Description
Full Text Search
 

To Download HD74LS190 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74LS190
Synchronous Up / Down Decade Counter (signal clock line)
REJ03D0452-0200 Rev.2.00 Jul.15.2005 Synchronous operation is provided by having all flip-flops clocked simultaneously so that the outputs change coincident with each other when so instructed by the steering logic. This mode of operation eliminates the output counting spikes normally associated with asynchronous (ripple clock) counters. The outputs of the four master-slave flip-flops are triggered on a low-to-high-level transition of the clock input if the enable input is low. A high at the enable input inhibits counting. Level changes at the enable input should be made only when the clock input is high. The direction of the count is determined by the level of the down / up input. When low, the counter counts up and when high, it counts down. Level changes at the down / up input should be made only when the clock input is high. This counter is fully programmable; that is, the outputs may be preset to either level by placing a low on the load input and entering the desired data at the data inputs. The output will change to agree with the data inputs independently of the level of the clock input. This feature allows the counters to be used as modulo-N dividers by simply modifying the count length with the preset inputs. The clock, down / up, and load inputs are buffered to lower the drive requirement which significantly reduces the number of clock drivers, etc., required for long parallel words. Two outputs have been made available to perform the cascading function: ripple clock and maximum / minimum count. The latter output produces a high-level output pulse with a duration approximately equal to one complete cycles to the clock when the counter overflows or underflows. The ripple clock output produces a low-level output pulse equal in width to the low-level portion of the clock input when an overflow or underflow conditions exists. The counters can be easily cascaded by feeding the ripple clock output to the enable input of the succeeding counter if parallel clocking is used, or to the clock input if parallel enabling is used. The maximum / minimum count output can be used to accomplish look-ahead for high-speed operation.
Features
* Ordering Information
Part Name HD74LS190P HD74LS190FPEL Package Type DILP-16 pin SOP-16 pin (JEITA) Package Code (Previous Code) PRDP0016AE-B (DP-16FV) Package Abbreviation P Taping Abbreviation (Quantity) -- EL (2,000 pcs/reel)
PRSP0016DH-B FP (FP-16DAV) Notes: Please consult the sales office for the above package availability.
Rev.3.00, Jul.15.2005, page 1 of 10
HD74LS190
Pin Arrangement
Data B Input QB Outputs QA Enable G Inputs Down/Up QC Outputs QD GND 7 8
QD D C
1
B
16
QB QA G Dn/Up QC A CK Ripple Clock Max/ Min Load
VCC Data A Inputs Clock Ripple Clock Max/Min Load Data C Data D Inputs Outputs
2 3 4 5 6
15 14 13 12 11 10 9
(Top view)
Rev.3.00, Jul.15.2005, page 2 of 10
HD74LS190
Block Diagram
Clock Down/Up Data Input A Preset J QA Enable G CK K QA Clear Ripple Clock Max/Min Output
Output QA
Data Input B
Preset J QB CK K QB Clear
Output QB
Data Input C Preset J QC CK K QC Clear Output QC
Data Input D Preset J QD CK K QD Clear Load Output QD
Absolute Maximum Ratings
Item Supply voltage Input voltage Power dissipation Storage temperature Symbol VCC VIN PT Tstg Ratings 7 7 400 -65 to +150 Unit V V mW C
Note: Voltage value, unless otherwise noted, are with respect to network ground terminal.
Rev.3.00, Jul.15.2005, page 3 of 10
HD74LS190
Recommended Operating Conditions
Item Supply voltage Output current Operating temperature Clock frequency Clock pulse width Load pulse width Setup time Hold time Enable time Symbol VCC IOH IOL Topr clock tw (CK) tw (Load) tsu th (data) tenable Min 4.75 -- -- -20 0 25 35 20 3 40 Typ 5.00 -- -- 25 -- -- -- -- -- -- Max 5.25 -400 8 75 20 -- -- -- -- -- Unit V A mA C MHz ns ns ns ns ns
Electrical Characteristics
(Ta = -20 to +75 C)
Item Input voltage Symbol VIH VIL VOH min. 2.0 -- 2.7 -- -- -- -- -- -- -- -- typ.* -- -- -- -- -- -- -- -- -- -- -- max. -- 0.8 -- 0.4 0.5 60 20 -1.2 -0.4 0.3 0.1 Unit V V V V A mA mA Condition
Output voltage VOL Enable Others Enable Others Enable Others IIH IIL II
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V, IOH = -400 IOL = 4 mA VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V IOL = 8 mA VCC = 5.25 V, VI = 2.7 V VCC = 5.25 V, VI = 0.4 V VCC = 5.25 V, VI = 7 V VCC = 5.25 V VCC = 5.25 V VCC = 4.75 V, IIN = -18 mA
Input current
Short-circuit output IOS -20 -- -100 mA current Supply current** ICC -- 20 35 mA Input clamp voltage VIK -- -- -1.5 V Notes: * VCC = 5 V, Ta = 25C ** ICC is measured with all outputs open and all inputs grounded.
Rev.3.00, Jul.15.2005, page 4 of 10
HD74LS190
Switching Characteristics
(VCC = 5 V, Ta = 25C)
Item Maximum clock frequency Symbol max tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL Inputs Clock Load A, B, C, D Clock Clock Clock Down / Up Down / Up Enable Outputs QA, QB, QC, QD QA, QB, QC, QD QA, QB, QC, QD Ripple Clock QA, QB, QC, QD Max / Min Ripple Clock Max / Min Ripple Clock min. 20 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- typ. 25 22 33 20 27 13 16 16 24 28 37 30 30 21 22 21 22 max. -- 33 50 32 40 20 24 24 36 42 52 45 45 33 33 33 33 Unit MHz ns ns ns ns ns ns ns ns CL = 15 pF, RL = 2 k Condition
Propagation delay time
Rev.3.00, Jul.15.2005, page 5 of 10
HD74LS190
Count Sequences
Load A B C D Clock Down/Up Enable G QA QB QC QD Max/Min Ripple Clock
7 Load
8
9
0
1
2
2 Inhibit
2
1
0
9
8
7
Count Up
Count Down
Illustrated below is the following sequence: 1. Load (preset) to BCD seven. 2. Count up to eight, nine (maximum), zero, one and two. 3. Inhibit 4. Count down to one, zero (minimum), nine, eight, and seven.
Rev.3.00, Jul.15.2005, page 6 of 10
HD74LS190
Testing Method
Test Circuit
VCC
Output 4.5V Ripple Clock Enable Down/Up Clock A B C D Load QB Output QC Output QD Same as Load Circuit 1. Same as Load Circuit 1. Same as Load Circuit 1. QA Output Same as Load Circuit 1. Output Max/Min Output Same as Load Circuit 1. RL Load circuit 1
CL
Input P.G. Zout = 50
Notes:
1. CL includes probe and jig capacitance. 2. All diodes are 1S2074(H).
Waveforms 1
tTLH Data Input 10% tsu Load Input 90% 90% 1.3V 90% 1.3V 10% tsu 3V 1.3V 10% tTLH Output Q VOL 1.3V 10% tTLH VOH 90% 0V 0V tTHL 3V
Note:
Input pulse: tTLH, tTHL 10 ns, PRR = 1 MHz, duty cycle 50%
Rev.3.00, Jul.15.2005, page 7 of 10
See Testing Table
HD74LS190 Waveforms 2 LoadQ, DataQ
3V Load 1.3V 1.3V 0V 3V Data (A to D) 1.3V 1.3V 0V VOH Output Q 1.3V tPLH tPHL 1.3V tPLH 1.3V tPHL 1.3V VOL
Note:
Conditions on other inputs are irrelevant.
Waveforms 3 GRipple CK, CKRipple CK, Down / UpRipple CK, Down / UpMax / Min
3V Load 0V 3V Down/Up 1.3V 1.3V 0V 3V Clock 1.3V 1.3V 0V 3V G 0V tPHL tPLH tPHL tPLH VOH Ripple/Clock 1.3V 1.3V tPLH 1.3V 1.3V VOL tPHL VOH Max/Min 1.3V 1.3V VOL
Note:
All data inputs are low.
Rev.3.00, Jul.15.2005, page 8 of 10
HD74LS190 Waveforms 4 ClockQ
3V Load 0V 3V Data 0V 3V Down/Up 0V 3V Clock 1.3V 1.3V 0V Q Enable = 0V VOH 1.3V tPLH 1.3V VOL tPHL
Notes:
1. When test the QA, QB, and QC outputs, data inputs A, B and C are shown by the solid line, and data input D is shown by the dashed line. 2. When test the QD output, data inputs A and D are shown by the solid line, and data inputs B and C are held at the low logic level.
Waveforms 5 ClockMax / Min
3V Load 0V 3V A Inputs B, C, D 0V 3V Down/Up 0V 3V Clock 1.3V 1.3V 1.3V 1.3V 0V Max/Min Enable = 0V tPLH VOH 1.3V 1.3V tPHL tPLH 1.3V 1.3V VOL tPHL 0V 3V
Note:
Data inputs B and C are shown by the dashed line. Data input D is shown by the solid line.
Rev.3.00, Jul.15.2005, page 9 of 10
HD74LS190
Package Dimensions
JEITA Package Code P-DIP16-6.3x19.2-2.54 RENESAS Code PRDP0016AE-B Previous Code DP-16FV MASS[Typ.] 1.05g
D
16
9
1 0.89 b3
8
Z
E
A1
A
Reference Symbol
Dimension in Millimeters Min Nom 7.62 19.2 6.3 20.32 7.4 5.06 0.51 0.40 0.48 1.30 0.19 0 2.29 2.54 0.25 0.31 15 2.79 1.12 2.54 0.56 Max
e D E
L
1
A A1
e
bp
e1
b c b c
p 3
e Z ( Ni/Pd/Au plating ) L
JEITA Package Code P-SOP16-5.5x10.06-1.27
RENESAS Code PRSP0016DH-B
Previous Code FP-16DAV
MASS[Typ.] 0.24g
*1
D F 9
16
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE
E
Index mark
Reference Symbol
*2
c
Dimension in Millimeters Min Nom 10.06 5.50 Max 10.5
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
D E A2
8 bp x M L1
A1 A bp b1 c
0.00
0.10
0.20 2.20
0.34
0.40
0.46
0.15
1
0.20
0.25
A
c
HE
0 7.50 7.80 1.27
8 8.00
A1
y L
e x y
0.12 0.15 0.80 0.50
1
Detail F
Z L L 0.70 1.15
0.90
Rev.3.00, Jul.15.2005, page 10 of 10
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> 2-796-3115, Fax: <82> 2-796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd. Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2005. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .3.0


▲Up To Search▲   

 
Price & Availability of HD74LS190

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X