Part Number Hot Search : 
74813 LTC3773 LZ39B ISL6224 HB3C4W A2012 04N50C3 MAX853
Product Description
Full Text Search
 

To Download HAF2017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HAF2017(L), HAF2017(S)
Silicon N Channel Power MOS FET Power Switching
REJ03G0234-0200Z (Previous ADE-208-1637 (Z)) Rev.2.00 Apr.13.2004
Descriptions
This FET has the over temperature shutdown capability sensing the junction temperature. This FET has the built-in over temperature shutdown circuit in the gate area. And this circuit operation to shutdown the gate voltage in case of high junction temperature like applying over power consumption, over current etc..
Features
* * * * Logic level operation (4 to 6 V Gate drive) High endurance capability against to the short circuit Built-in the over temperature shutdown circuit Latch type shutdown operation (Need 0 voltage recovery)
Outline
D
LDPAK(L)
4 G
LDPAK(S)-1
4
Gate Resistor Temperature Sensing Circuit Latch Circuit Gate Shutdown Circuit
1 1
2
3
2
3
1. Gate 2. Drain 3. Source 4. Drain
S
Rev.2.00, Apr.13.2004, page 1 of 8
HAF2017(L), HAF2017(S)
Absolute Maximum Ratings
(Ta = 25C) Item Drain to source voltage Gate to source voltage Gate to source voltage Drain current Drain peak current Body-drain diode reverse drain current Channel dissipation Channel temperature Storage temperature Notes: 1. PW 10s, duty cycle 1% 2. Value at Tch = 25C Symbol VDSS VGSS VGSS ID ID (pulse) IDR PchNote2 Tch Tstg
Note1
Rating 60 16 -2.5 20 40 20 50 150 -55 to +150
Unit V V V A A A W C C
Typical Operation Characteristics
(Ta = 25C) Item Input voltage Input voltage Input current (Gate non shut down) Input current (Gate non shut down) Input current (Gate non shut down) Input current (Gate shut down) Input current (Gate shut down) Shutdown temperature Gate operation voltage Symbol VIH VIL IIH1 IIH2 IIL IIH(sd)1 IIH(sd)2 Tsd VOP Min 3.5 -- -- -- -- -- -- -- 3.5 Typ -- -- -- -- -- 0.8 0.35 175 -- Max -- 1.2 100 50 1 -- -- -- 12 Unit V V A A A mA mA C V Test Conditions
Vi = 8V, VDS =0 Vi = 3.5V, VDS =0 Vi = 1.2V, VDS =0 Vi = 8V, VDS =0 Vi = 3.5V, VDS =0 Channel temperature
Rev.2.00, Apr.13.2004, page 2 of 8
HAF2017(L), HAF2017(S)
Electrical Characteristics
(Ta = 25C) Item Darin current Darin current Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Symbol ID1 ID2 V(BR)DSS V(BR)GSS V(BR)GSS IGSS1 IGSS2 IGSS3 IGSS4 IGS(OP)1 IGS(OP)2 IDSS VGS(off) |yfs| RDS(on) RDS(on) Coss td(on) tr td(off) tf VDF trr tos1 tos2 Min 1 -- 60 16 -2.5 -- -- -- -- -- -- -- 1.4 6 -- -- -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- -- -- -- -- 0.8 0.35 -- -- 21 35 27 460 8.7 44.6 2 2.6 0.9 120 0.97 0.57 Max -- 10 -- -- -- 100 50 1 -100 -- -- 10 2.6 -- 53 43 -- -- -- -- -- -- Unit A mA V V V A A A A mA mA A V S m m pF s s s s V ns ms ms Test conditions VGS = 3.5 V, VDS = 2 V VGS = 1.2 V, VDS = 2 V ID = 10 mA, VGS =0 IG = 800 A, VDS =0 IG = -100 A, VDS =0 VGS = 8 V, VDS =0 VGS = 3.5 V, VDS =0 VGS = 1.2 V, VDS =0 VGS = -2.4 V, VDS =0 VGS = 8 V, VDS =0 VGS = 3.5 V, VDS =0 VDS = 60 V, VGS = 0 VDS = 10 V, ID = 1 mA ID =10 A, VDS =10 VNote3 ID = 10 A, VGS = 4.5 VNote3 ID = 10 A, VGS = 10 VNote3 VDS = 10 V, VGS =0, f = 1 MHz VGS = 5 V, ID= 10 A, RL = 3
Input current (shut down) Zero gate voltage drain current Gate to source cutoff voltage Forward transfer admittance Static drain to source on state resistance Output capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body-drain diode forward voltage Body-drain diode reverse recovery time Over load shut down operation timeNote4
IF = 20A, VGS = 0 IF = 20 A, VGS = 0, diF/dt = 50 A/s VGS = 5 V, VDD = 16 V VGS = 5 V, VDD = 24 V
Notes: 3. Pulse test 4. Include the time shift based on increasing of channel temperature when operate under over load condition.
Rev.2.00, Apr.13.2004, page 3 of 8
HAF2017(L), HAF2017(S)
Main Characteristics
Power vs. Temperature Derating 80 500 200 60 Maximum Safe Operation Area Thermal shut down operation area
10 s
10
Channel Dissipation Pch (W)
Drain Current ID (A)
100 50 20 10 5 Operation in this area 2 is limited RDS(on) 1 0.5 Ta = 25C 0.3 0.5 1 2
0
s
40
1
m
s
20
PW DC = 1 0 (T O c = pe ms 25 ratio C )n
0
50
100
150
200
5
10 20
50 100
Case Temperature Tc (C)
Drain to Source voltage VDS (V)
50
Typical Output Characteristics 10 V 8V Pulse Test
Typical Transfer Characteristics 50 VDS = 10 V Pulse Test 40
40
Drain Current ID (A)
6V 30 5V 4V VGS = 3.5 V 10
Drain Current ID (A)
30 Tc = -25C 25C 20 75C
20
10
0
2 4 6 Drain to Source Voltage
8 10 VDS (V)
0
2 4 6 8 10 Gate to Source Voltage VGS (V)
Static Drain to Source On State Resistance RDS(on) (m)
Drain Source Saturation Voltage vs. Gate to Source Voltage
Static Drain to Source State Resistance vs. Drain Current 1000 300 100 VGS = 4.5 V 30 VGS = 10 V 10 3 Pulse Test 1 0.1 0.3 1 3 10 30 Drain Current ID (A) 100
Drain to Source Saturation Voltage VDS(on) (V)
1.0
Pulse Test
0.8 ID = 20 A
0.6
0.4 10 A 0.2 5A
0
2 4 6 Gate to Source Voltage
8 10 VGS (V)
Rev.2.00, Apr.13.2004, page 4 of 8
HAF2017(L), HAF2017(S)
Static Drain to Source on State Resistance vs. Temperature 100 Pulse Test 80 ID = 20 A 60 VGS = 4.5 V ID = 20 A 5A VGS = 10 V 0 25 50 75 100 125 150 Tc (C) 10 A 10 A 5A Forward Transfer Admittance vs. Drain Current VDS = 10 V Pulse Teat 10 25C 1 75C Tc = -25C
Static Drain to Source On State Resistance RDS(on) (m)
40
Forward Transfer Admittance |yfs| (S)
100
20 0 -25
0.1
0.01 0.01
0.1
1
10
100
Case Temperature
Drain Current ID (A)
Body-Drain Diode Reverse Recovery Time 1000 100 di / dt = 50 A / s V GS = 0, Ta = 25C
Switching Characteristics V GS = 5 V, V DD = 30 V 50 PW = 300 s, duty < 1 % tr 20 10 5 2 1 0.1 tf t d(off) 0.3 1 3 10 30 Drain Current ID (A) 100 t d(on)
Reverse Recovery Time trr (ns)
500
200 100 50
20 10 0.1
0.3 1 3 10 30 100 Reverse Drain Current IDR (A) Reverse Drain Current vs. Source to Drain Voltage Pulse Test
Switching Time t (s)
50
10000
Typical Capacitance vs. Drain to Source Voltage
Reverse Drain Current IDR (A)
Capacitance C (pF)
40
1000 Coss
30 VGS = 0 V 20 10 V 5V
100 VGS = 0 f = 1 MHz 10
10
0
0.4
0.8
1.2
1.6
2.0
0
Source to Drain Voltage
VDS (V)
10 20 30 40 50 60 Drain to Source Voltage VDS (V)
Rev.2.00, Apr.13.2004, page 5 of 8
HAF2017(L), HAF2017(S)
Gate to Source Voltage vs. Shutdown Time of Load-Short Test 12 10
Shutdown Case Temperature Tc (C) VGS (V)
Shutdown Case Temperature vs. Gate to Source Voltage 200
180
Gate to Source Voltage
VDD = 16 V 24 V 5
160
140
120 100 0
ID = 5 A
0 100
1m
10m
100m
2
4
6
8 VGS (V)
10
Shutdown Time of Load-Short Test Pw (S)
Gate to Source Voltage
Normalized Transient Thermal Impedance vs. Pulse Width
Normalized Transient Thermal Impedance s (t)
3 Tc = 25C
1
D=1 0.5
0.3
0.2
0.1
0.1
0.05
0.02
ch - c(t) = s (t) * ch - c ch - c = 2.5C/W, Tc = 25C
PDM PW T
D=
0.03
PW T
1 lse 0.0 pu ot h 1s
0.01 10
100
1m
10 m Pulse Width PW (S)
100 m
1
10
Rev.2.00, Apr.13.2004, page 6 of 8
HAF2017(L), HAF2017(S)
Package Dimensions
As of January, 2003
Unit: mm
(1.4)
4.44 0.2 10.2 0.3 1.3 0.15
11.3 0.5 0.3 10.0 + 0.5 -
8.6 0.3
1.3 0.2 1.37 0.2
0.76 0.1 2.54 0.5 2.54 0.5
11.0 0.5
0.2 0.86 + 0.1 -
2.49 0.2
0.4 0.1
Package Code JEDEC JEITA Mass (reference value)
LDPAK (L) -- -- 1.40 g
As of January, 2003
Unit: mm
4.44 0.2 10.2 0.3
(1.4)
8.6 0.3
+ 0.3 - 0.5
10.0
(1.5)
(1.5)
2.49 0.2 0.2 0.1 + 0.1 -
7.8 7.0
2.2
1.37 0.2
0.3 3.0 + 0.5 -
1.3 0.2 2.54 0.5
0.2 0.86 + 0.1 -
0.4 0.1
2.54 0.5
Package Code JEDEC JEITA Mass (reference value)
LDPAK (S)-(1) -- -- 1.30 g
Rev.2.00, Apr.13.2004, page 7 of 8
1.7
1.3 0.15
7.8 6.6
HAF2017(L), HAF2017(S)
Ordering Information
Part Name HAF2017-90L HAF2017-90S HAF2017-90STL HAF2017-90STR Quantity Max: 50 pcs/ sack Max: 50 pcs/ sack 1000 pcs/ Reel 1000 pcs/ Reel Shipping Container Sack Sack Embossed tape Embossed tape
Note: For some grades, production may be terminated. Please contact the Renesas sales office to check the state of production before ordering the product.
Rev.2.00, Apr.13.2004, page 8 of 8
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500 Fax: <1> (408) 382-7501 Renesas Technology Europe Limited. Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, United Kingdom Tel: <44> (1628) 585 100, Fax: <44> (1628) 585 900 Renesas Technology Europe GmbH Dornacher Str. 3, D-85622 Feldkirchen, Germany Tel: <49> (89) 380 70 0, Fax: <49> (89) 929 30 11 Renesas Technology Hong Kong Ltd. 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2375-6836 Renesas Technology Taiwan Co., Ltd. FL 10, #99, Fu-Hsing N. Rd., Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. 26/F., Ruijin Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1, Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2004. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .1.0


▲Up To Search▲   

 
Price & Availability of HAF2017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X