Part Number Hot Search : 
0100S KD200 658C2I2 G4BC30FD 15ADR FSB50550 LTC21 NTD20
Product Description
Full Text Search
 

To Download GXMMS150LM32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Absolute encoders - modular bus covers
Optical sensing, end shaft Multiturn encoder 13 bit ST / 16 bit MT, incremental tracks CANopen / DeviceNet / EtherCAT / Profibus / SSI / fibre-optic GXMMS + incremental multivo
Features - Encoder multiturn / bus cover - Optical sensing - Resolution: singleturn 13 bit, multiturn 16 bit - End shaft o12 mm / o14 mm - Extreme compact design - High resistance to shock and vibrations - Modular bus interfaces - CANopen/DeviceNet/EtherCAT/Profibus/SSI/fibreoptic - Code continuity check optional by bus GXMMS with modular bus cover Technical data - electrical ratings Voltage supply Consumption w/o load Initializing time (typ.) Interfaces 10...30 VDC 100 mA (24 VDC) 250 ms after power on Profibus-DPV0 / V2, CANopen, DeviceNet, EtherCAT, Fiberoptic bus, SSI Multiturn Rotary switch in bus cover (type-specific) 8192 / 13 bit 65536 / 16 bit 2048 pulses A90B + inverted 0.025 Optical Binary CW/CCW programmable DIN EN 61000-6-2 DIN EN 61000-6-4 Steps per revolution Number of revolutions Preset Scaling Rotational direction Position or parameter error Multiturn sensing DUO-LED integrated in bus cover UL approval / E63076 Weight approx. E-connection Operating temperature Relative humidity Resistance Reverse polarity protection Yes - Two incremental tracks A and B
Technical data - mechanical design Housing Shaft Protection DIN EN 60529 Operating speed Starting torque Rotor moment of inertia Materials o58 mm o12 mm end shaft o14 mm end shaft IP 54 6000 rpm (mechanical) 6000 rpm (electric) 0.015 Nm IP 54 20 gcm Housing: steel Flange: steel Bus cover: zinc die-cast or aluminium -25...+85 C -40...+85 C (optional) DIN EN 60068-2-6 Vibration 10 g, 16-2000 Hz DIN EN 60068-2-27 Shock 200 g, 6 ms 720 g Bus cover
Subject to modification in technic and design. Errors and omissions excepted. 28/11/2008
Function User address Steps per turn Number of turns Incremental output Absolute accuracy Sensing method Code Code sequence Interference immunity Emitted interference Programmable parameters
95 % non-condensing
Diagnostic functions Status indicator Approval
1
www.baumerivo.com
Optical sensing, end shaft Multiturn encoder 13 bit ST / 16 bit MT, incremental tracks CANopen / DeviceNet / EtherCAT / Profibus / SSI / fibre-optic GXMMS + incremental multivo
Part number GXMMS. Interface Profibus-DPV0 / cable gland Profibus-DPV0 / connector M12 Profibus-DPV2 / cable gland Profibus-DPV2 / connector M12 EtherCAT / connector M12 CANopen / cable gland CANopen / connector M12 DeviceNet / cable gland DeviceNet / connector M12 Fiber-optic / cable gland SSI / connector M12 Accessories Connectors and cables Z 119.034 3P32 3PA2 3V32 3VA2 EPA2 5P32 5PA2 8P22 8PA2 LM32 2PA2 Z 119.024 Z 119.041 Z 119.050 Z 119.053 Z 119.070 Z 119.072 Z 119.073 Z 119.076 Z 119.082 Connector for data cable fibre-optic Torque support and spring washer for encoders with 9.5 mm pin Torque support by rubber buffer element for encoders with 15 mm pin Spring coupling Spring coupling height 19.1 mm Spring coupling height 29.1 mm Spring coupling for encoders with o58 mm housing, hole distance 73 mm Spring coupling for encoders with o58 mm housing, hole distance 68 mm Spring coupling for encoders with o58 mm housing Spring coupling for encoders with o58 mm housing, hole distance 63 mm CD with describing files & manuals Programming cable for encoders with SSI bus cover, CD with software and manual Mounting accessories
Absolute encoders - modular bus covers
Pulses / Incremental output 50 2048 pulses / push-pull +inverted F0 2048 pulses / RS422 0 1 B 4 5 F End shaft End shaft o12 mm without pin End shaft o12 mm with pin 15 mm End shaft o12 mm with pin 9.5 mm End shaft o14 mm without pin End shaft o14 mm with pin 15 mm End shaft o14 mm with pin 9.5 mm
Programming accessories Z 150.022 Z 139.008
Terminal assignment Incremental connector Connector Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 5 4 1 3 2 Assignment A B B inv. GND
Subject to modification in technic and design. Errors and omissions excepted.
CD with file descriptions is not included in the delivery. You may order them on CD as accessory free-of-charge under part number Z 150.022. Matching bus covers are listed in the chapter "Accessories".
A inv.
2
www.baumerivo.com
28/11/2008
Absolute encoders - modular bus covers
Optical sensing, end shaft Multiturn encoder 13 bit ST / 16 bit MT, incremental tracks CANopen / DeviceNet / EtherCAT / Profibus / SSI / fibre-optic GXMMS + incremental multivo
Dimensions GXMMS
M3
o14 H7 x 35 (o12 H7 x 35)
85.5 33
7.5
x6
20
(6
47 o42
o4 fg6
x)
18
15
47.5 15 (9.5) 3.5
6
1
30
Profibus-DP, CANopen
60
Profibus-DP - M12
60
DeviceNet
60
o58
CANopen, DeviceNet M12
60
63
63
63
63
EtherCAT
60
SSI
60
Fibre-optic
58 33
20
L/A
3
www.baumerivo.com
28/11/2008
Subject to modification in technic and design. Errors and omissions excepted.
23
63
OUT
IN
63
15 15.5
62
20
Optical sensing, end shaft Multiturn encoder 13 bit ST / 16 bit MT, incremental tracks CANopen / DeviceNet / EtherCAT / Profibus / SSI / fibre-optic GXMMS + incremental multivo
Absolute encoders - modular bus covers
4
www.baumerivo.com
28/11/2008
Subject to modification in technic and design. Errors and omissions excepted.


▲Up To Search▲   

 
Price & Availability of GXMMS150LM32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X