Part Number Hot Search : 
B400C 39K50 UN211T AVR750U P3N60FI HCC4068 A102M DV16275
Product Description
Full Text Search
 

To Download GCM2S020A101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Absolute encoders - SSI
End shaft o12 mm Magnetic multiturn encoder 12 bit ST / 12 bit MT
GCM2S - SSI
Features - Encoder multiturn / SSI - Magnetic sensing - Resolution: singleturn 12 bit, multiturn 12 bit - End shaft o12 mm - Encoder for heavy-duty applications - New innovative sensing technology - Electronic setting of zero point
GCM2S with end shaft Technical data - electrical ratings Voltage supply Consumption w/o load Initializing time (typ.) Interface Steps per turn Number of turns Absolute accuracy Sensing method Code Code sequence Inputs 10...30 VDC 50 mA (24 VDC) 200 ms after power on SSI 4096 / 12 bit 4096 / 12 bit 1 Magnetic Gray or binary CW/CCW coded by connection SSI clock Control signals UP/DOWN and zero SSI data linedriver RS485 Diagnostic outputs push-pull DIN EN 61000-6-2 DIN EN 61000-6-4 Self-diagnosis Code continuity check Multiturn sensing UL approval / E63076 Reverse polarity protection Yes Technical data - mechanical design Housing Shaft Protection DIN EN 60529 Operating speed Starting torque Rotor moment of inertia Materials Operating temperature Relative humidity Resistance o58 mm o12 mm end shaft IP 54 6000 rpm (mechanical) 6000 rpm (electric) 0.015 Nm 20 gcm Housing: steel Flange: steel -25...+85 C -40...+85 C (optional) 95 % non-condensing DIN EN 60068-2-6 Vibration 10 g, 16-2000 Hz DIN EN 60068-2-27 Shock 200 g, 6 ms 600 g Connector, 12-pin
Output circuit Interference immunity Emitted interference Diagnostic functions
Weight approx. E-connection
Approval
1
www.baumerivo.com
29/10/2008
Subject to modification in technic and design. Errors and omissions excepted.
End shaft o12 mm Magnetic multiturn encoder 12 bit ST / 12 bit MT
Absolute encoders - SSI
GCM2S - SSI
Part number GCM2S. A1 01 Accessories Connectors and cables (page %S) Z 130.001 Z 130.003 Z 130.005 Z 130.007 Z 119.023 Z 119.024 Z 119.041 Z 119.050 Z 119.053 Z 119.070 tp T=1/f clock data tv
bit n bit n-1 bit 3 bit 2 bit 1
Female connector M23, 12-pin, less cable Female connector M23, 12-pin, 2 m cable Female connector M23, 12-pin, 5 m cable Female connector M23, 12-pin, 10 m cable Spring coupling for encoders with o58 mm housing Torque support and spring washer for encoders with 9.5 mm pin Torque support by rubber buffer element for encoders with 15 mm pin Spring coupling Spring coupling height 19.1 mm Spring coupling height 29.1 mm Spring coupling for encoders with o58 mm housing, hole distance 73 mm Spring coupling for encoders with o58 mm housing, hole distance 68 mm Spring coupling for encoders with o58 mm housing Spring coupling for encoders with o58 mm housing, hole distance 63 mm
E-connection A1 Connector M23, 12-pin, radial Voltage supply / signals 10 10...30 VDC / gray code 22 bit 12 10...30 VDC / binary code 22 bit 20 10...30 VDC / gray code 24 bit End shaft 0 End shaft o12 mm clamping ring for spring coupling 1 End shaft o12 mm clamping ring with pin Data transfer
Mounting accessories (page %S)
Z 119.072 Z 119.073 Z 119.076 Z 119.082
tm
Clock frequency f Scan ratio of T Time lag tv Monoflop time tm Clock interval tp
62.5...1000 kHz 40...60 % 150 ns 20 s + T/2 25 s
2
www.baumerivo.com
29/10/2008
Subject to modification in technic and design. Errors and omissions excepted.
Absolute encoders - SSI
End shaft o12 mm Magnetic multiturn encoder 12 bit ST / 12 bit MT
GCM2S - SSI
Terminal significance UB GND Data+ DataClock+ Encoder voltage supply. Encoder ground connection relating to UB. Positive, serial data output of differential linedriver. Negative, serial data output of differential linedriver. Positive SSI clock input. Clock+ together with clock- forms a current loop. A current of approx. 7 mA towards clock+ input means logic 1 in positive logic. Negative SSI clock input. Clock- together with clock+ forms a current loop. A current of approx. 7 mA towards clock- input means logic 0 in positive logic. Input for setting a zero point anywhere within the programmed encoder resolution. The zero setting operation is triggered by a High impulse and has to be in line with the selected direction of rotation (UP/DOWN). Connect to GND after setting operation for maximum interference immunity. Impulse duration >100 ms. Diagnostic output. An error warning is given at level Low. Important: Interferences must be drained by the downstram electronics. Terminal assignment Connector Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6 Pin 7 Pin 8 Pin 9 Pin 10 Pin 11 Pin 12 Core colour brown black blue beige green yellow violet pink black/yellow - - Assignment UB GND Clock+ Data+ Zero setting DataClockUP/DOWN DATAVALID MT - - Please use cores twisted in pairs (for example clock+ / clock-) for extension cables of more than 10 m length.
brown/yellow DATAVALID
Clock-
Zero setting
8 7 6 5 12
91 10 11 2 3 4
DATAVALID
Trigger level SSI SSI-Clock SSI-Data Control inputs Input level High Input level Low Input resistance Diagnostic outputs Output level High Output level Low Load High Load Low Circuit Optocoupler Linedriver RS485 Input circuit >0.7 UB <0.3 UB 10 k Output circuit Push-pull circuit-proof >UB -3.5 V (I = -20 mA) <0.7 V (I = 20 mA) <20 mA <20 mA
Subject to modification in technic and design. Errors and omissions excepted. 29/10/2008
DATAVALID MT Diagnostic output. Multiturn sensor supply control. Upon dropping below a defined voltage level the DV MT output is switched to Low. UP/DOWN UP/DOWN counting direction input. This input is standard on High. UP/DOWN means ascending output data with clockwise shaft rotation when looking at flange. UP/DOWN-Low means ascending values with counterclockwise shaft rotation.
3
www.baumerivo.com
End shaft o12 mm Magnetic multiturn encoder 12 bit ST / 12 bit MT
Absolute encoders - SSI
GCM2S - SSI
Dimensions
M
3
x6
58 20
(6
15 (9.5) 49.5 7.5
x) o14 H7 x 35 (o12 H7 x 35)
59
47 42
15
o4 fg6
16
6
1
24
Connector dimensions
59
3.5
4
www.baumerivo.com
29/10/2008
Subject to modification in technic and design. Errors and omissions excepted.


▲Up To Search▲   

 
Price & Availability of GCM2S020A101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X