Part Number Hot Search : 
45G20A1 82C82 7812A EL2030CN BU1922 JAN4N24 BT2222A IRFB330
Product Description
Full Text Search
 

To Download GBPC15005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBPC15005 thru GBPC1510
Single Phase Bridge Rectifiers
Dimensions GBPC
GBPC15005 GBPC1501 GBPC1502 GBPC1504 GBPC1506 GBPC1508 GBPC1510
VRRM V 50 100 200 400 600 800 1000
VRMS V 35 70 140 280 420 560 700
VDC V 50 100 200 400 600 800 1000
Symbol I(AV) IFSM VF IR I2t CJ ROJC TJ TSTG
Characteristics Maximum Average Forward Rectified Current @TC=70oC (With Heatsink) Peak Forward Surge Current 8.3ms Single Half-Sine-Wave Superimposed On Rated Load (JEDEC METHOD) Maximum Forward Voltage At 7.5A DC Maximum DC Reverse Current At Rated DC Blocking Voltage I2t Rating For Fusing (t < 8.3 ms), (Note 2) Typical Junction Capacitance Per Element (Note 1) Typical Thermal Resistance (Note 3) Operating Temperature Range Storage Temperature Range @TJ=25oC @TJ=125oC
Maximum Ratings 15.0 300 1.1 5.0 500 508 110 1.4 -55 to +150 -55 to +150
Unit A A V uA A2S pF
o
C/W
o o
C C
NOTES: 1. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC. 2. Measured At Non-repetitive, For Greater Than 1ms And Less Than 8.3ms. 3. Device Mounted On 300mm x 300mm x 1.6mm Cu Plate Heatsink.
FEATURES
* Rating to 1000V PRV * High efficiency * Glass passivated chip junction * Electrically isolated metal case for maximum heat dissipation
MECHANICAL DATA
* Case: Molded plastic with Heatsink internally mounted in the bridge encapsulation * Polarity: As marked on Body * Mounting: Hole for # 10 screw * Weight: 0.63 ounces, 18.0 grams
GBPC15005 thru GBPC1510
Single Phase Bridge Rectifiers


▲Up To Search▲   

 
Price & Availability of GBPC15005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X