Part Number Hot Search : 
ON0367 A539Y UF306 20ETTTS CZRW5222 39SF512 3101E LC72322R
Product Description
Full Text Search
 

To Download FMP1617CA7-FXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FMP1617CA0(7)
Document Title
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMOS LPRAM
Revision History Revision No.
0.0 0.1 Initial Draft Revised P/N according to the new P/N system
History
Draft date
Apr.19th, 2006 Jun.01 , 2006
st
Remark
Preliminary Preliminary
1
Revision 0.1 Jun. 2006
FMP1617CA0(7)
FEATURES * Process Technology : Full CMOS
* Organization : 1M x 16 * Power Supply Voltage : 2.7~3.3V * Dual CS & Page Modes
FMP1617CA0 : Dual CS FMP1617CA7 : Page mode with Dual CS
CMOS LPRAM
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
* Three state output and TTL Compatible * Package Type : 48-FBGA-6.00x8.00 mm2
FMP1617CA0(7)-FxxX : Normal FMP1617CA0(7)-GxxX : Pb-Free FMP1617CA0(7)-HxxX : Pb-Free & Halogen Free
* Operating Temperature Ranges:
Special (-10'C to +60'C) Commercial (0'C to +70'C) Extended (-25'C to +85'C) Industrial (-40'C to +85'C)
* Separated I/O power(VCCQ) & Core Power(VCC) * Easy memory expansion with /CS1, CS2, and /OE features * Automatic power-down when deselected
PRODUCT FAMILY
Operating Voltage (V) Product Family Min. Typ. Max. FMP1617CA0(7)-G60E FMP1617CA0(7)-G70E 60ns 70ns Speed Typ. 1.5mA Power Dissipation ICC1 f = 1MHz Max. 3mA ICC2 f = fmax Typ. 15mA 12mA Max. 20mA ISB1 (CMOS Standby Current) Typ. 70uA Max. 100uA
2.7
3.0
3.3
1. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at Vcc = Vcc (typ) and TA = 25C. 2. F=FBGA, G=FBGA(Pb-Free), H=FBGA(Pb-Free & Halogen Free), W=WAFER 3. Operating Temperature Range: S (-10'C~60'C), C(0'C~70'C), E(-25'C~85'C), I (-40'C~85'C)
PIN DESCRIPTION
1 2
3
4
5
6
FUNCTIONAL BLOCK DIAGRAM
Precharge circuit.
A B C D E F G H
/LB I/O9
/OE /UB
A0 A3
A1 A4
A2 /CS1
CS2 I/O1
Clk gen.
VCC VSS Memory array
I/O10 VSS
I/O11 I/O12
A5 A17
A6 A7 A16
I/O2 I/O4 I/O5
I/O3 VCC VSS
Row Addresses
Row select
VCCQ I/O15 I/O16 A18
I/O13 I/O14 A19 A8
DNU A14 A12 A9
A15 A13 A10
I/O6
I/O7 I/O8
I/O1~I/O8 Data cont I/O Circuit Column select
WE A11
NC
I/O9~I/O16
Data cont
48-FBGA : Top View(Ball Down)
Data cont
Column Addresses
Name CS2 /CS1 /OE /WE A0~A19 I/O1~I/O16
Function Chip Select Input Chip Select Input Output Enable Input Write Enable Input Address Inputs Data Inputs/Outputs
Name VCC VCCQ VSS /UB /LB DNU
Function Core Power I/O Power Ground Upper Byte(I/O9~16) Lower Byte(I/O 1~8) Do Not Use
/CS1 CS2 /OE /WE /UB /LB Control Logic
2
Revision 0.1 Jun. 2006
FMP1617CA0(7)
PRODUCT LIST
Part Name FMP1617CA0(7)-G60E FMP1617CA0(7)-G70E Function
CMOS LPRAM
48-FBGA, 60ns, VCC=3.0V, VCCQ=3.0V(2.5V,1.8V) 48-FBGA, 70ns, VCC=3.0V, VCCQ=3.0V(2.5V,1.8V)
1. F=FBGA, G=FBGA(Pb-Free), H=FBGA(Pb-Free & Halogen Free), W=WAFER 2. Operating Temperature Range: S (-10'C~60'C), C(0'C~70'C), E(-25'C~85'C), I (-40'C~85'C)
FUNCTIONAL DESCRIPTION
/CS1 H X1) X1) L CS2 H L H H H /OE X1) X1) X1) H H /WE X1) X1) X1) H H /LB X1) X1) H L X1) L L L H X1) L H H L L H L
1. X means don't care.(Must be low or high state)
/UB X1) X1) H X1) L H L L H L L
I/O1-8 High-Z High-Z High-Z High-Z High-Z Dout High-Z Dout Din High-Z Din
I/O9-16 High-Z High-Z High-Z High-Z High-Z High-Z Dout Dout High-Z Din Din
Mode Deselect/Power-down Deselect/Power-down Deselect/Power-down Output Disabled Output Disabled Lower Byte Read Upper Byte Read Word Read Lower Byte Write Upper Byte Write Word Write
Power Standby Standby Standby Active Active Active Active Active Active Active Active
ABSOLUTE MAXIMUM RATINGS1)
Item Voltage on any pin relative to Vss Voltage on Vcc supply relative to Vss Power Dissipation Storage temperature Symbol VIN, VOUT Vcc PD TSTG Ratings -0.2 to Vcc+0.3V -0.2 to 3.6 1.0 -65 to 150 Unit V V W 'C
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
Item Supply voltage I/O operating voltage (VCCQ VCC) Ground Input high voltage Input low voltage Symbol VCC VCCQ VSS VIH VIL FMP1617CA Min 2.7 2.7 0 0.8VCCQ -0.22) Max 3.3 3.3 0 VCC+0.211
)
Min 2.7 2.25 0 0.8VCCQ -0.22)
Max 3.3 2.75 0 VCC+0.21) 0.2VCCQ
Min 2.7 1.65 0 0.8VCCQ -0.22)
Max 3.3 1.95 0 VCC+0.21) 0.2VCCQ
Unit V V V V V
0.2VCCQ
Note : 1. Overshoot : Vcc+1.0V in case of pulse width20ns. 2. Undershoot : -1.0V in case of pulse width20ns. 3. Overshoot and undershoot are sampled, not 100% tested.
3
Revision 0.1 Jun. 2006
FMP1617CA0(7)
CAPACITANCE1) (f=1MHz , TA=25'C)
Item Input capacitance Input/Output capacitance
1. Capacitance is sampled, not 100% tested.
CMOS LPRAM
Symbol CIN CIO Test Condition VIN=0V VIO=0V Min Max 8 8 Unit pF pF
DC AND OPERATING CHARACTERISTICS
Item Input leakage current Output leakage current Symbol ILI ILO ICC1 Average operating current ICC2 Output low voltage Output high voltage Standby Current(TTL) Standby Current(CMOS) VOL VOH ISB ISB1 VIN=VSS to VCC /CS=VIH, CS2=VIH, /OE=VIH or /WE=VIL, VIO=VSS to VCC Cycle time=1us, 100%duty, IIO=0mA, /CS0.2V, CS2=VIH, VIN0.2V or VINVCC-0.2V Cycle time=Min, IIO=0mA, 100% duty, /CS=VIL, CS2=VIH, VIN=VIL or VIH IOL=0.5mA IOH=-0.5mA /CS=VIH, CS2=VIH, Other inputs=VIH or VIL /CSVCC-0.2V, CS20.2V, Other inputs=0~VCC 0.8VCCQ 0.3 100 Test Conditions Min -1 -1 Typ Max 1 1 3 20 0.2VCCQ Unit uA uA mA mA V V mA uA
Operating Range
Device FMP1617CA0(7)-XxxS FMP1617CA0(7)-XxxC FMP1617CA0(7)-XxxE FMP1617CA0(7)-XxxI Range Special Commercial Extended Industrial Ambient Temperature -10 to +60 0 to +70 2.7V to 3.3V -25 to +85 -40 to +85 1.65V to Vcc VDD VDDQ
4
Revision 0.1 Jun. 2006
FMP1617CA0(7)
AC OPERATING CONDITIONS
TEST CONDITIONS(Test Load and Input/Output Reference)
Input pulse level : 0.2 to VCC-0.2V Input rising and falling time : 5ns Input and output reference voltage : 0.5*VCCQ Output load(see right) : CL=30pF+1TTL 30pf
CMOS LPRAM
1TTL
AC CHARACTERISTICS(VCC=2.7V~3.3V)
Speed Bins Parameter List Symbol Min Read Cycle Time Address Access Time Chip Select to Output Output Enable to Valid Output /UB, /LB Access Time Read Chip Select to Low-Z Output /UB, /LB Enable to Low-Z Output Output Enable to Low-Z Output Chip Disable to High- Z Output /UB, /LB Disable to High- Z Output Output Disable to High- Z Output Output Hold from Address Change Write Cycle Time Chip Select to End of Write Address Set-up Time Address Valid to End of Write /UB, /LB Valid to End of Write Write Write Pulse Width Write Recovery Time Write to Output High-Z Data to Write Time Overlap Data Hold from Write Time End Write to Output Low-Z Page Mode Cycle Time Page Page Mode Address Access Time Maximum Cycle Time /CS High Pulse Width tRC tAA tCO tOE tBA tLZ tBLZ tOLZ tHZ tBHZ tOHZ tOH tWC tCW tAS tAW tBW tWP tWR tWHZ tDW tDH tOW tPC tPAA tMRC tCP 60 10 10 5 0 0 0 5 60 50 0 50 50 50 0 0 20 0 5 20 10 60ns Max 20k 60 60 25 60 5 5 5 20k 5 20 20k Min 70 10 10 5 0 0 0 5 70 60 0 60 60 50 0 0 20 0 5 25 10 70ns Max 20k 70 70 25 70 5 5 5 20k 5 25 20k ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Units
1. /CS High Pulse Width is defined by /CS or (/UB and /LB) because /UB & /LB can make standby mode when /UB=High and /LB=High.
5
Revision 0.1 Jun. 2006
FMP1617CA0(7)
Power Up Sequence
1. Apply Power. 2. Maintain stable power for a minimum of 200us with /CS1=VIH and CS2=VIH.
CMOS LPRAM
Timing Waveform of Power Up
Min. 200us
VCC
Vcc(Min )
/CS1 CS2
Power up mode
Normal Operation
6
Revision 0.1 Jun. 2006
FMP1617CA0(7)
READ CYCLE (1)
Address
tOH tAA
CMOS LPRAM
tRC
(Address controlled,/CS1=/OE=VIL, CS2=/WE=VIH, /UB or/and /LB=VIL)
Data Out
Previous Data Valid
Data Valid
READ CYCLE (2)
Address
(CS2=/WE=VIH)
tRC
tAA tCO
tOH
/CS1
CS2
tHZ
/UB, /LB /OE
tOLZ tBLZ tLZ
tBA tBHZ
tOE
tOHZ
Data Out
High-Z
Data Valid
1. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output voltage levels. 2. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to device interconnection. 3. Do not access device with cycle timing shorter than tRC(tWC) for continuous periods > 20us.
PAGE READ CYCLE
(CS2=/WE=VIH, 16 words access)
tMRC tRC tPC tPC tPC tPC tPC tPC tPC
A0~A3
tAA
A4~A20
tOH
/CS1 CS2
tCO
tHZ
tBA
/UB, /LB
tBHZ
/OE
tBLZ
tOE
tOLZ tLZ tPAA Data Valid tPAA Data Valid tPAA Data Valid tPAA Data Valid tPAA Data Valid tPAA Data Valid tPAA Data Valid Data Valid
tOHZ
Data Out
High-Z
1. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output voltage levels. 2. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to device interconnection. 3. Do not access device with cycle timing shorter than tRC(tWC) for continuous periods > 20us. 4. In case page address skew is over 3ns, tPAA will be out of spec.
7
Revision 0.1 Jun. 2006
FMP1617CA0(7)
WRITE CYCLE (1)
Address
tCW(2)
CMOS LPRAM
tWC
(/WE controlled)
/CS1 CS2 /UB, /LB /WE
tAS(3) tDW tAW tBW tWP(1)
tWR(4)
tDH High-Z tOW
Data in Data Out
High-Z tWHZ
Data Valid
Data Undefined
WRITE CYCLE (2)
Address
(/CS1 controlled)
tWC
tAS(3)
tCW(2)
tWR(4)
/CS1 CS2
tAW
/UB, /LB /WE Data in Data Out
High-Z
tBW tWP(1) tDW tDH
Data Valid
High-Z
WRITE CYCLE (3)
Address
(CS2 controlled)
tWC
tCW(2)
tWR(4)
/CS1
tAS(3)
CS2
tAW
/UB, /LB /WE Data in Data Out
tBW tWP(1)
tDW
tDH
Data Valid
High-Z
High-Z
8
Revision 0.1 Jun. 2006
FMP1617CA0(7)
WRITE CYCLE (4)
Address
tCW(2)
tWR(4)
CMOS LPRAM
tWC
(/UB, /LB controlled)
/CS1 CS2
tAW
/UB, /LB
tAS(3)
tBW tWP(1)
/WE Data in Data Out
tDW
tDH
Data Valid
High-Z
High-Z
1. A write occurs during the overlap (tWP) of low /CS and /WE. A write begins when /CS goes low and /WE goes low with asserting /UB or /LB for single byte operation or simultaneously asserting /UB and /LB for double byte operation. A write ends at the earliest transition when /CS goes high and /WE goes high. The tWP is measured from the beginning of write to the end of write. 2. tCW is measured from the /CS going low to end of write. 3. tAS is measured from the address valid to the beginning of write. 4. tWR is measured from the end of write to the address change. tWR applied in case a write ends as /CS or /WE going high. 5. Do not access device with cycle timing shorter than tRC(tWC) for continuous periods > 20us.
PAGE WRITE CYCLE
(Address controlled, CS2=VIH)
tMRC tWC tPC tPC tPC tPC tPC tPC tPC
A0~A3 A4~A20
/CS1 CS2 /UB, /LB
tAS(3)
/WE
tDW tDH tDW tDH tDW tDH tDW tDH tDW tDH tDW tDH tDW tDH tDW tDH
Data in
High-Z tWHZ
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
High-Z
tOW
Data Out
Data Undefined
1. A write occurs during the overlap (tWP) of low /CS and /WE. A write begins when /CS goes low and /WE goes low with asserting /UB or /LB for single byte operation or simultaneously asserting /UB and /LB for double byte operation. A write ends at the earliest transition when /CS goes high and /WE goes high. The tWP is measured from the beginning of write to the end of write. 2. tCW is measured from the /CS going low to end of write. 3. tAS is measured from the address valid to the beginning of write. 4. tWR is measured from the end of write to the address change. tWR applied in case a write ends as /CS or /WE going high. 5. Do not access device with cycle timing shorter than tRC(tWC) for continuous periods > 20us. 6. In case page address is over 3ns, write to the invalid address can occur.
9
Revision 0.1 Jun. 2006
FMP1617CA0(7)
PACKAGE DIMENSION
48 BALL FINE PITCH BGA(0.75mm ball pitch)
Top View Bottom View B B B1
CMOS LPRAM
Unit : millimeters
A1 INDEX MARK
0.05 0.05
6 A B
5
4
3
2
1
#A1
C D C1 E C1/2 F G H B/2 Detail A 0.25/Typ. A Y Max 6.10 8.10 0.40 1.20 0.30 0.08 NOTES.
1. Bump counts : 48(8row x 6column) 2. Bump pitch : (x,y)=(0.75 x 0.75)(typ.) 3. All tolerance are +/-0.050 unless otherwise specified. 4. Typ : Typical 5. Y is coplanarity : 0.08(Max)
Side View E2 D
E1
E
0.30
C
C
A B B1 C C1 D E E1 E2 Y
Min 5.90 7.90 0.30 0.20 -
Typ 0.75 6.00 3.75 8.00 5.25 0.35 1.10 0.85 0.25 -
0.85/Typ.
10
Revision 0.1 Jun. 2006
C


▲Up To Search▲   

 
Price & Availability of FMP1617CA7-FXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X