Part Number Hot Search : 
AM29F0 2N4410 AM100 LTC1606 A673A SEMICO TDA73 DPAD5
Product Description
Full Text Search
 

To Download FMMT723 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Switching Transistor FMMT723
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
Features
+0.1 2.4-0.1
IC CONT 2.5A IC Up To 10A peak pulse current Excellent hfe Characteristics Up To 10A (pulsed) Extremely Low Saturation Voltage E.g. 10mV Typ. Exhibits extremely low equivalent on-resistance; RCE(sat)
+0.1 0.38-0.1
+0.1 1.3-0.1
625mW power dissipation
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Peak collector current Base current Power dissipation Operating and storage temperature range Symbol VCBO VCEO VEBO IC ICM IB Ptot Tj,Tstg Rating -100 -100 -5 -1 -2.5 -500 625 -55 to +150 Unit V V V A A mA mW
0-0.1
www.kexin.com.cn
1
SMD Type
FMMT723
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage * Emitter-base breakdown voltage Collector cutoff current Emitter cut-off current Collector Emitter Cut-Off Current Collector-emitter saturation voltage * Base-emitter saturation voltage * Base-emitter voltage * Symbol V(BR)CBO IC=-100iA V(BR)CEO IC=-10mA V(BR)EBO IE=-100iA ICBO IEBO ICES VCB=-80V VEB=-4V VCES=-80V Testconditons
Transistors
Min -100 -100 -5
Typ -200 -160 -8.8
Max
Unit V V V
-100 -100 -100 -50 -125 -210 -0.89 -0.71 300 300 250 475 450 375 250 30 150 13 50 760 200 20 -80 -200 -330 -1.0 -1.0
nA nA nA mV V V
IC=-0.1A, IB=-10mA VCE(sat) IC=-0.5A, IB=-50mA IC=-1A, IB=-150mA VBE(sat) IC=-1A,IB=-150mA VBE(ON) IC=-1A,VCE=-10V IC=-10mA, VCE=-10V IC=-0.1A, VCE=-10V
Static Forward Current Transfer Ratio *
hFE
IC=-0.5A, VCE=-10V IC=-1A, VCE=-10V IC=-1.5A, VCE=-10V
Current-gain-bandwidth product Output capacitance Switching times * Pulse test: tp = 300 is; d 0.02.
fT Cobo ton toff
IC=-50mA,VCE=-10V,f=100MHz VCB=-10V,f=1MHz IC=-0.5A, VCC=-50V IB1=IB2=-50mA
MHz pF ns ns
Marking
Marking 723
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of FMMT723

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X