Part Number Hot Search : 
KBP304 C3164 HMC59 ISD4000 HFE2500 ZSM30006 A4401 MAX17005
Product Description
Full Text Search
 

To Download FDI110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIOTEC ELECTRONICS CORP.
18020 Hobart Blvd., Unit B Gardena, CA 90248 U.S.A Tel.: (310) 767-1052 Fax: (310) 767-7958
Data Sheet No. FRDI-100-1B
1 AMP FAST RECOVERY BRIDGE RECTIFIERS
FEATURES
PRV Ratings from 50 to 1000 Volts Surge overload rating to 50 Amps peak Reliable low cost molded plastic construction Ideal for printed circuit board applications
MECHANICAL SPECIFICATION
ACTUAL SIZE OF THE FDI PACKAGE _
DT FDI104
SERIES FDI100 - FDI110
+
+
DT FDI104
A1
A
C
Fast switching for high efficiency
D L1 L B B1 B2
UL RECOGNIZED - FILE #E124962 RoHS COMPLIANT
MECHANICAL DATA
Case: Molded Epoxy (UL Flammability Rating 94V-0) Terminals: Rectangular pins Soldering: Per MIL-STD 202 Method 208 guaranteed Polarity: Marked on case Mounting Position: Any Weight: 0.05 Ounces (1.3 Grams) _
Sym A A1 B B1 B2 C D L L1
Minimum mm in 0.245 0.016 0.195 0.300 0.355 0.125 6.2 0.41 5.0 7.6 9.3 3.2
Maximum mm in 0.310 8.9
+
0.205 0.350
5.2 8.9
0.165
* This dimension is "Typical".
4.3
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
kuu p t #c cc V#j Vc#ce n ## V Vcs h mj d h he kVc#e n cVc # n # V m cp o V n wci c#f mc# #c Vc l j d hj e rq m g d f d kj h # i ###c g c#f ## cV V c## c V Vc V c# e d
PARAMETER (TEST CONDITIONS)
Series Number
SYMBOL
FDI 100 50 35 50 FDI 101 100 70 100 FDI 102 200 140 200
RATINGS
FDI 104 400 280 400 1 50 1.3 10 1 200 40 -55 to +150 300 500 FDI 106 600 420 600 FDI 108 800 560 800 FDI 110 1000 700 1000
UNITS
Average Forward Rectified Current @ T = 40 C Peak Forward Surge Current (8.3mS single half sine wave superimposed on rated load) Maximum Forward Voltage at 1 Amp DC

Junction Operating and StorageTemperature Range
TT
G1
q ip h g h fg e
2G0Y('YY96 U " "2XV V"(c) I% 4 8IG &RS&Q&DG' B"II&G 3 &% 4 8F' D)D9 C"9 3 5&B A"9 ( 780 2 ' ) & ) )W U2 T 3 F (09 P 59 45 9 ) 'H (E 3 45 3E 0 4 5 46 @ ) '65 4 32 (10 ('% b (c) $!#"!!(c) | &vwur cb b a d (c) yx ts
V
Maximum Thermal Resistance, Junction to Ambient (Note 2)
R

@ T = 25 C
T

Maximum Average DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 1)
@ T = 25 C @ T = 100 C
I
A mA nS C/W C
c
V

c
I
}|
Maximum Peak Recurrent Reverse Voltage
w v
V|
{z
Maximum RMS Voltage
Vy

Maximum DC Blocking Voltage
V~
VOLTS
Ix
AMPS VOLTS


▲Up To Search▲   

 
Price & Availability of FDI110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X