Part Number Hot Search : 
2SD781 SD04H0B C104F B39162B 2SD781 HER203G WP710 66A35
Product Description
Full Text Search
 

To Download ESDA6V1BC604 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ESDA6V1BC6
QUAD BIDIRECTIONAL TRANSILTM SUPPRESSOR FOR ESD PROTECTION
ASDTM
MAIN APPLICATIONS Where transient overvoltage protection in ESD sensitive equipment is required, such as: Computers Printers Communication systems Video equipment This device is particularly adapted to the protection of symmetrical signals

SOT23-6L
FEATURES 4 Bidirectional Transil functions ESD Protection for data, Signal and VCC Bus

Stand off voltage range: 5 V Low leakage current < 1A Peak pulse power (8/20s); 80W
Table 1: Order Code Part Number ESDA6V1BC6
Marking BS55
DESCRIPTION The ESDA6V1BC6 is a monolithic array designed to protect up to 4 lines in a bidirectional way against ESD transients. The device is ideal for situations where board space is at a premium. BENEFITS High ESD protection level: up to 25kV High integration Suitable for high density boards COMPLIES WITH THE FOLLOWING STANDARDS:
Figure 1: Functional Diagram
1 2 3
6 5 4
IEC61000-4-2 level 4: 15kV (air discharge) 8kV (contact discharge) MIL STD 883E-Method 3015-6: class3 (Human Body Model)
TM: ASD is a trademark of STMicroelectronics.
November 2004
REV. 2
1/6
ESDA6V1BC6
Table 2: Absolute Maximum Ratings (Tamb = 25C) Symbol Parameter MIL STD 883C - Method 3015-6 VPP ESD discharge IEC61000-4-2 air discharge IEC61000-4-2 contact discharge PPP Peak pulse power (8/20s) Tj Junction temperature Tstg TL Top Storage temperature range Maximum lead temperature for soldering during 10 s at 5mm for case Operating temperature range (note 1)
Value 25 15 8 80 150 -55 to +150 260 -40 to +125
Unit kV W C C C C
Note 1: Variation of parameters is given by curves.
Table 3: Electrical Characteristics (Tamb = 25C) Symbol Parameter VRM Stand-off voltage VBR Breakdown voltage VCL IRM IPP T VF C Rd Clamping voltage Leakage current Peak pulse current Voltage temperature coefficient Forward voltage drop Capacitance Dynamic resistance VBR @ Type min. V ESDA6V1BC6 6.1
Note 2: Square pulse, IPP = 3A, tp=2.5s.
I
VBR VCL V RM I RM V
Rd
I PP
IR
IRM @ VRM max.
Rd typ. note 2
max. V 8 mA 1
T max. 10-4/C 3
C typ. 0V bias pF 20
A 1
V 5
1.35
Figure 2: Relative variation of peak pulse power versus initial junction temperature
PPP[Tj initial] / PPP[Tj initial=25C]
1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 25 50 75 100 125 150 175
Figure 3: Peak pulse power versus exponential pulse duration
PPP(W)
500
100
Tj(C)
10 1
tp(s)
10 100
2/6
ESDA6V1BC6
Figure 4: Clamping voltage versus peak pulse current (typical values, rectangular waveform)
IPP(A)
20.0 10.0
Figure 5: Junction capacitance versus line voltage applied (typical values
C(pF)
22 21 20 19 18 17 16
F = 1MHz VOSC = 30mV Tj = 25C
1.0
15 14 13 12
VCL(V)
0.1 0 5 10 15 20 25 30
tp = 2.5s Tj initial = 25C
11 10
VR(V)
0 1 2 3 4 5 6 7 8
35
40
Figure 6: Relative variation of leakage current versus junction temperature (typical values)
IR[Tj] / IR[Tj=25C]
500
100
10
Tj(C)
1 25 50 75 100 125 150
1. ESD protection by ESDA6V1-4BC6 With the focus of lowering the operation levels, the problem of malfunction caused by the environment is critical. Electrostatic discharge (ESD) is a major cause of failure in electronic system. Transient Voltage Suppressors are an ideal choice for ESD protection and have proven capable in suppressing ESD events. They are capable of clamping the incoming transient to a low enough level such that damage to the protected semiconductor is prevented. Surface mount TVS arrays offer the best choice for minimal lead inductance. They serve as parallel protection elements, connected between the signal line to ground. As the transient rises above the operating voltage of the device, the TVS array becomes a low impedance path diverting the transient current to ground.
(R)
3/6
ESDA6V1BC6
Figure 7: Bidirectional protection for 0V biased signals
DRIVER
CONNECTOR
The ESDA6V1BC6 array is the ideal product for use as board level protection of ESD sensitive semiconductor components. The tiny SOT23-6L package allows design flexibility in the design of "crowded" boards where the space saving is at a premium. This enables to shorten the routing and can contribute to improve ESD performance. 2. Circuit Board Layout Circuit board layout is a critical design step in the suppression of ESD induced transients. The following guidelines are recommended :

The ESDA6V1BC6 should be placed as near as possible to the input terminals or connectors. Minimise the path length between the ESD suppressor and the protected device Minimise all conductive loops, including power and ground loops The ESD transient return path to ground should be kept as short as possible. Use ground planes whenever possible.
Figure 8: Ordering information scheme
ESDA
ESD Array Breakdown Voltage (min) 6V1 = 6.1 Volt Type of protection B = Bidirectional Package C6 = SOT23-6L
6V1 - B
C6
4/6
ESDA6V1BC6
Figure 9: SOT23-6L Package Mechanical Data DIMENSIONS REF.
A2 A
Millimeters Min. Typ. Max. 0.10 Min. 0 0.90 0 0.90 0.35 0.09 2.80 1.50 0.95 2.60 0.10 3.00 0.102 0.60 0.004 10 1.45 0.035 1.30 0.035 0.50 0.014 0.20 0.004 3.05 0.110 1.75 0.059
Inches Typ. Max. 0.057 0.004 0.051 0.02 0.008 0.120 0.069 0.037 0.118 0.024 10
A
D
A1 A2 b C D
A1
b
L
H
E
E e H L
c
e
e
Figure 10: Foot Print Dimensions (in millimeters)
0.60
1.20 0.95
3.50
2.30
1.10
Table 4: Ordering Information Part Number ESDA6V1BC6 Marking BS55 Package SOT23-6L Weight 16.7 mg Base qty 3000 Delivery mode Tape & reel
Table 5: Revision History Date Jan-2002 4-Nov-2004 Revision 1A 2 First issue. SOT23-6L package dimensions change for reference "D" from 3.0 millimeters (0.118 inches) to 3.05 millimeters (0.120 inches). Description of Changes
(R)
5/6
ESDA6V1BC6
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2004 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
6/6


▲Up To Search▲   

 
Price & Availability of ESDA6V1BC604

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X