Part Number Hot Search : 
46V12 EM316OS 15N25 1N5265A 1N4450 UNR31A9 C4134 AD871
Product Description
Full Text Search
 

To Download ENA1217 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA1217
SCH2308
SANYO Semiconductors
DATA SHEET
P-Channel Silicon MOSFET
SCH2308
Features
* * *
General-Purpose Switching Device Applications
Composite type with 2 MOSFETs contained in a single package, facilitating high-density mounting. Low ON-resistance. 1.5V drive.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD Tch Tstg PW10s, duty cycle1% When mounted on ceramic substrate (900mm 20.8mm) 1unit Conditions Ratings --30 10 --200 --800 0.65 150 --55 to +150 Unit V V mA mA W C C
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Symbol V(BR)DSS IDSS IGSS VGS(off) yfs RDS(on)1 RDS(on)2 RDS(on)3 Conditions ID=-1mA, VGS=0V VDS=-30V, VGS=0V VGS=8V, VDS=0V VDS=-10V, ID=--100A VDS=-10V, ID=--100mA ID=-100mA, VGS=-4V ID=-50mA, VGS=-2.5V ID=-10mA, VGS=-1.5V --0.4 190 320 1.8 2.4 4.5 2.4 3.4 9.0 Ratings min --30 --1 10 --1.4 typ max Unit V A A V mS
Marking : MH
Continued on next page.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
52808PE TI IM TC-00001377 No. A1217-1/4
SCH2308
Continued from preceding page.
Parameter Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions VDS=-10V, f=1MHz VDS=-10V, f=1MHz VDS=-10V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=-10V, VGS=--4V, ID=--200mA VDS=-10V, VGS=--4V, ID=--200mA VDS=-10V, VGS=--4V, ID=--200mA IS=--200mA, VGS=0V Ratings min typ 35 7.2 2.1 75 170 550 350 0.58 0.17 0.12 -0.89 --1.2 max Unit pF pF pF ns ns ns ns nC nC nC V
Package Dimensions
unit : mm (typ) 7028-006
Electrical Connection
6
1.6
5
4
0.05
0.2 654
0.2
1 : Source1 2 : Gate1 3 : Drain2 4 : Source2 5 : Gate2 6 : Drain1
Top view
1.6
1.5
0.05
1
2
3 0.5
1
0.56
2
3
1 : Source1 2 : Gate1 3 : Drain2 4 : Source2 5 : Gate2 6 : Drain1 SANYO : SCH6
Switching Time Test Circuit
VIN 0V --4V VIN ID= --100mA RL=150 VOUT VDD= --15V
0.25
PW=10s D.C.1%
D
G
Rg
P.G
SCH2308 50
S
Rg=5k
No. A1217-2/4
SCH2308
--200
ID -- VDS
--6.0 V --5.0 V --4.0 V
--2 .5V
--2
--300
ID -- VGS
Ta= -25C
75C
--180 --160
.0V
--250
VDS= --10V
Drain Current, ID -- mA
--140 --120 --100
Drain Current, ID -- mA
--200
--150
--8.0 V
--80 --60 --40 --20 0 0
VGS= --1.5
V
--100
--50
0 --0.1 --0.2 --0.3 --0.4 --0.5 --0.6 --0.7 --0.8 --0.9 --1.0 0 --0.5 --1.0 --1.5 --2.0 --2.5 --3.0 IT11699
Drain-to-Source Voltage, VDS -- V
10 9
IT11698 7
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
RDS(on) -- Ta
Ta=25C
Static Drain-to-Source On-State Resistance, RDS(on) --
Static Drain-to-Source On-State Resistance, RDS(on) --
6
8 7 6
Ta= 75 C --25 C
25 C
ID= --100mA --50mA --10mA
5
, I D= --1.5V V GS=
--10m
A
4
5 4 3 2 1 0 0 --1 --2 --3 --4 --5 --6 --7 --8
3
--2.5 V GS=
--50m V, I D=
A
2
1 0 --60
00mA I = --1 --4.0V, D V GS=
--40
--20
0
20
40
60
80
100
25 C
120
140
160
Gate-to-Source Voltage, VGS -- V
1000
IT11700 --1000 7 5 3 2 --100 7 5 3 2
Ambient Temperature, Ta -- C
IT11701
yfs -- ID
IS -- VSD
VGS=0V
Forward Transfer Admittance, yfs -- mS
7 5 3 2
VDS= --10V
5 --2 a= T
C
100 7 5 3 2
7
C 5
5C
Ta= 7
0 --0.2 --0.4 --0.6
--10 7 5 3 2
10 --1.0
--1.0 2 3 5 7 --10 2 3 5 7 --100 2 3
Drain Current, ID -- mA
2
5 7--1000 IT11702
100 7 5
25C
--0.8
--25 C
C 25
Source Current, IS -- mA
--1.0
--1.2
--1.4
SW Time -- ID
Ciss, Coss, Crss -- VDS
f=1MHz
Diode Forward Voltage, VSD -- V
IT11703
VDS= --15V VGS= --4V
Switching Time, SW Time -- ns
1000
Ciss
Ciss, Coss, Crss -- pF
7 5
td (off)
tf
3 2
3 2
10 7 5 3
Coss
tr
100 7 5 --10
td(on)
2 3 5 7 2 3 5 7
2
Crss
1.0
--100
0
--5
--10
--15
--20
--25
--30 IT11705
Drain Current, ID -- mA
IT11704
Drain-to-Source Voltage, VDS -- V
No. A1217-3/4
SCH2308
--4.0 --3.5 --3.0 --2.5 --2.0 --1.5 --1.0 --0.5 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 IT11706
VGS -- Qg
VDS= --10V ID= --200mA Drain Current, ID -- A
2 --1.0 7 5 3 2 --0.1 7 5 3 2
ASO
IDP= --800mA
ID= --200mA
DC op
10
PW10s
1m
Gate-to-Source Voltage, VGS -- V
10
era
ms
s
0m
s
Ta = 25
tio
n(
Operation in this area is limited by RDS(on).
C )
--0.01 7 5 3 2
--0.001 --0.1
Ta=25C Single pulse When mounted on ceramic substrate (900mm20.8mm) 1unit
2 3 5 7 --1.0 2 3 5 7 --10 2 3 5
Total Gate Charge, Qg -- nC
0.7
PD -- Ta
When mounted on ceramic substrate (900mm20.8mm) 1unit
Drain-to-Source Voltage, VDS -- V
IT13696
Allowable Power Dissipation, PD -- W
0.65 0.6
0.5
0.4
0.3
0.2
0.1 0 0 20 40 60 80 100 120 140 160
Ambient Temperature, Ta -- C
IT13697
Note on usage : Since the SCH2308 is a MOSFET product, please avoid using this device in the vicinity of highly charged objects.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.
This catalog provides information as of May, 2008. Specifications and information herein are subject to change without notice.
PS No. A1217-4/4


▲Up To Search▲   

 
Price & Availability of ENA1217

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X