Part Number Hot Search : 
APF10206 YGV638 ECN3067 74AVC1 TA8864 S1502Y 834116 BYG60D
Product Description
Full Text Search
 

To Download EMK13G2H-50000M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EMK13 Series
* MEMS FirstTM Resonator Technology * RoHS Compliant (Pb-Free) * 5mm x 7mm Surface Mount Package * LVHCMOS Output * 3.3V Supply Voltage * Stability to 50ppm * 30,000 G Shock Resistance * Available on Tape & Reel * Tri-State and Power Down Options
H L W
EMK13
0.85 7.0 5.0
OSCILLATOR
ELECTRICAL SPECIFICATIONS
Nominal Frequency Operating Temperature Range Storage Temperature Range Supply Voltage (VDD) Input Current Frequency Tolerance / Stability 1.000MHz to 125MHz -40C to 85C -55C to 125C 3.3VDC 10% 20mA Maximum 25mA Maximum 50ppm or 100ppm Maximum
Output Voltage Logic High (VOH) Output Voltage Logic Low (VOL) Rise Time / Fall Time Duty Cycle Load Drive Capability Output Control Function Output Control Input Voltage
< 25.000MHz > 25.000MHz Inclusive of All Conditions: Calibration Tolerance at 25C , Frequency Stability over the Operating Temperature Range, Supply Voltage Change, Output Load Change, 1st Year Aging at 25C, 260C Reflow, Shock, and Vibration IOH = -8mA IOL = +8mA 20% to 80% of waveform at 50% of waveform
VIH of 70% of VDD Minimum or No Connection VIL of 30% of VDD Maximum
Standby Current Peak to Peak Jitter (tPK) Aging Start Up Time
MANUFACTURER CATEGORY
1.000MHz to 12.287999MHz 12.288MHz to 125.000MHz First Year at 25C
90% of VDD Minimum 10% of VDD Maximum 2nSeconds Maximum 50 5(%) 15pF HCMOS Load Maximum Tri-State or Power Down Enables Output Disables Output: High Impedance State for Tri-state, Logic Low for Power Down 50A Maximum 500pSec Maximum, 200pSec Typical 250pSec Maximum, 100pSec Typical 1ppm Maximum 50mSec Maximum
CLASS REV.DATE
SERIES
PACKAGE
VOLTAGE
ECLIPTEK CORP.
OSCILLATOR
EMK13
PLASTIC
3.3V
OS5M
11/07
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
PART NUMBERING GUIDE EMK13 H 2 H - 50.000M TR
FREQUENCY TOLERANCE & STABILITY/ OPERATING TEMPERATURE RANGE G=100ppm Maximum over -40C to +85C H=50ppm Maximum over -40C to +85C DUTY CYCLE 2=50% 5% LOGIC CONTROL H=Tri-State (High Impedance) J=Power Down (Logic Low) AVAILABLE OPTIONS Blank=Bulk TR=Tape and Reel (Standard) FREQUENCY
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
5.00 0.15
0.85 0.15 0.08 MAX 2
1.20 0.10 (x4) 2.1 3 R0.70 0.10 1.70
2.00 (x4)
7.00 0.15
5.08 0.10 1 0.20 0.10 C0.25 0.10 2.60 0.15
A 4
2.88 2.20 (x4) 1.81
Tolerances= +0.1
Pad 1: Tri-State or Power Down Pad 3: Output Pad 4: Supply Voltage Pad 2: Case Ground TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
1.40 0.10 (x4) Note: Solder connection to the bottom four I/O pads of the package only. Note A: Center Paddle is No Connect.
PLASTIC
TAPE
A
16.0 0.3
B G
A0*
C H J
D
4.0 0.2
E
2.0 0.2
F
REEL
M
1.5 MIN
N
50 MIN
O U
180 MAX
P V
16.4 +2/-0
Q
40 MIN QTY/REEL 1,000
7.5 0.2 6.75 0.2 1.5 0.1
20.2 MIN 13.0 0.2
F
8.0 0.2
K
L
K0*
R
2.5 MIN
S
10 MIN
T
22.4 MAX
B0* 0.30 0.05
*Compliant to EIA 481C
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS Characteristic ESD Susceptibility Flammability Mechanical Shock Moisture Resistance Moisture Sensitivity Level Resistance to Soldering Heat Resistance to Solvents Solderability Temperature Cycling Thermal Shock Vibration Specification MIL-STD-883, Method 3015, Class 2, HBM: 2000V UL94-V0 MIL-STD-883, Method 2002, Condition G, 30,000G MIL-STD-883, Method 1004 J-STD-020, MSL 1 MIL-STD-202, Method 210, Condition K MIL-STD-202, Method 215 MIL-STD-883, Method 2003 (Four I/O Pads on bottom of package only) MIL-STD-883, Method 1010, Condition B MIL-STD-883, Method 1011, Condition B MIL-STD-883, Method 2007, Condition A, 20G
MARKING SPECIFICATIONS
Line 1: XXXX
Ecliptek Manufacturing Lot Code
MEMS FirstTM is a registered trademark of SiTime Corporation.
MANUFACTURER CATEGORY SERIES PACKAGE VOLTAGE CLASS REV.DATE
ECLIPTEK CORP.
OSCILLATOR
EMK13
PLASTIC
3.3V
OS5M
11/07
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of EMK13G2H-50000M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X