Part Number Hot Search : 
P1N60 4N26SM LC4064 26100 HER806FT CWD4890E C4430 SMB2EZ91
Product Description
Full Text Search
 

To Download EH93-633-15552 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 581-5040. PHONE (630) 851-4722. www.conwin.com
PRODUCT
D ATA
SHEET
CRYSTAL CONTROLLED OSCILLATORS SURFACE MOUNT 5.0V PECL CLOCK
ABSOLUTE MAXIMUM RATINGS
PARAMETER Storage Temperature Supply Voltage (Vcc) UNITS MINIMUM -55 -0.5 NOMINAL MAXIMUM 125 7.0 UNITS C Vdc TABLE 2.0 (Fo) 13 -100 200 100 MHz ppm TABLE 1.0 NOTE
CW 0701 EH93-631 155.52M
EH93-63*
DESCRIPTION
MODEL SPECIFICATIONS: MODEL EH93-63* (*see options table)
Center Frequency Total Frequency Tolerance
1 TABLE 3.0
OPERATING SPECIFICATIONS
PARAMETER Operating Temperature Range Supply Voltage Supply Current Jitter (BW=10Hz to 20MHz) Jitter (BW=12kHz to 20MHz) (Vcc) (Icc) MINIMUM -40 4.75 NOMINAL 5.0 MAXIMUM 85 5.5 85 5 1 UNITS C Vdc mA ps rms ps rms
NOTE
PECL OUTPUT CHARACTERISTICS
PARAMETER LOAD Voltage (High) (Low) Duty Cycle Rise / Fall Time 20% to 80% MINIMUM 3.98 45 NOMINAL 50 MAXIMUM 50 3.40 55 2.3 UNITS Ohms Vdc Vdc % nS
TABLE 3.0 NOTE 2
The Connor-Winfield EH93-63* series are fixed frequency, surface mount Crystal Controlled Oscillators (XO) designed for applications requiring low jitter and tight frequency stability. Operating at 5.0V supply voltage, the EH93-63* series provides PECL Compatible Outputs with Enable/Disable function.
(Voh) (Vol)
3
FEATURES
* I/O Options
(Add number to end of model number) 0 1 TABLE 4.0 Pin 2 and Pin 6: No Connection. Pin 6: Complementary Output, Pin 2: No Connection. Pin 2: Enable / Disable, Pin 6: No Connection. Enable Voltage: (Vi) 3.40V Max, Disable Voltage: (Vih) 3.87V Min. Note: When oscillator is disabled the output Pin 7 is in a low state. (Vol) Pin 2: Complementary Output, Pin 6: No Connection. Pin 2: Enable / Disable, Pin 6: Complementary Output . Enable Voltage: (Vil )3.40V Max, Disable Voltage: (Vih) 3.87V Min. Note: When oscilla tor is disabled the complementary output Pin 6 is in a low state (Vol) and the output Pin 7 is in a high state. (Voh)
5.0V OPERATION DIFFERENTIAL PECL OUTPUTS LOW JITTER <1pS RMS OVERALL FREQUENCY TOLERANCE: 100ppm INDUSTRIAL TEMPERATURE RANGE: -40 to 85C ENABLE / DISABLE SURFACE MOUNT PACKAGE
2 3
4
PACKAGE CHARACTERISTICS
Package Hermetically sealed, leadless ceramic pac kage.
TABLE 5.0
Notes 1) Includes calibration, stability vs. t emperature, supply and load variations, shock, vibration and aging (15 years). 2) Output must be terminated into 50 ohms t o Vcc - 2V or Thevenin equivalent. 3) Duty Cycle measured at 3.6V.
TAPE AND REEL PACKAGING
ORDERING INFORMATION
EH93-631
PECL SERIES
-
155.52MHz
CENTER FREQUENCY
Specifications subject to change without notice. DATA SHEET #: INT Ec175 PAGE 1 OF 2 REV: 01 DATE: 11/7/02
aCopyright 2001 Connor-Winfield all rights reserved.
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 581-5040. PHONE (630) 851-4722. www.conwin.com
PRODUCT
D ATA
SHEET
CRYSTAL CONTROLLED OSCILLATORS
Pin 1 2 3 4 5 6 7 8 9 10 Connection N/C Option Ground Vee N/C Option Q Output N/C Vcc N/C
Dimensional Tolerance: .005 (.127mm)
Specifications subject to change without notice. DATA SHEET #: INT Ec175 PAGE 2 OF 2 REV: 01 DATE: 11/7/02
aCopyright 2001 Connor-Winfield all rights reserved.


▲Up To Search▲   

 
Price & Availability of EH93-633-15552

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X