Part Number Hot Search : 
MAX38 M100D ATS01 ATS01 4ACT24 ATS01 2SJ281FA EDZ27
Product Description
Full Text Search
 

To Download D2W202F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D2W Series
* SIP SSR * Ratings to 3.5A @ 280 VAC * DC control * Zero-crossing (resistive loads) output * Internal snubber network
PRODUCT SELECTION
Control Voltage
3-32 VDC
2A
D2W202F
3A
D2W203F
3.5A
D2W203F-11
OUTPUT SPECIFICATIONS (1)
Description
Operating Voltage (47-63Hz) [Vrms] Transient Overvoltage [Vpk] Maximum Off-State Leakage Current @ Rated Voltage [mArms] Minimum Off-State dv/dt @ Maximum Rated Voltage [V/sec] (3) Maximum Load Current [Arms] Minimum Load Current [Arms] Maximum Surge Current (16.6ms) [Apk] Maximum On-State Voltage Drop @ Rated Current [Vpk] Minimum Power Factor (with Maximum Load) 24-280 600 8 200 2 0.06 28 1.4 0.5 24-280 600 8 200 3 0.06 70 1.4 0.5 24-280 600 8 200 3.5 0.06 80 1.4 0.5
INPUT SPECIFICATIONS (1)
Description
Control Voltage Range Must Turn On Voltage Must Turn Off Voltage Typical Input Current @ 5 VDC Nominal Input Impedance Maximum Turn-On Time [msec] Maximum Turn-Off Time [msec] 3-32 VDC 3.0 VDC 1.0 VDC 3.0 mAdc 1500 Ohm 1/2 Cycle 1/2 Cycle
GENERAL SPECIFICATIONS
Description
Dielectric Strength, Input/Output/Base (50/60Hz)(2) Minimum Insulation Resistance (@ 500 VDC)(2) Maximum Capacitance, Input/Output Ambient Operating Temperature Range Ambient Storage Temperature Range Weight (typical) Encapsulation
Parameters
4000 Vrms
10 9 Ohm
10 pF -30 to 80C -30 to 125C 0.6 oz. (17g) Thermally Conductive Epoxy
GENERAL NOTES
1) All parameters at 25C unless otherwise specified. 2) Dielectric and insulation resistance are measured between input and output 3) Off-State dv/dt test method per EIA/NARM standard RS
For Contact information visit our web site.
www.crydom.com
(c)2008 Crydom, Inc. Specifications subject to change without notice.
MECHANICAL SPECIFICATIONS
PIN PIN PIN PIN 1: AC LOAD 2: AC LOAD 3: +DC CONTROL 4: -DC CONTROL
THERMAL DERATE INFORMATION
AGENCY APPROVALS
UL E116950 CSA LR81689
Rev. 061608
For Contact information visit our web site.
www.crydom.com
(c)2008 Crydom, Inc. Specifications subject to change without notice.
For Contact information visit our web site.
www.crydom.com
(c)2008 Crydom, Inc. Specifications subject to change without notice.
ANNEX - ENVIROMENTAL INFORMATION
For Contact information visit our web site.
www.crydom.com
(c)2008 Crydom, Inc. Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of D2W202F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X