Part Number Hot Search : 
HD74LS55 D120LC40 LM144 91J4K5E EL5724 ENA0963A SA101 BAT43WS
Product Description
Full Text Search
 

To Download CS5566 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3/25/08
CS5566
2.5 V / 5 V, 5 kSps, 24-bit ADC
Features & Description
Differential Analog Input On-chip Buffers for High Input Impedance Conversion Time = 200 S Settles in One Conversion Linearity Error = 0.0005% Signal-to-Noise = 110 dB 24 Bits, No Missing Codes Simple three/four-wire serial interface Power Supply Configurations:
- Analog: +5V/GND; IO: +1.8V to +3.3V - Analog: 2.5V; IO: +1.8V to +3.3V
General Description
The CS5566 is a single-channel, 24-bit analog-to-digital converter capable of 5 kSps conversion rate. The input accepts a fully differential analog input signal. On-chip buffers provide high input impedance for both the AIN inputs and the VREF+ input. This significantly reduces the drive requirements of signal sources and reduces errors due to source impedances. The CS5566 is a delta-sigma converter capable of switching multiple input channels at a high rate with no loss in throughput. The ADC uses a low-latency digital filter architecture. The filter is designed for fast settling and settles to full accuracy in one conversion. The converter's 24-bit data output is in serial form, with the serial port acting as either a master or a slave. The converter is designed to support bipolar, ground-referenced signals when operated from 2.5V analog supplies. The converter can operate from an analog supply of 0-5V or from 2.5V. The digital interface supports standard logic operating from 1.8, 2.5, or 3.3 V.
Power Consumption: 20 mW @ 5 kSps ORDERING INFORMATION: See Ordering Information on page 30.
V1+
V2+
VL
CS5566
VREF+ VREFCS SMODE
ADC
AI N + AI N-
DIGITAL FILTER LOGIC
SERIAL INTERFACE
SCLK
SDO RDY
SLEEP BUFEN RST
DIGITAL CONTROL
OSC/CLOCK GENERATOR
CONV BP/UP MCLK
V1-
V2-
TST
DCR
VLR
VLR2
Preliminary Product Information
http://www.cirrus.com
This document contains information for a new product. Cirrus Logic reserves the right to modify this product without notice.
Copyright (c) Cirrus Logic, Inc. 2008 (All Rights Reserved)
MAR `08 DS806PP1
3/25/08
CS5566
TABLE OF CONTENTS
1. CHARACTERISTICS AND SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 ANALOG CHARACTERISTICS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 SWITCHING CHARACTERISTICS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 DIGITAL CHARACTERISTICS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 DIGITAL FILTER CHARACTERISTICS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 GUARANTEED LOGIC LEVELS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 RECOMMENDED OPERATING CONDITIONS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 ABSOLUTE MAXIMUM RATINGS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 2. OVERVIEW . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 3. THEORY OF OPERATION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 3.1 Converter Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 3.2 Power Consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 3.3 Clock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 3.4 Voltage Reference . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 3.5 Analog Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 3.6 Output Coding Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 3.7 Typical Connection Diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 3.8 AIN & VREF Sampling Structures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 3.9 Converter Performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 3.10 Digital Filter Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 3.11 Serial Port . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 3.11.1 SSC Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 3.11.2 SEC Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 3.12 Power Supplies & Grounding . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 3.13 Using the CS5566 in Multiplexing Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 3.14 Synchronizing Multiple Converters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 4. PIN DESCRIPTIONS 26 5. PACKAGE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29 6. ORDERING INFORMATION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 7. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION . . . . . . . . . . . . . . 30 8. REVISION HISTORY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
2
DS806PP1
3/25/08
CS5566
LIST OF FIGURES
Figure 1. Converter Status . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Figure 2. SSC Mode - Read Timing, CS remaining low . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Figure 3. SSC Mode - Read Timing, CS falling after RDY falls . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Figure 4. SEC Mode - Continuous SCLK Read Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Figure 5. SEC Mode - Discontinuous SCLK Read Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Figure 6. Power Consumption vs. Conversion Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Figure 7. Voltage Reference Circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Figure 8. CS5566 Configured Using 2.5V Analog Supplies . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Figure 9. CS5566 Configured Using a Single 5V Analog Supply . . . . . . . . . . . . . . . . . . . . . . . . . 19 Figure 10. CS5566 DNL Plot. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Figure 11. Spectral Performance, 0 dB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Figure 12. Spectral Performance, -6 dB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Figure 13. Spectral Performance, -12 dB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Figure 14. Spectral Performance, -20 dB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Figure 15. Spectral Performance, -80 dB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Figure 16. Spectral Performance, -120 dB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Figure 17. Spectral Performance, -130 dB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Figure 19. Noise Histogram (4096 Samples) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Figure 18. Spectral Plot of Noise with Shorted Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Figure 20. Digital Filter Response (DC to 2.5 kHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
LIST OF TABLES
Table 1. Output Coding, Two's Complement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Table 2. Output Coding, Offset Binary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
DS806PP1
3
3/25/08
1. CHARACTERISTICS AND SPECIFICATIONS
* * *
CS5566
Min / Max characteristics and specifications are guaranteed over the specified operating conditions. Typical characteristics and specifications are measured at nominal supply voltages and TA = 25C. VLR = 0 V. All voltages with respect to 0 V.
ANALOG CHARACTERISTICS TA = -40 to +85 C; V1+ = V2+ = +2.5 V, 5%; V1- = V2- = -2.5 V, 5%; VL -VLR = 3.3 V, 5%; VREF = (VREF+) - (VREF-) = 4.096V; MCLK = 8 MHz; SMODE = VL. BUFEN = V1+ unless otherwise stated. Connected per Figure 8. Bipolar mode unless otherwise stated.
Parameter Accuracy Linearity Error Differential Linearity Error Positive Full-scale Error Negative Full-scale Error Full-scale Drift Bipolar Offset Bipolar Offset Drift Noise Dynamic Performance Peak Harmonic or Spurious Noise Total Harmonic Distortion Signal-to-Noise S/(N + D) Ratio -3 dB Input Bandwidth Analog Input Analog Input Range (Differential) Input Capacitance CVF Current (Note 4) AIN Buffer On (BUFEN = V+) AIN Buffer Off (BUFEN = V-) Unipolar Bipolar -100 0 to +VREF VREF 10 600 130 -110 V V pF nA A dB -0.5 dB Input, 200 Hz -60 dB Input, 200 Hz (Note 3) 200 Hz, -0.5 dB Input 200 Hz, -0.5 dB Input 108 -115 -110 110 109 50 21 -100 dB dB dB dB dB kHz (Note 2) (Note 2) (Note 2) (Note 1) 0.0005 0.1 1.0 1.0 1 500 1 9.5 %FS LSB24 %FS %FS PPM / C LSB24 LSB / C Vrms Min Typ Max Unit
Common Mode Rejection Ratio (DC to 2 kHz)
1. 2. 3. 4.
No missing codes is guaranteed at 24 bits resolution over the specified temperature range. One LSB is equivalent to (2 x VREF) / 224 or (2 x 4.096) / 16,777,216 = 488 nV. Scales with MCLK. Measured using an input signal of 1 V DC.
4
DS806PP1
3/25/08
CS5566
TA = -40 to +85 C; V1+ = V2+ = +2.5 V, 5%; V1- = V2- = -2.5 V, 5%; VL -VLR = 3.3 V, 5%; VREF = (VREF+) - (VREF-) = 4.096V; MCLK = 8 MHz; SMODE = VL.; BUFEN = V1+ unless otherwise stated. Connected per Figure 8. Parameter Voltage Reference Input Voltage Reference Input Range (VREF+) - (VREF-) Input Capacitance CVF Current VREF+ Buffer On (BUFEN = V+) VREF+ Buffer Off (BUFEN = V-) VREFIV1 IV2 IVL IV1 IV2 IVL (Note 5) 2.4 75 75 4.096 10 3 1 1 20 15 6 85 85 4.2 5 0.6 0.4 9 1.2 280 V pF A mA mA mA mA mA mA mA A mW mW mW dB dB Min Typ Max Unit
ANALOG CHARACTERISTICS (CONTINUED)
Power Supplies Average DC Power Supply Currents (Note 6)
Peak DC Power Supply Currents
(Note 6)
Average Power Consumption
Normal Operation Buffers On (Note 6) Buffers Off Sleep (SLEEP = 0) (Note 7) V1+ , V2+ Supplies V1-, V2- Supplies
Power Supply Rejection
5. 6. 7.
For optimum performance, VREF+ should always be less than (V+) - 0.2 volts to prevent saturation of the VREF+ input buffer. Specification is for MCLK = 8MHz and 5 kSps conversion rate. MCLK frequency and conversion rate affect power consumption. See Section 3.2 Power Consumption for more details. Tested with 100 mVP-P on any supply up to 2 kHz. V1+ and V2+ supplies at the same voltage potential, V1- and V2- supplies at the same voltage potential.
DS806PP1
5
3/25/08
SWITCHING CHARACTERISTICS
TA = -40 to +85 C; V1+ = V2+ = +2.5 V, 5%; V1- = V2- = -2.5 V, 5%; VL - VLR = 3.3 V, 5%, 2.5 V, 5%, or 1.8 V, 5% Input levels: Logic 0 = 0V Low; Logic 1 = VD+ = High; CL = 15 pF. Parameter Master Clock Frequency Master Clock Duty Cycle Reset RST Low Time RST rising to RDY falling Conversion CONV Pulse Width BP/UP setup to CONV falling CONV low to start of conversion Perform Single Conversion (CONV high before RDY falling) Conversion Time Sleep Mode SLEEP low to low-power state SLEEP high to device active (Note 10)
8. 9.
CS5566
Symbol Internal Oscillator External Clock XIN fclk
Min 6 0.5 40
Typ 7 8 240 3084 1182 50 3083
Max 8 8.1 60 1186 1604 -
Unit MHz MHz % s s MCLKs MCLKs ns MCLKs MCLKs MCLKs s MCLKs
tres Internal Oscillator External Clock twup
1 4 0 20 -
tcpw (Note 8) tscn tscn tbus tbuh tcon tcon
(Note 9) Start of Conversion to RDY falling
BP/UP can be changed coincident CONV falling. BP/UP must remain stable until RDY falls. If CONV is held low continuously, conversions occur every 1600 MCLK cycles. If RDY is tied to CONV, conversions will occur every 1602 MCLKs. If CONV is operated asynchronously to MCLK, a conversion may take up to 1604 MCLKs. RDY falls at the end of conversion. 10. RDY will fall when the device is fully operational when coming out of sleep mode.
tbus CONVERT
RDY
Converter Status
IDLE
CONVERT
SDO ACTIVE
IDLE
1182 - 1186 MCLKs 1600 - 1604 MCLKs
354 + 64 MCLKs
Figure 1. Converter Status (Not to scale) 6 DS806PP1
3/25/08
CS5566
SWITCHING CHARACTERISTICS (CONTINUED)
TA = -40 to +85 C; V1+ = V2+ = +2.5 V, 5%; V1- = V2- = -2.5 V, 5%; VL - VLR = 3.3 V, 5%, 2.5 V, 5%, or 1.8 V, 5% Input levels: Logic 0 = 0V Low; Logic 1 = VD+ = High; CL = 15 pF. Parameter
Serial Port Timing in SSC Mode (SMODE = VL)
Symbol t1 t2 Pulse Width (low) Pulse Width (high) t3 t4 t5
Min 100 100 -
Typ -2 10 8
Max -
Unit MCLKs ns ns ns MCLKs
RDY falling to MSB stable Data hold time after SCLK rising Serial Clock (Out) (Note 11, 12) RDY rising after last SCLK rising
11. 12.
SDO and SCLK will be high impedance when CS is high. In some systems it may require a pull-down resistor. SCLK = MCLK/2.
MCLK
RDY t1 CS t2 SCLK(o) t3 t4 t5
SDO
MSB
MSB-1
LSB+1
LSB
Figure 2. SSC Mode - Read Timing, CS remaining low (Not to Scale)
DS806PP1
7
3/25/08
SWITCHING CHARACTERISTICS (CONTINUED)
TA = -40 to +85 C; V1+ = V2+ = +2.5 V, 5%; V1- = V2- = -2.5 V, 5%; VL - VLR = 3.3 V, 5%, 2.5 V, 5%, or 1.8 V, 5% Input levels: Logic 0 = 0V Low; Logic 1 = VD+ = High; CL = 15 pF. Parameter
Serial Port Timing in SSC Mode (SMODE = VL)
CS5566
Symbol t7 Pulse Width (low) Pulse Width (high) t8 t9 t10 t11 t12 t13 t14
Min 100 100 10 -
Typ 10 8 10 8 5
Max -
Unit ns ns ns MCLKs ns MCLKs ns ns
Data hold time after SCLK rising Serial Clock (Out) (Note 13, 14) RDY rising after last SCLK rising CS falling to MSB stable First SCLK rising after CS falling CS hold time (low) after SCLK rising SCLK, SDO tri-state after CS rising
13.
SDO and SCLK will be high impedance when CS is high. In some systems SCLK and SDO may require pull-down resistors. 14. SCLK = MCLK/2.
MCLK t10 RDY t13 CS t12 SCLK(o) t11 SDO
MSB MSB-1 LSB+1 LSB
t7
t8
t9
t14
Figure 3. SSC Mode - Read Timing, CS falling after RDY falls (Not to Scale)
8
DS806PP1
3/25/08
CS5566
SWITCHING CHARACTERISTICS (CONTINUED)
TA = -40 to +85 C; V1+ = V2+ = +2.5 V, 5%; V1- = V2- = -2.5 V, 5%; VL - VLR = 3.3 V, 5%, 2.5 V, 5%, or 1.8 V, 5% Input levels: Logic 0 = 0V Low; Logic 1 = VD+ = High; CL = 15 pF. Parameter
Serial Port Timing in SEC Mode (SMODE = VLR)
Symbol
-
Min 30 30 10 10 10 10 -
Typ 10 10 10
Max 1 10 SCLK
Unit ns ns ns ns ns ns ns ns ns
SCLK(in) Pulse Width (High) SCLK(in) Pulse Width (Low) CS hold time (high) after RDY falling CS hold time (high) after SCLK rising CS low to SDO out of Hi-Z Data hold time after SCLK rising Data setup time before SCLK rising CS hold time (low) after SCLK rising RDY rising after SCLK falling
15.
t15 t16 (Note 15) t17 t18 t19 t20 t21
-
SDO will be high impedance when CS is high. In some systems SDO may require a pull-down resistor.
MCLK t21 RDY t15 CS t16 SCLK(i) t17 SDO t18 t19
MSB LSB
t20
Figure 4. SEC Mode - Continuous SCLK Read Timing (Not to Scale)
DS806PP1
9
3/25/08
CS5566
MCLK t21 RDY t15 CS t20
SCLK(i) t17 SDO t18 t19
MSB LSB
Figure 5. SEC Mode - Discontinuous SCLK Read Timing (Not to Scale)
DIGITAL CHARACTERISTICS
TA = TMIN to TMAX; VL = 3.3V, 5% or VL = 2.5V, 5% or 1.8V, 5%; VLR = 0V Parameter Input Leakage Current Digital Input Pin Capacitance Digital Output Pin Capacitance Symbol Iin Cin Cout Min Typ 3 3 Max 2 Unit A pF pF
DIGITAL FILTER CHARACTERISTICS
TA = TMIN to TMAX; VL = 3.3V, 5% or VL = 2.5V, 5% or 1.8V, 5%; VLR = 0V Parameter Group Delay
16.
Symbol (Note 16) -
Min -
Typ 160
Max -
Unit MCLKs
See Figure 4 to understand conversion timing. The 160 MCLK group delay occurs during the 354 MCLK high-power period of a conversion cycle. See Section 3.2 Power Consumption for more detail.
10
DS806PP1
3/25/08
CS5566
GUARANTEED LOGIC LEVELS
TA = -40 to +85 C; V1+ = V2+ = +2.5 V, 5%; V1- = V2- = -2.5 V, 5%; VL - VLR = 3.3 V, 5%, 2.5 V, 5%, or 1.8 V, 5% Input levels: Logic 0 = 0V Low; Logic 1 = VD+ = High; CL = 15 pF. Guaranteed Limits Parameter Logic Inputs 3.3
Minimum High-level Input Voltage:
Sym
VL
Min
Typ
Max
Unit
Conditions
1.9 1.6 1.2 1.1 0.95 0.6 V V
VIH
2.5 1.8 3.3
Maximum Low-level Input Voltage:
VIL
2.5 1.8
Logic Outputs 3.3
Minimum High-level Output Voltage:
2.9 2.1 1.65 0.36 0.36 0.44 V
IOH = -2 mA
VOH
2.5 1.8 3.3
V
IOH = -2 mA
Maximum Low-level Output Voltage:
VOL
2.5 1.8
DS806PP1
11
3/25/08
RECOMMENDED OPERATING CONDITIONS
(VLR = 0V, see Note 17)
CS5566
Parameter Single Analog Supply DC Power Supplies: (Note 17) V1+ V2+ V1V2-
Symbol
Min
Typ
Max
Unit
V1+ V2V1+ V2-
4.75 4.75 -
5.0 5.0 0 0
5.25 5.25 -
V V V V
Dual Analog Supplies DC Power Supplies: (Note 17) V1+ V2+ V1V2(Note 18) [VREF+] - [VREF-] V1+ V2V1+ V2VREF +2.375 +2.375 -2.375 -2.375 2.4 +2.5 +2.5 -2.5 -2.5 4.096 +2.625 +2.625 -2.625 -2.625 4.2 V V V V V
Analog Reference Voltage
17. 18.
The logic supply can be any value VL - VLR = +1.71 to +3.465 volts as long as VLR V2- and VL 3.465 V. The differential voltage reference magnitude is constrained by the V1+ or V1- supply magnitude.
ABSOLUTE MAXIMUM RATINGS
(VLR = 0V)
Parameter DC Power Supplies: [V1+] - [V1-] (Note 19) VL + [ |V1-| ] (Note 20) Input Current, Any Pin Except Supplies Analog Input Voltage Digital Input Voltage Storage Temperature Notes: 19. V1+ = V2+; V1- = V220. 21.
Symbol IIN VINA VIND Tstg
Min 0 0 (V1-) - 0.3 VLR - 0.3 -65
Typ -
Max 5.5 6.1 10 (V1+) + 0.3 VL + 0.3 150
Unit V V mA V V C
(Note 21)
(AIN and VREF pins)
V1- = V2Transient currents of up to 100 mA will not cause SCR latch-up.
WARNING: Recommended Operating Conditions indicate limits to which the device is functionally operational. Absolute Maximum Ratings indicate limits beyond which permanent damage to the device may occur. The Absolute Maximum Ratings are stress ratings only and the device should not be operated at these limits. Operation at conditions beyond the Recommended Operating Conditions may affect device reliability, and functional operation beyond Recommended Operating Conditions is not implied. Performance specifications are intended for the conditions specified for each table in the Characteristics and Specifications section.
12
DS806PP1
3/25/08
CS5566
2. OVERVIEW
The CS5566 is a 24-bit analog-to-digital converter capable of 5 kSps conversion rate. The device is capable of switching multiple input channels at a high rate with no loss in throughput. The ADC uses a low-latency digital filter architecture. The filter is designed for fast settling and settles to full accuracy in one conversion. The converter is a serial output device. The serial port can be configured to function as either a master or a slave. The converter can operate from an analog supply of 5V or from 2.5V. The digital interface supports standard logic operating from 1.8, 2.5, or 3.3 V. The CS5566 converts at 5 kSps when operating from a 8 MHz input clock.
3. THEORY OF OPERATION
The CS5566 converter provides high-performance measurement of DC or AC signals. The converter can be used to perform single conversions or continuous conversions upon command. Each conversion is independent of previous conversions and can settle to full specified accuracy, even with a full-scale input voltage step. This is due to the converter architecture which uses a combination of a high-speed delta-sigma modulator and a low-latency filter architecture. Once power is established to the converter, a reset must be performed. A reset initializes the internal converter logic. If CONV is held low then the converter will convert continuously with RDY falling every 1600 MCLKs. This is equivalent to 5 kSps if MCLK = 8.0 MHz. If CONV is tied to RDY, a conversion will occur every 1602 MCLKs. If CONV is operated asynchronously to MCLK, it may take up to 1604 MCLKs from CONV falling to RDY falling. Multiple converters can operate synchronously if they are driven by the same MCLK source and CONV to each converter falls on the same MCLK falling edge. Alternately, CONV can be held low and all devices are reset with RST rising on the same falling edge of MCLK. The output coding of the conversion word is a function of the BP/UP pin. The active-low SLEEP signal causes the device to enter a low-power state. When exiting sleep, the converter will take 3083 MCLK cycles before conversions can be performed. RST should remain inactive (high) when SLEEP is asserted (low).
DS806PP1
13
3/25/08
3.1 Converter Operation
The converter should be reset after the power supplies and voltage reference are stable.
CS5566
The CS5566 converts at 5 kSps when synchronously operated (CONV = VLR) from a 8.0 MHz master clock. Conversion is initiated by taking CONV low. A conversion lasts 1600 master clock cycles, but if CONV is asynchronous to MCLK there may be an uncertainty of 0-4 MCLK cycles after CONV falls to when a conversion actually begins. This may extend the throughput to 1604 MCLKs When the conversion is completed, the output word is placed into the serial port and RDY goes low. To convert continuously, CONV should be held low. In continuous conversion mode with CONV held low, a conversion is performed in 1600 MCLK cycles. Alternately RDY can be tied to CONV and a conversion will occur every 1602 MCLK cycles. To perform only one conversion, CONV should return high at least 20 master clock cycles before RDY falls. Once a conversion is completed and RDY falls, RDY will return high when all the bits of the data word are emptied from the serial port or if the conversion data is not read and CS is held low, RDY will go high two MCLK cycles before the end of conversion. RDY will fall at the end of the next conversion when new data is put into the port register. See Section 3.11 Serial Port for information about reading conversion data. Conversion performance can be affected by several factors. These include the choice of clock source for the chip, the timing of CONV, and the choice of the serial port mode. The converter can be operated from an internal oscillator. This clock source has greater jitter than an external crystal-based clock. Jitter may not be an issue when measuring DC signals, or very-low-frequency AC signals, but can become an issue for higher frequency AC signals. For maximum performance when digitizing AC signals, a low-jitter MCLK should be used. To maximize performance, the CONV pin should be held low in the continuous conversion state to perform multiple conversions, or CONV should occur synchronous to MCLK, falling when MCLK falls. If the converter is operated at maximum throughput, the SSC serial port mode is less likely to cause interference to measurements as the SCLK output is synchronized to the MCLK. Alternately, any interference due to serial port clocking can also be minimized if data is read in the SEC serial port mode when a conversion is not in progress.
14
DS806PP1
3/25/08
CS5566
3.2 Power Consumption
The power consumption of the CS5566 converter is a function of the conversion rate. Figure 6 illustrates the typical power consumption of the converter when operating from either MCLK = 8 MHz or MCLK = 4 MHz. The rate at which conversions are performed directly affects the power consumption. When the converter is powered but not converting, it is in an idle state where its power consumption is about 11 mW. When the CONV signal goes low to start a conversion, the converter delays the actual start of conversion for 1182 to 1186 MCLK cycles, depending upon how CONV is controlled. The timing for the conversion sequence is shown in Figure 1 on page 6. After the 1182 - 1186 MCLK delay from when CONV goes low, the converter enters a higher-power state for 354 MCLK cycles and then returns to a lower-power state for 64 MCLK cycles, after which the RDY signal falls to indicate the completion of a conversion. Since the peak operating current for the converter occurs during the 354 MCLK, higher-power state, it is recommended that a large capacitor be used on the supply to the converter (as shown in Figures 9 and 10). This capacitor filters the peak current demand from the power supply. The average power consumption for the converter will depend upon the frequency of MCLK and the rate at which conversions are performed as illustrated in Figure 1 on page 6.
Power Consumption (mW)
20 17.5 15 12.5 10 7.5 0 500 1k 1.5 2k 2.5k 3k 3.5k 4k 4.5k 5k
Word Rate (Sps)
MCLK = 4MHz MCLK = 8MHz
Figure 6. Power Consumption vs. Conversion Rate
DS806PP1
15
3/25/08
3.3 Clock
CS5566
The CS5566 can be operated from its internal oscillator or from an external master clock. The state of MCLK determines which clock source will be used. If MCLK is tied low, the internal oscillator will start and be used as the clock source for the converter. If an external CMOS-compatible clock is input into MCLK the converter will power down the internal oscillator and use the external clock. If the MCLK pin is held high, the internal oscillator will be held in the stopped state. The MCLK input can be held high to delete clock cycles to aid in operating multiple converters in different phase relationships. The internal oscillator can be used if the signals to be measured are essentially DC. The internal oscillator exhibits jitter at about 500 picoseconds rms. If the CS5566 is used to digitize AC signals, an external low-jitter clock source should be used. If the internal oscillator is used as the clock for the CS5566, the maximum conversion rate will be dictated by the oscillator frequency. If driven from an external MCLK source, the fast rise and fall times of the MCLK signal can result in clock coupling from the internal bond wire of the IC to the analog input. Adding a 50 ohm resistor on the external MCLK source significantly reduces this effect.
3.4 Voltage Reference
The voltage reference for the CS5566 can range from 2.4 volts to 4.2 volts. A 4.096 volt reference is required to achieve the specified performance. Figure 8 and Figure 9 illustrate the connection of the voltage reference with either a single +5 V analog supply or with 2.5 V. For optimum performance, the voltage reference device should be one that provides a capacitor connection to provide a means of noise filtering, or the output should include some type of bandwidth-limiting filter. Some 4.096 volt reference devices need only 5 volts total supply for operation and can be connected as shown in Figure 8 or Figure 9. The reference should have a local bypass capacitor and an appropriate output capacitor. Some older 4.096 voltage reference designs require more headroom and must operate from an input voltage of 5.5 to 6.5 volts. If this type of voltage reference is used ensure that when power is applied to the system, the voltage reference rise time is slower than the rise time of the V1+ and V1- power supply voltage to the converter. An example circuit to slow the output startup time of the reference is illustrated in Figure 7.
5.5 to 15 V
2k
10F
VIN VOUT GND Refer to V1- and VREF1 pins.
Figure 7. Voltage Reference Circuit
4.096 V
16
DS806PP1
3/25/08
CS5566
3.5 Analog Input
The analog input of the converter is fully differential with a peak-to-peak input of 4.096 volts on each input. Therefore, the differential, peak-to-peak input is 8.192 volts. This is illustrated in Figure 8 and Figure 9. These diagrams also illustrate a differential buffer amplifier configuration for driving the CS5566. The capacitors at the outputs of the amplifiers provide a charge reservoir for the dynamic current from the A/D inputs while the resistors isolate the dynamic current from the amplifier. The amplifiers can be powered from higher supplies than those used by the A/D but precautions should be taken to ensure that the opamp output voltage remains within the power supply limits of the A/D, especially under start-up conditions.
3.6 Output Coding Format
The reference voltage directly defines the input voltage range in both the unipolar and bipolar configurations. In the unipolar configuration (BP/UP low), the first code transition occurs 0.5 LSB above zero, and the final code transition occurs 1.5 LSBs below VREF. In the bipolar configuration (BP/UP high), the first code transition occurs 0.5 LSB above -VREF and the last transition occurs 1.5 LSBs below +VREF. See Table 1 for the output coding of the converter.
Table 1. Output Coding, Two's Complement
Bipolar Input Voltage
>(VREF-1.5 LSB) VREF-1.5 LSB 7F FF FE 00 00 00 -0.5 LSB FF FF FF 80 00 01 -VREF+0.5 LSB 80 00 00 <(-VREF+0.5 LSB) 80 00 00
Two's Complement
7F FF FF 7F FF FF
NOTE: VREF = (VREF+) - (VREF-) Table 2. Output Coding, Offset Binary
Unipolar Input Voltage
>(VREF-1.5 LSB) VREF-1.5 LSB FF FF FE 80 00 00 (VREF/2)-0.5 LSB 7F FF FF 00 00 01 +0.5 LSB 00 00 00 <(+0.5 LSB) 00 00 00
Offset Binary
FF FF FF FF FF FF
NOTE: VREF = (VREF+) - (VREF-)
DS806PP1
17
3/25/08
3.7 Typical Connection Diagrams
CS5566
The following figure depicts the CS5566 powered from bipolar analog supplies, +2.5 V and - 2.5 V.
4700pF C0G R1 C1 49.9
CS5566
AIN+
+2.048 V 0V -2.048 V +2.048 V 0V -2.048 V
47pF 4.99k 4.99k R1 C1 49.9 47pF 4.99k 4.99k
SMODE CS
5
SCLK
5
AIN4700pF C0G
SDO RDY
(V+) Buffers On +2.5 V (V-) Buffers Off +4.096 Voltage Reference (NOTE 1) VREF+
10 F 0.1 F
CONV BUFEN BP/UP SLEEP RST
50
MCLK VREF-2.5 V TST
+2.5 V
+3.3 V to +1.8 V
V1+
10 0.1 F
VL
V2+
47 F 0.1 F 10 0.1 F
V20.1 F X7R
DCR
VLR2
V1-2.5 V
VLR
NOTES 1. See Section 3.3 Voltage Reference for information on required voltage reference performance criteria. 2.Locate capacitors so as to minimize loop length. 3. The 2.5 V supplies should also be bypassed to ground at the converter. 4. VLR and the power supply ground for the 2.5 V should be connected to the same ground plane under the chip. 5. SCLK and SDO may require pull-down resistors in some applications. 6. An RC input filter can be used to band limit the input to reduce noise. Select R to be equal to the parallel combination of the feedback of the feedback resistors 4.99k || 4.99k = 2.5k0 0
Figure 8. CS5566 Configured Using 2.5V Analog Supplies
18
DS806PP1
3/25/08
CS5566
The following figure depicts the CS5566 device powered from a single 5V analog supply.
4700pF C0G 49.9 47pF 4.99k
2.048 V
AIN+
4.548 V 2.5 V +0.452 V +4.548 V 2.5 V +0.452 V
CS5566
SMODE CS
4
49.9 47pF 4.99k
SCLK
4
AIN4.096 V
4700pF C0G
SDO RDY
(V+) Buffers On BUFEN +5 V (V-) Buffers Off CONV
BP/UP SLEEP VREF+
+4.096 Voltage Reference (NOTE 1)
RST
10 F
0.1 F 50
MCLK VREFTST
+5 V
+3.3 V to 1.8 V
V1+
0.1 F 47 F 0.1 F 10
VL
V2+
0.1 F
V20.1 F X7R
DCR
VLR2
V1-
VLR
NOTES 1. See Section 3.3 Voltage Reference for information on required voltage reference performance criteria. 2. Locate capacitors so as to minimize loop length. 3. V1-, V2-, and VLR should be connected to the same ground plane under the chip. 4. SCLK and SDO may require pull-down resistors in some applications.
Figure 9. CS5566 Configured Using a Single 5V Analog Supply
DS806PP1
19
3/25/08
3.8 AIN & VREF Sampling Structures
CS5566
The CS5566 uses on-chip buffers on the AIN+, AIN-, and the VREF+ inputs. Buffers provide much higher input impedance and therefore reduce the amount of drive current required from an external source. This helps minimize errors. The Buffer Enable (BUFEN) pin determines if the on-chip buffers are used or not. If the BUFEN pin is connected to the V1+ supply, the buffers will be enabled. If the BUFEN pin is connected to the V1- pin, the buffers are off. The converter will consume about 5 mW less power when the buffers are off, but the input impedances of AIN+, AIN- and VREF+ will be significantly less than with the buffers enabled.
3.9 Converter Performance
The CS5566 achieves excellent differential nonlinearity (DNL). Figure 10 illustrates the code widths on the typical scale of 1 LSB and on a zoomed scale of 0.2 LSB.
(Zoom View) Figure 10. CS5566 DNL Plot
20
DS806PP1
3/25/08
CS5566
Figure 11 through Figure 16 illustrate the performance of the converter with various input signal magnitudes.
0 -20 -40 -60 -80 -100 -120 -140 -160 -180 0 500
277 Hz, 0 dB 32k Samples @ 5 kSps
0 -20 -40 -60 -80 -100 -120 -140 -160 -180 2.5k 0 500
277 Hz, -6 dB 32k Samples @ 5 kSps
1k 1.5k Frequency (Hz)
2k
1k 1.5k Frequency (Hz)
2k
2.5k
Figure 11. Spectral Performance, 0 dB
0 -20 -40 -60 -80 -100 -120 -140 -160 -180 0 500
Figure 12. Spectral Performance, -6 dB
0 -20 -40 -60 -80 -100 -120 -140 -160 -180
2.5k
277 Hz, -12 dB 32k Samples @ 5 kSps
277 Hz, -20 dB 32k Samples @ 5 kSps
1k 1.5k Frequency (Hz)
2k
0
500
1k 1.5k Frequency (Hz)
2k
2.5k
Figure 13. Spectral Performance, -12 dB
0 -20 -40 -60 -80 -100 -120 -140 -160 -180 0 500
Figure 14. Spectral Performance, -20 dB
0 -20 -40 -60 -80 -100 -120 -140 -160 -180 2.5k 0 500
277 Hz, -80 dB 32k Samples @ 5 kSps
277 Hz, -120 dB 32k Samples @ 5 kSps
1k 1.5k Frequency (Hz)
2k
1k 1.5k Frequency (Hz)
2k
2.5k
Figure 15. Spectral Performance, -80 dB
Figure 16. Spectral Performance, -120 dB
DS806PP1
21
3/25/08
CS5566
Figure 16 illustrates the device with a small signal 1/1,000,000 of full scale. The signal input for figure 15 is about 8.2 microvolts peak to peak, or about 17 codes peak to peak. Figure 17 illustrates the converter with a signal at about 2.6 microvolts peak to peak, or about 5 codes peak to peak. The CS5566 achieves superb performance with this small signal. Figure 18 illustrates the noise floor of the converter from 0.1 Hz to 2.5 kHz. The plot is entirely free of spurious frequency content due to digital activity inside the chip. Figure 19 illustrates a noise histogram of the converter constructed from 4096 samples.
0 -20 -40 -60 -80 -100 -120 -140 -160 -180 0 500
277 Hz, -130 dB 32k Samples @ 5 kSps
1k 1.5k Frequency (Hz)
2k
2.5k
Figure 17. Spectral Performance, -130 dB
-60 -80 -100 -120 -140 -160 -180 0.1
Shorted Input 2M Samples @ 5 kSps 16 Averages
1
10 Frequency (Hz)
100
1k
2.5k
Figure 18. Spectral Plot of Noise with Shorted Input
100 90 80 70 60 50 40 30 20 10 0
Number of Occurances
4096 Samples Mean = 96.32 Std. Dev. = 21.3 Max - Min = 150
Output Codes
Figure 19. Noise Histogram (4096 Samples)
22
DS806PP1
3/25/08
CS5566
3.10 Digital Filter Characteristics
The digital filter is designed for fast settling, therefore it exhibits very little in-band attenuation. The filter attenuation is -0.0414 dB at 2.5 kHz when sampling at 5 kSps.
-0.001646 dB -0.00663 dB
fs = 5 kSps
-0.0149 dB
-0.0262 dB
-0.0414 dB
Frequency (Hz)
Figure 20. Digital Filter Response (DC to 2.5 kHz)
DS806PP1
23
3/25/08
3.11 Serial Port
CS5566
The serial port on the CS5566 can operate in two different modes: synchronous self clock (SSC) mode & synchronous external clock (SEC) mode. The serial port must be placed into the SEC mode if the offset and gain registers of the converter are to be read or written. The converter must be idle when reading or writing to the on-chip registers. 3.11.1 SSC Mode If the SMODE pin is high (SMODE = VL), the serial port operates in the SSC (Synchronous Self Clock) mode. In the SSC mode the port shifts out conversion data words with SCLK as an output. SCLK is generated inside the converter from MCLK. Data is output from the SDO (Serial Data Output) pin. If CS is high, the SDO and SCLK pins will stay in a high-impedance state. If CS is low when RDY falls, the conversion data word will be output from SDO MSB first. Data is output on the rising edge of SCLK and should be latched into the external logic on the subsequent rising edge of SCLK. When all bits of the conversion word are output from the port the RDY signal will return to high. 3.11.2 SEC Mode If the SMODE pin is low (SMODE = VLR), the serial port operates in the SEC (Synchronous External Clock mode). In this mode, the user usually monitors RDY. When RDY falls at the end of a conversion, the conversion data word is placed into the output data register in the serial port. CS is then activated low to enable data output. Note that CS can be held low continuously if it is not necessary to have the SDO output operate in the high impedance state. When CS is taken low (after RDY falls) the conversion data word is then shifted out of the SDO pin by driving the SCLK pin from system logic external to the converter. Data bits are advanced on rising edges of SCLK and latched by the subsequent rising edge of SCLK. If CS is held low continuously, the RDY signal will fall at the end of a conversion and the conversion data will be placed into the serial port. If the user starts a read, the user will maintain control over the serial port until the port is empty. However, if SCLK is not toggled, the converter will overwrite the conversion data at the completion of the next conversion. If CS is held low and no read is performed, RDY will rise just prior to the end of the next conversion and then fall to signal that new data has been written into the serial port.
24
DS806PP1
3/25/08
CS5566
3.12 Power Supplies & Grounding
The CS5566 can be configured to operate with its analog supply operating from 5V, or with its analog supplies operating from 2.5V. The digital interface supports digital logic operating from either 1.8V, 2.5V, or 3.3V. Figure 8 on page 18 illustrates the device configured to operate from 2.5V analog. Figure 9 on page 19 illustrates the device configured to operate from 5V analog. Note that the schematic indicates a 47 F capacitor between V1+ and V1-. This capacitor is necessary to reduce the peak current required from the power supply during conversion. See Power Consumption on page 16 for a more detailed discussion. To maximize converter performance, the analog ground and the logic ground for the converter should be connected at the converter. In the dual analog supply configuration, the analog ground for the 2.5V supplies should be connected to the VLR pin at the converter with the converter placed entirely over the analog ground plane. In the single analog supply configuration (+5V), the ground for the +5V supply should be directly tied to the VLR pin of the converter with the converter placed entirely over the analog ground plane. Refer to Figure 9 on page 19.
3.13 Using the CS5566 in Multiplexing Applications
The actual conversion process inside the CS5566 begins 1182 MCLK cycles after the CONV signal is taken low. This would be over 147 microseconds when MCLK = 8 MHz. If the input channel of an external multiplexer is changed coincident with CONV going low, the 1182 MCLK delay should be more than an adequate time for settling. If there is an operational amplifier between the multiplexer and the converter, one should be certain that the amplifier can settle within the 1182 MCLK delay period. If not, the multiplexer will need to be switched some time prior to CONV going low.
3.14 Synchronizing Multiple Converters
Many measurement systems have multiple converters that need to operate synchronously. The converters should all be driven from the same master clock. In this configuration, the converters will convert synchronously if the same CONV signal is used to drive all the converters, and CONV falls on a falling edge of MCLK. If CONV is held low continuously, reset (RST) can be used to synchronize multiple converters if RST is released on a falling edge of MCLK.
DS806PP1
25
3/26/08
4. PIN DESCRIPTIONS
Chip Select Factory Test Serial Mode Select Differential Analog Input Differential Analog Input Negative Power 1 Positive Power 1 Buffer Enable Voltage Reference Input Voltage Reference Input Bipolar/Unipolar Select Sleep Mode Select CS TST SMODE AIN+ AINV1V1+ BUFEN VREF+ VREFBP/UP SLEEP 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 RDY SCLK SDO VL VLR MCLK V2V2+ DCR CONV VLR2 RST
CS5566
Ready Serial Clock Input/Output Serial Data Output Logic Interface Power Logic Interface Return Master Clock Negative Voltage 2 Positive Voltage 2 Digital Core Regulator Convert Logic Interface Return Reset
CS - Chip Select, Pin 1 The Chip Select pin allows an external device to access the serial port. If SMODE = VL (SSC Mode) and CS is held high, the SDO output and the SCLK output will be held in a high-impedance output state. TST - Factory Test, Pin 2 Factory test only. Connect to VLR. SMODE - Serial Mode Select, Pin 3 The serial interface mode pin (SMODE) dictates whether the serial port behaves as a master or slave interface. If SMODE is tied high (to VL), the port will operate in the Synchronous Self-Clocking (SSC) mode. In SSC mode, the port acts as a master in which the converter outputs both the SDO and SCLK signals. If SMODE is tied low (to VLR), the port will operate in the Synchronous External Clocking (SEC) mode. In SEC mode, the port acts as a slave in which the external logic or microcontroller generates the SCLK used to output the conversion data word from the SDO pin. AIN+, AIN- - Differential Analog Input, Pin 4, 5 AIN+ and AIN- are differential inputs for the converter. V1- - Negative Power 1, Pin 6 The V1- and V2- pins provide a negative supply voltage to the core circuitry of the chip. These two pins should be decoupled as shown in the application block diagrams. V1- and V2- should be supplied from the same source voltage. For single-supply operation, these two voltages are nominally 0 V (Ground). For dual-supply operation, they are nominally -2.5 V. V1+ - Positive Power 1, Pin 7 The V1+ and V2+ pins provide a positive supply voltage to the core circuitry of the chip. These two pins should be decoupled as shown in the application block diagrams. V1+ and V2+ should be supplied from the same source voltage. For single supply-operation, these two voltages are nominally +5 V. For dual-supply operation, they are nominally +2.5 V. BUFEN - Buffer Enable, Pin 8 Buffers on input pins AIN+ and AIN- are enabled if BUFEN is connected to V1+ and disabled if connected to V1-. VREF+, VREF- - Voltage Reference Input, Pin 9, 10 A differential voltage reference input on these pins functions as the voltage reference for the converter. The voltage between these pins can range between 2.4 volts and 4.2 volts, with 4.096 volts being the nominal reference voltage value.
26
DS806PP1
3/25/08
CS5566
BP/UP - Bipolar/Unipolar Select, Pin 11 The BP/UP pin determines the span and the output coding of the converter. When set high to select BP (bipolar), the input span of the converter is -4.096 volts to +4.096 volts fully differential (assuming the voltage reference is 4.096 volts) and output data is coded in two's complement format. When set low to select UP (unipolar), the input span is 0 to +4.096 fully differential and the output data is coded in binary format. SLEEP - Sleep Mode Select, Pin 12 When taken low, the SLEEP pin will cause the converter to enter into a low-power state. SLEEP will stop the internal oscillator and power down all internal analog circuitry. RST - Reset, Pin 13 Reset is necessary after power is initially applied to the converter. When the RST input is taken low, the logic in the converter will be reset. When RST is released to go high, certain portions of the analog circuitry are started. RDY falls when reset is complete. CONV - Convert, Pin 15 The CONV pin initiates a conversion cycle if taken low, unless a previous conversion is in progress. When the conversion cycle is completed, the conversion word is output to the serial port register and the RDY signal goes low. If CONV is held low and remains low when RDY falls, another conversion cycle will be started. DCR - Digital Core Regulator, Pin 16 DCR is the output of the on-chip regulator for the digital logic core. DCR should be bypassed with a capacitor to V2-. The DCR pin is not designed to power any external load. V2+ - Positive Power 2, Pin 17 The V1+ and V2+ pins provide a positive supply voltage to the circuitry of the chip. These two pins should be decoupled as shown in the application block diagrams. V1+ and V2+ should be supplied from the same source voltage. For single-supply operation, these two voltages are nominally +5 V. For dual-supply operation, they are nominally +2.5 V. V2- - Negative Power 2, Pin 18 The V1- and V2- pins provide a negative supply voltage to the circuitry of the chip. These two pins should be decoupled as shown in the application block diagrams. V1- and V2- should be supplied from the same source voltage. For single-supply operation, these two voltages are nominally 0 V (Ground). For dual-supply operation, they are nominally -2.5 V. MCLK - Master Clock, Pin 19 The master clock pin (MCLK) is a multi-function pin. If tied low (MCLK = VLR), the on-chip oscillator will be enabled. If tied high (MCLK = VL), all clocks to the internal circuitry of the converter will stop. When MCLK is held high the internal oscillator will also be stopped. MCLK can also function as the input for an external CMOS-compatible clock that conforms to supply voltages on the VL and VLR pins. VLR2, VLR, VL - Logic Interface Power/Return, Pins 14, 20, 21 VL and VLR are the supply voltages for the digital logic interface. VL and VLR can be configured with a wide range of common mode voltage. The following interface pins function from the VL/VLR supply: SMODE, CS, SCLK, SDO, RDY, SLEEP, CONV, RST, BP/UP, and MCLK. SDO - Serial Data Output, Pin 22 SDO is the output pin for the serial output port. Data from this pin will be output at a rate determined by SCLK and in a format determined by the BP/UP pin. Data is output MSB first and advances to the next data bit on the rising edges of SCLK. SDO will be in a high impedance state when CS is high.
DS806PP1
27
3/25/08
CS5566
SCLK - Serial Clock Input/Output, Pin 23 The SMODE pin determines whether the SCLK signal is an input or an output signal. SCLK determines the rate at which data is clocked out of the SDO pin. If the converter is in SSC mode, the SCLK frequency will be determined by the master clock frequency of the converter (either MCLK or the internal oscillator). In SEC mode, the user determines the SCLK frequency. If SMODE = VL (SSC Mode), SCLK will be in a high-impedance state when CS is high. RDY - Ready, Pin 24 If CONV is low the converter will immediately start a conversion and RDY will remain high until the conversion is completed. At the end of any conversion RDY falls to indicate that a conversion word has been placed into the serial port. RDY will return high after all data bits are shifted out of the serial port or two master clock cycles before new data becomes available if the CS pin is inactive (high); or two master clock cycles before new data becomes available if the user holds CS low but has not started reading the data from the converter when in SEC mode.
28
DS806PP1
3/25/08
CS5566
5. PACKAGE DIMENSIONS
24L SSOP PACKAGE DRAWING
N
D
E11 A2 A1 A
E
L
e
b2 SIDE VIEW
END VIEW
SEATING PLANE
123
TOP VIEW
DIM A A1 A2 b D E E1 e L
MIN -0.002 0.064 0.009 0.311 0.291 0.197 0.022 0.025 0
INCHES NOM -0.006 0.068 -0.323 0.307 0.209 0.026 0.03 4
MAX 0.084 0.010 0.074 0.015 0.335 0.323 0.220 0.030 0.041 8
MIN -0.05 1.62 0.22 7.90 7.40 5.00 0.55 0.63 0
MILLIMETERS NOM -0.13 1.73 -8.20 7.80 5.30 0.65 0.75 4
NOTE MAX 2.13 0.25 1.88 0.38 8.50 8.20 5.60 0.75 1.03 8
2,3 1 1
JEDEC #: MO-150
Controlling Dimension is Millimeters. Notes:
1."D" and "E1" are reference datums and do not included mold flash or protrusions, but do include mold mismatch and are measured at the parting line, mold flash or protrusions shall not exceed 0.20 mm per side. 2.Dimension "b" does not include dambar protrusion/intrusion. Allowable dambar protrusion shall be 0.13 mm total in excess of "b" dimension at maximum material condition. Dambar intrusion shall not reduce dimension "b" by more than 0.07 mm at least material condition. 3.These dimensions apply to the flat section of the lead between 0.10 and 0.25 mm from lead tips.
DS806PP1
29
3/25/08
6. ORDERING INFORMATION
Model Linearity Temperature Conversion Time Throughput
CS5566
Package
CS5566-ISZ
0.0005%
-40 to +85 C
200 s
5 kSps
24-pin SSOP
7. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION
Model Number Peak Reflow Temp 260 C MSL Rating* 3 Max Floor Life 7 Days
CS5566-ISZ
* MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
8. REVISION HISTORY
Revision PP1 Date MAR 2008 Changes Preliminary release.
Contacting Cirrus Logic Support
For all product questions and inquiries contact a Cirrus Logic Sales Representative. To find the one nearest to you go to www.cirrus.com
IMPORTANT NOTICE "Preliminary" product information describes products that are in production, but for which full characterization data is not yet available. Cirrus Logic, Inc. and its subsidiaries ("Cirrus") believe that the information contained in this document is accurate and reliable. However, the information is subject to change without notice and is provided "AS IS" without warranty of any kind (express or implied). Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgment, including those pertaining to warranty, indemnification, and limitation of liability. No responsibility is assumed by Cirrus for the use of this information, including use of this information as the basis for manufacture or sale of any items, or for infringement of patents or other rights of third parties. This document is the property of Cirrus and by furnishing this information, Cirrus grants no license, express or implied under any patents, mask work rights, copyrights, trademarks, trade secrets or other intellectual property rights. Cirrus owns the copyrights associated with the information contained herein and gives consent for copies to be made of the information only for use within your organization with respect to Cirrus integrated circuits or other products of Cirrus. This consent does not extend to other copying such as copying for general distribution, advertising or promotional purposes, or for creating any work for resale. CERTAIN APPLICATIONS USING SEMICONDUCTOR PRODUCTS MAY INVOLVE POTENTIAL RISKS OF DEATH, PERSONAL INJURY, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE ("CRITICAL APPLICATIONS"). CIRRUS PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE IN PRODUCTS SURGICALLY IMPLANTED INTO THE BODY, AUTOMOTIVE SAFETY OR SECURITY DEVICES, LIFE SUPPORT PRODUCTS OR OTHER CRITICAL APPLICATIONS. INCLUSION OF CIRRUS PRODUCTS IN SUCH APPLICATIONS IS UNDERSTOOD TO BE FULLY AT THE CUSTOMER'S RISK AND CIRRUS DISCLAIMS AND MAKES NO WARRANTY, EXPRESS, STATUTORY OR IMPLIED, INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR PARTICULAR PURPOSE, WITH REGARD TO ANY CIRRUS PRODUCT THAT IS USED IN SUCH A MANNER. IF THE CUSTOMER OR CUSTOMER'S CUSTOMER USES OR PERMITS THE USE OF CIRRUS PRODUCTS IN CRITICAL APPLICATIONS, CUSTOMER AGREES, BY SUCH USE, TO FULLY INDEMNIFY CIRRUS, ITS OFFICERS, DIRECTORS, EMPLOYEES, DISTRIBUTORS AND OTHER AGENTS FROM ANY AND ALL LIABILITY, INCLUDING ATTORNEYS' FEES AND COSTS, THAT MAY RESULT FROM OR ARISE IN CONNECTION WITH THESE USES. Cirrus Logic, Cirrus, and the Cirrus Logic logo designs are trademarks of Cirrus Logic, Inc. All other brand and product names in this document may be trademarks or service marks of their respective owners.
30
DS806PP1


▲Up To Search▲   

 
Price & Availability of CS5566

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X