Part Number Hot Search : 
Z32RD751 S133BCI UFS150G MUN5133 MSCD102 ADCMP561 07197 CP3CN23
Product Description
Full Text Search
 

To Download BU2522A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
BU2522A
DESCRIPTION With TO-3PN package High voltage High speed switching APPLICATIONS For use in horizontal deflection circuits of high resolution monitors.
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO IC ICM IB IBM Ptot Tj Tstg

PARAMETER
CONDITIONS Open emitter
Collector-base voltage
HAN INC
Collector-emitter voltage Collector current (DC) Collector current-peak Base current (DC) Base current-peak Total power dissipation Junction temperature Storage temperature
SEM GE
Open base
OND IC
TOR UC
VALUE 1500 800 10 25 6 9
UNIT V V A A A A W ae ae
TC=25ae
125 150 -65~150
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
BU2522A
SYMBOL
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=100mA ;IB=0,L=25mH
800
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA ;IC=0
7.5
13.5
V
VCEsat
Collector-emitter saturation voltage
IC=6A ;IB=1.76A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=6A ;IB=1.76A VCE=BVCES; VBE=0 Tj=125ae VEB=7.5V; IC=0
1.3 0.25 2.0 0.25
V
ICES
Collector cut-off current
mA
IEBO
Emitter cut-off current
mA
hFE-1
DC current gain
hFE-2
DC current gain
ANG CH
IC=1A ; VCE=5V
8
IC=6A ; VCE=5V
CC
Collector capacitance
IN
SEM E
VCB=10V;IE=0;f=1.0MHz
OND IC
5
TOR UC
7 8 115 pF
10
21
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BU2522A
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 outline dimensions (unindicated tolerance:A
0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of BU2522A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X