Part Number Hot Search : 
HT46R23 D8749H MM1662K 30620 D8284A LT11151 1N58311 2409D
Product Description
Full Text Search
 

To Download ATR0601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * *
Very Low Power Design (40 mW) Single IF Architecture Excellent Noise Performance 1.5-bit ADC On Chip Small QFN Package (4 mm x 4 mm, 24 pins) Highly integrated, Few External Components Advanced BiCMOS Technology (UHF6s) RoHS Compliant
1. Description
The ATR0601 is a single IF GPS front-end IC, designed to meet the requirements of mobile and automotive applications. Excellent RF performance combined with low noise figure enables high quality GPS solutions and it's very low power consumption fits perfectly to portable devices. Featuring a balanced XTO and a fully integrated balanced frequency synthesizer, only few external components are required. The ATR0601 offers a complete autonomous mode, utilizing the on chip AGC in closed loop operation, to set the gain of the IF VGA. Alternatively, in combination with the AntarisTM4 baseband processor family, the optimum gain of the IF VGA can be computed and set by software, using the digital SDI interface. Figure 1-1.
VCC
GPS Front-end IC ATR0601
Block Diagram
VDIG NBPI AGCO BPI EGC VCC BP NBP
PUXTO PURF
PMSS Logic 1
SDI
A RF NRF A D VCO PLL XTO NXTO XTO X NX D
SL
SH
SC
GND
TEST
MO
4866G-GPS-11/06
2. Pin Configuration
Figure 2-1. Pinning QFN24
SC SH SL SDI EGC VCC 24 23 22 21 20 19 VDIG AGCO NXTO NX X XTO 1 2 3 4 5 6 18 17 16 15 14 13 PURF PUXTO NBPI BPI NBP BP Paddle GND 7 8 9 10 11 12 VCC MO TEST NRF RF NC
Table 2-1.
Pin Paddle 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Note:
Pin Description
Symbol GND VDIG AGCO NXTO NX X XTO VCC MO TEST NRF RF NC BP NBP BPI NBPI PUXTO PURF VCC EGC SDI SL SH SC Type(1) S S A_I/O A_I A_O A_O A_I S A_O A_I A_I A_I - A_O A_O A_I A_I D_I D_I S D_I D_I D_O D_O D_O Function Common ground Digital supply AGC: gain control voltage output/corner frequency determination XTO interface (optional: TCXO input) XTO interface XTO interface XTO interface (optional: TCXO input) Analog supply Testbuffer output (fIF) Enable testbuffer RF input complementary RF input Not connected IF-Filter interface (mixer output, open collector) IF-Filter interface (mixer output complementary, open collector) IF-Filter interface (IF-input) IF-Filter interface (IF-input complementary) Power-up XTO Power-up RF Analog supply Enable external gain control (high = external; low = internal) Input for external gain control signal ( modulation) Data output: "low" Data output: "high" Sample clock
1. Type: A_I Analog input, A_O Analog output, D_I Digital input, D_O Digital output, S Supply
2
ATR0601
4866G-GPS-11/06
ATR0601
3. Functional Description
3.1 General Description
The ATR0601 GPS receiver IC has been especially designed for GPS applications in both mobile phone and automotive applications. From this system point of view, it incorporates highest isolation between GPS and cellular bands, as well as very low power consumption. The L1 input signal (fRF) is a Direct Sequence Spread Spectrum (DSSS) signal with a centre frequency of: fRF = 1575.42 MHz. The digital modulation scheme is Bi-Phase-Shift-Keying (BPSK) with a chip rate of 1.023 Mbps. As the input signal power at the antenna is approximately -140 dBm, the desired signal is below the thermal noise floor.
3.2
PMSS Logic
The Power Management, Startup and Shutdown Logic ensures reliable operation within the recommended operating and timing conditions. The external power control signals PUrf and PUxto are passed thru Schmitt-trigger inputs, digital and analog supply voltages are analyzed by monitoring circuits.
3.3
XTO
The XTO is designed for minimum phase noise and frequency perturbations. The balanced topology gives maximum isolation from external and ground coupled noise. The built-in jump start circuitry ensures reliable start-up behaviour of any specified crystal. For use with an external TCXO, the XTO circuitry can be used as a single-ended or balanced input buffer. The recommended reference frequency is: fXTO = 23.104 MHz.
3.4
VCO/PLL
The frequency synthesizer features a balanced VCO and a fully integrated loop filter, thus no external components are required. The VCO combines very good phase noise behaviour and excellent spurious suppression. The relation between the reference frequency (fXTO) and the VCO centre frequency (fVCO) is given by: fVCO = fXTO x 64 = 23.104 MHz x 64 = 1478.656 MHz.
3.5
RF-Mixer/Image-filter
Combined with the antenna an external LNA provides a first band-pass filtering of the signal. For the LNA, Atmel's ATR0610 is recommended, due to it's low Noise Figure, high linearity an low power consumption. The output of the LNA drives an SAW filter, which provides image rejection for the mixer and the required isolation of all GSM bands. The output of the SAW filter is fed into a highly linear mixer with high conversion gain and excellent noise performance. The IF frequency (fIF) is given by: fIF = fRF - fVCO = 1575.42 MHz - 1478.656 MHz = 96.764 MHz.
3.6
IF-filter
The mixer directly drives an external LC band-pass filter via open collector outputs. In order to provide highest selectivity and conversion gain, it is recommended to design the external filter, according to the application proposal, as a 2-pole filter with a quality factor Q > 25.
3
4866G-GPS-11/06
3.7
VGA/AGC
The output of the IF-Filter drives an on-chip Variable Gain Amplifier (VGA) which is combined with additional low-pass filtering. The on-chip Automatic Gain Control (AGC) stage sets the gain of the VGA in order to optimally charge the input of the following analog-to-digital converter. The AGC control loop can be selected for on-chip closed loop operation or for external gain control mode. For external gain control mode, the loop needs to be closed by the baseband IC ATR0621.
3.8
A/D Converter
The analog-to-digital converter stage has a total resolution of 1.5 bit. It comprises balanced comparators and a sub sampling unit, clocked by the reference frequency (fXTO). The frequency spectrum of the digital output signal (fOUT), present at the data outputs SL and SH, is then given by: fOUT = fIF - fXTO x n . The selected sub sampling factor (n = 4) leads to the designated digital output signal, with a centre frequency given by: fOUT = fIF - fXTO x 4 = 96.764 MHz - 23.104 MHz - 4 = 4.348 MHz.
3.9
Clock and Data Driver
CMOS output drivers are providing 1.5 bit data (SH, SL) and the system clock (SC). The rail-to-rail output signal level is determined by the digital supply voltage (VDIG).
4
ATR0601
4866G-GPS-11/06
ATR0601
4. Absolute Maximum Ratings
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Parameters Analog supply voltage Digital supply voltage Input voltage Operating temperature Storage temperature Symbol VCC VDIG Vin Top Tstg Value -0.3 to +3.7 -0.3 to +3.7 -0.3 to +3.7 -40 to +85 -55 to +125 Unit V V V C C
5. Thermal Resistance
Parameters Junction ambient Symbol Rth Value 125 Unit K/W
6. Operating Range
Parameters Analog supply voltage Digital supply voltage Supply voltage difference (V = VCC - VDIG) Temperature range Input frequency Reference frequency Symbol VCC VDIG V Temp fRF fXTO Value 2.70 to 3.30 1.65 to 2.00 0.80 -40 to +85 1575.42 23.104 Unit V V V C MHz MHz
7. ESD Characteristics
Parameters ESD level HBM (Human Body Model) ESD level MM (Machine Machine Model) ESD level CDM (Charged Device Model) Symbol VHBM VMM VCDM Norm ANSI/ESD STM.5.1-2001 EIA/JESD22 A115 A ESD STM.5.3.1-1999 Value 2500 250 1250 Unit V V V
8. Electrical Characteristics
No. 1 1.1 1.2 1.3 Parameters Common Analog supply current(1) Digital supply current
(1),(2)
Test Conditions VPUxto = VPUrf = VPU,on VPUxto = VPUrf = VPU,on VPUxto = VPU,on, VPUrf = VPU,off
Pin 7, 19 1 7, 19
Symbol IS IDIG IS_XTO
Min.
Typ. 14.2 700 2.9
Max.
Unit mA A mA
Type* A A A
Analog supply current in XTO mode(1)
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter Notes: 1. Conditions: VCC = 2.7V; VDIG = 1.65V; Temperature = 27C 2. Capacitive load (CL = 3.3 pF) at pins 22, 23, 24 3. Capacitive load (CL = 3.3 pF) at pin 24
5
4866G-GPS-11/06
8. Electrical Characteristics (Continued)
No. 1.4 1.5 1.6 1.7 2 2.1 2.2 2.3 2.4 3 3.1 3.2 3.3 3.4 3.5 3.6 4 4.1 4.2 5 5.1 5.2 5.3 5.4 5.5 6 6.1 6.2 Notes: Parameters Digital supply current in XTO mode(1),(3) Supply current in power down mode(1) Maximum total gain Noise figure (SSB) Mixer Output frequency Input impedance (balanced) Conversion Gain Noise figure (SSB) VGA/AGC Minimum gain Maximum gain Control-voltage sensitivity AGC cut-off frequency AGC cut-off frequency Gain-control output voltage Reference Oscillator XTO phase noise at 100 Hz Clock and Data Driver Clock driver frequency Clock output level Clock output level Data output level Data output level PMSS Voltage level power-on Voltage level power-off 17, 18 17, 18 VPU,on VPU,off 1.3 0.5 V V A A fXTO = 23.104 MHz Cload,max = 10 pF Cload.max = 10 pF Cload,max = 10 pF Cload,max = 10 pF 24 24 24 22, 23 22, 23 fCLK VCLK,high VCLK,low VData,high VData,low 23.104 0.9 x VDIG 0.1 x VDIG 0.9 x VDIG 0.1 x VDIG MHz V V V V A B B B B With specified crystal 24 24 Pn100 Pn1k -80 -100 dBc/Hz dBc/Hz C C VAGCO = 1.0V VAGCO = 2.2V VAGCO = 2.2V VAGCO = 1.0V Cext = open Cext = 100 pF 2 2 2 GVGA,min GVGA,max NVGA,min NVGA,max f3dB_AGC f3dB_AGC VAGCO 0.9 0 70 6.6 150 250 33 2.3 dB dB dB/V dB/V kHz kHz V B B D D D D B fXTO = 23.104 MHz fRF = 1575.42 MHz Recommended IF-filter 13, 14 10, 11 8 8 fIF Z11 GMIX NFMIX 96.764 10-j80 20 5.8 MHz dB dB A C B C Test Conditions VPUxto = VPU,on, VPUrf = VPU,off VPUxto = VPUrf = VPU,off VAGCO = 2.2V Pin 1 1, 7, 19 Symbol IDIG_XTO IPD Gmax_tot NFtot 90 6.8 Min. Typ. 500 2 Max. Unit A A dB dB Type* A A B C
XTO phase noise at 1 kHz With specified crystal
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter 1. Conditions: VCC = 2.7V; VDIG = 1.65V; Temperature = 27C 2. Capacitive load (CL = 3.3 pF) at pins 22, 23, 24 3. Capacitive load (CL = 3.3 pF) at pin 24
6
ATR0601
4866G-GPS-11/06
ATR0601
9. Timing
Figure 9-1.
VCC VDIG PUxto PUrf
tmin = 0s tmin = 0s tmin = 0s tmin = 5ms tmin = 0s tmin=0s tmin = 0s
Recommended Power-up/down Sequence
Figure 9-2.
Recommended Sleep-mode Sequence
VCC VDIG PUxto PUrf
tmin = 0s tmin = 4 s tmin = 0s
Figure 9-3.
Recommended XTO Start-up/Shut-down Sequence
VCC VDIG PUxto
tmin = 1 ms tmin = 4 s
Figure 9-4.
Sample Clock Start-up Delay
VCC VDIG PUxto SC
tmax = 500 s T = 1/23.104 MHz
7
4866G-GPS-11/06
Figure 9-5.
Synchronous Shut-down Behavior of SC with Respect to PUxto
VCC VDIG PUxto SC
T = 1/23.104 MHz tmin = 0s tmax = 25ns tmax = 0s
Figure 9-6.
Data Outputs SL and SH are Valid with Rising Edge of Sample Clock SC
SL SH SC
T = 1/23.104 MHz
8
ATR0601
4866G-GPS-11/06
ATR0601
10. Application Circuit
Figure 10-1. Application Example Using a GPS Crystal with ESRtyp = 12 (Please see Table 10-1 on page 11)
VCC VCC VCC VDIG 68 4.7nF 220nH 220nH 220nH 100nF 100nF BP 13 VCC 19 VCC 7 VDIG 1 220nH 100nF
5pF NBP 14 BPI 15
5pF NBPI 16
100pF
AGCO
EGC 20
2
PU XTO VCC PU RF PU RF
17 PUxto 18 PUrf PMSS Logic 1
SDI 21
10nF 1.3pF 47pF 4.7nH 1.5pF ATR0610 LNA section (opt.) SAW B4060 11 RF 5.6nH 1.3pF 10 NRF VCO PLL A D A D
SL 22
Data out "low"
SH 23
Data out "high"
SC 24
6 XTO 3 NXTO 47pF 27 82pF X1 47pF 5X 4 NX
Sample clock
XTO
9 TEST
GND
8 MO
Reference frequency: Application #1
Note:
Please consider the recommended IF-filter layout, shown in Figure 10-5 on page 11.
Figure 10-2. Application Example Using a GPS Crystal with ESRtyp 12 (Please see Table 10-2 on page 12)
6 XTO 3 NXTO 47pF R1 82pF X1 47pF 5 X 4 NX
Reference frequency: Application #2
Note:
The external series resistor R1 has to be selected depending on the typical value of the crystal ESR. Please refer to Application Note "ATR0601: Crystal and TXCO selection".
12 NC
9
4866G-GPS-11/06
Figure 10-3. Equivalent Application Examples Using a GPS TCXO (Please see Table 10-3 on page 12)
22 pF 12 pF TCXO 4.7 pF Do not connect Reference frequency: Application #4a
6 XTO 3 NXTO 5 X 4 NX
6 12 pF TCXO 4.7 pF Do not connect Reference frequency: Application #4b 4 NX 22 pF XTO 3 NXTO 5 X
Figure 10-4. Application Example Using an External Reference and Balanced Inputs (Please see Table 10-4 on page 12)
1:1 Vin
6 XTO 3 NXTO 5
Do not connect
X 4 NX
Reference frequency: Application #5
10
ATR0601
4866G-GPS-11/06
ATR0601
Figure 10-5. Recommended IF-filter: Layout versus Schematic
13 14 15 16
13 Lc Ld B Le Lf
14
15
16
Ca Lc Ld Le
Cb Lf
A
4.7nF 68
VCC
Note:
Mutual inductance between the four inductors Lc - Lf plays an important role in the IF-filter characteristics. In any design, the layout arrangement shown in Figure 10-5 on page 11 should be resembled as close as possible. Measures: A = 2.8 mm; B = 1.4 mm; Lc - Lf: Wirewound SMD inductors, 0603 size. (Please see Table 11-1).
Table 10-1.
Parameter
Specification of GPS Crystals Appropriate for the Application Example Shown in Figure 10-1 on page 9
Comment Nominal frequency referenced to 25C Frequency at 23C 2C Over operating temperature range Operating temperature range -40.0 18.5 Specification 7 12 Min. Typ. Max. Units
Frequency Characteristics Fundamental Frequency Calibration tolerance Frequency deviation Temperature range Electrical Load capacitance (CL) Equivalent Series Resistance (ESR) Fundamental 23 19.5 pF 23.104 7.0 15.0 +85.0 MHz ppm ppm C
NBPI
NBP
BPI
Ca
Cb BP
11
4866G-GPS-11/06
Table 10-2.
Parameter Fundamental Note:
Specification of GPS Crystals Appropriate for the Application Example Shown in Figure 10-2 on page 9
Comment Specification Min. 7 Typ. Max. 40 Units
Equivalent Series Resistance (ESR)
All other parameters as specified in Table 10-1.
Table 10-3.
Parameter
Specification of GPS TCXOs Appropriate for the Application Example Shown in Figure 10-3 on page 10 (For Baseband with SuperSenseTM Software)
Comment Nominal frequency referenced to 25C Over operating temperature range Including calibration, temperature, soldering and ageing effects Operating temperature range DC coupled clipped sinewave Operating range Tolerable load capacitance 0.8 10 1.5 V pF -40.0 Min. Typ. Max. Units
Frequency Characteristics Nominal Frequency 23.104 0.5 8 +85.0 MHz ppm ppm C
Frequency deviation Temperature range Electrical Output waveform Output voltage (peak-to-peak) Output load capacitance
Table 10-4.
Parameter
Specification of an External Reference Signal for the Application Example Shown in Figure 10-4 on page 10
Comment Min. Typ. 23.104 Sinewave or clipped sinewave Voltage peak-to-peak 0.6 0.9 1.2 V Max. Units MHz
Signal Characteristics Nominal Frequency Waveform Amplitude
12
ATR0601
4866G-GPS-11/06
ATR0601
11. Demonstration Board
Figure 11-1. Schematic of Demonstration Board
R8 VCC C23 L3 L4 C21 L5 L6 C22 P1 J3 2 C3 1 VDD1.8 1 2 3
C10
13
14
15
16
8
2
20
BP C7 J2 1 2 3
NBP
BPI
NBPI
MO
AGCO
EGC 21 SDI P4
R1
9 TEST
C17 5 6 P2 NIN IN FI1 NOUT OUT 1 L2 2 C15
23 11 RF SH 22 SL 10 NRF 24 SC
1 2 1 2 1 2
J5 J6 J4
X 5 C5 J1
XTO 6
NXTO 3 C6 R7
NX 4
NC 12
PURF 18
PUXTO 17
VCC FB1 C1
VDD1.8 1 2 3
X1 123 J8 123 J9
VDD1.8
C4 VCC 19 VCC 7 VDIG 1 FB2 C2 C19 C9 C8
13
4866G-GPS-11/06
Figure 11-2. Illustration of Demonstration Board
Table 11-1.
Qty 4 5 1 1 1 2 1 2 2 1 1 2 1 4 1 3 4 2 1 1 1
BOM of Demonstration Board
Value Device JP2E JP3E 0 68 2n2 1p3 5n6 2% Multilayer 5p0 0p1 10 4.7n 27 47p 82p 100n 100p RESISTOR-0402 RESISTOR-0402 CAPACITOR-0402 CAPACITOR-0402 INDUCTOR-0402 CAPACITOR-0402 ELKO-B CAPACITOR-0402 RESISTOR-0402 CAPACITOR-0402 CAPACITOR-0402 CAPACITOR-0402 CAPACITOR-0402 Parts J3, J4, J5, J6 J1, J2, J7, J8, J9 R1 R8 C3 C15, C17 L2 C21, C22 C1, C2 C23 R7 C5, C6 C4 C7, C8, C9, C19 C10 P1, P2, P4 L3, L4, L5, L6 FB1, FB2 IC1 FI1 X1 2% 5% 5% 5% 5% 0.1 pF 2% 0p1 20% 5% 5% 5% Tolerance Manufacturer Molex(R) Molex Vishay Vishay Vishay Taiyo Yuden Wurth Elektronik Yageo America Vishay Vishay Vishay Vishay Vishay Vishay Vishay Johnson ComponentsTM
(R) (R) (R)
Mfr. Order Code 90120-0762 90120-0763 CRCW0402000Z CRCW040268RJ VJ0402Y222JXJA EVK105CH1R3BW 744784056G 0402CG509C9B200 293D106X0016B2 VJ0402Y472JXJA CRCW040227RJ VJ0402A470JXXA. VJ0402A820JXXA VJ0402V104JXJ VJ0402A101JXXA. 142-0711-841
142-0711-841 COAX-SMA 220n 2% 74279266 ATR0601-1 B4060 RSX-5 23.104 MHz INDUCTOR_WIREWOUND-0603 FERRITE_BEAD-0603 ATR0601-1 FILTER-BALANCED XTAL-4PIN-6035
Wurth Elektronik 744761222G Wurth Elektronik 74279266 Atmel(R) Epcos
(R)
ATR0601 B4060 XZC736 IEC19RSX-5 23.104 MHz
Rakon
14
ATR0601
4866G-GPS-11/06
ATR0601
12. Recommended Footprint
Figure 12-1. Recommended Footprint (QFN24 - 4 mm x 4 mm)
15
4866G-GPS-11/06
13. Ordering Information
Extended Type Number ATR0601-PFQW Package QFN24, 4 x 4 Remarks Taped and reeled, Pb-free, RoHS compliant
14. Package Information
Package: QFN 24 - 4 x 4 Exposed pad 2.6 x 2.6 (acc. JEDEC OUTLINE No. MO-220) Dimensions in mm Not indicated tolerances0.05 0.90.1 0.05-0.05 24 1 0.4
18 19
+0
4 2.6
24 1
technical drawings according to DIN specifications
6 0.25
13 12 7
6
0.5 nom. 0.2 2.5
Drawing-No.: 6.543-5101.02-4 Issue: 2; 29.11.05
Moisture sensitivity level (MSL) = 2
16
ATR0601
4866G-GPS-11/06
ATR0601
15. Revision History
Please note that the following page numbers referred to in this section refer to the specific revision mentioned, not to this document. Revision No. 4866G-GPS-11/06 History * Figure 10-1 "Application Example Using a GPS Crystal with ESRtyp = 12" on page 9 changed" * Figure 10-3 "Equivalent Application Examples Using a GPS TCXO" on page 10 changed * Table 10-3 "Specification of GPS TCXOs Appropriate for the Application Example" on page 12 changed * Table 10-4 "Specification of an External Reference Signal for the Application Example" on page 12 changed.
4866F-GPS-06/06
17
4866G-GPS-11/06
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High-Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) Atmel Corporation 2006. All rights reserved. Atmel (R), logo and combinations thereof, Everywhere You Are(R) and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
4866G-GPS-11/06


▲Up To Search▲   

 
Price & Availability of ATR0601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X