|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Features * * * * * Supply Voltage up to 40V Operating Voltage VS = 5V to 27V Typically 10 A Supply Current During Sleep Mode Typically 57 A Supply Current in Silent Mode Linear Low-drop Voltage Regulator: - Normal, Fail-safe, and Silent Mode - ATA6623: VCC = 3.3V 2% - ATA6625: VCC = 5.0V 2% - Sleep Mode: VCC is Switched Off VCC Undervoltage Detection with Reset Open Drain Output NRES (4 ms Reset Time) Voltage Regulator is Short-circuit and Over-temperature Protected LIN Physical Layer According to LIN Specification Revision 2.0 and SAEJ2602-2 Wake-up Capability via LIN Bus (90 s Dominant) TXD Time-out Timer Bus Pin is Overtemperature and Short-circuit Protected versus GND and Battery Advanced EMC and ESD Performance ESD HBM 8 kV at Pins LIN and VS Following STM5.1 Interference and Damage Protection According to ISO/CD7637 Package: SO8 * * * * * * * * * * LIN Bus Transceiver with Integrated Voltage Regulator ATA6623 ATA6625 1. Description ATA6623/ATA6625 is a fully integrated LIN transceiver, designed according to the LIN specification 2.0, with a low-drop voltage regulator (3.3V/5V/50 mA). The combination of voltage regulator and bus transceiver makes it possible to develop simple, but powerful, slave nodes in LIN Bus systems. ATA6623/ATA6625 is designed to handle the low-speed data communication in vehicles (for example, in convenience electronics). Improved slope control at the LIN driver ensures secure data communication up to 20 kBaud with an RC oscillator for the protocol handling. The bus output is designed to withstand high voltage. Sleep Mode (voltage regulator switched off) and Silent Mode (communication off; VCC voltage on) guarantee minimized current consumption. 4957F-AUTO-02/08 Figure 1-1. Block Diagram ATA6623/25 VCC Normal and Fail-safe Mode 1 VS RXD 5 Receiver + - 4 RF-filter LIN VCC Wake-up bus timer Short circuit and overtemperature protection TXD 6 TXD Time-out timer Slew rate control 8 EN 2 Sleep mode Control VCC unit switched off Normal/Silent/ Fail-safe Mode 3.3V/50 mA/2% 5V/50 mA/2% Undervoltage reset 7 VCC NRES GND 3 2. Pin Configuration Figure 2-1. Pinning SO8 VS EN GND LIN 1 2 3 4 8 7 6 5 VCC NRES TXD RXD Table 2-1. Pin 1 2 3 4 5 6 7 8 Pin Description Symbol VS EN GND LIN RXD TXD NRES VCC Function Battery supply Enables Normal Mode if the input is high Ground, heat sink LIN bus line input/output Receive data output Transmit data input Output undervoltage reset, low at reset Output voltage regulator 3.3V/5V/50 mA 2 ATA6623/ATA6625 4957F-AUTO-02/08 ATA6623/ATA6625 3. Functional Description 3.1 Physical Layer Compatibility Since the LIN physical layer is independent from higher LIN layers (e.g., LIN protocol layer), all nodes with a LIN physical layer according to revision 2.0 can be mixed with LIN physical layer nodes, which are according to older versions (i.e., LIN 1.0, LIN 1.1, LIN 1.2, LIN 1.3) without any restrictions. 3.2 Supply Pin (VS) LIN operating voltage is VS = 5V to 27V. An undervoltage detection is implemented to disable transmission if VS falls below 5V, in order to avoid false bus messages. After switching on VS, the IC starts with the Fail-safe Mode and the voltage regulator is switched on (i.e., 3.3V/5V/50 mA). The supply current in Sleep Mode is typically 10 A and 57 A in Silent Mode. 3.3 Ground Pin (GND) The IC is neutral on the LIN pin in the event of GND disconnection. It is able to handle a ground shift up to 11.5% of VS. 3.4 Voltage Regulator Output Pin (VCC) The internal 3.3V/5V voltage regulator is capable of driving loads with up to 50 mA, supplying the microcontroller and other ICs on the PCB and is protected against overload by means of current limitation and overtemperature shut-down. Furthermore, the output voltage is monitored and will cause a reset signal at the NRES output pin if it drops below a defined threshold Vthun. 3.5 Undervoltage Reset Output (NRES) If the VCC voltage falls below the undervoltage detection threshold of Vthun, NRES switches to low after tres_f (Figure 6-1 on page 11). Even if VCC = 0V the NRES stays low, because it is internally driven from the VS voltage. If VS voltage ramps down, NRES stays low until VS < 1.5V and then becomes highly resistant. The implemented undervoltage delay keeps NRES low for tReset = 4 ms after VCC reaches its nominal value. 3.6 Bus Pin (LIN) A low-side driver with internal current limitation and thermal shutdown as well as an internal pull-up resistor according to LIN specification 2.0 is implemented. The voltage range is from -27V to +40V. This pin exhibits no reverse current from the LIN bus to VS, even in the event of a GND shift or VBatt disconnection. The LIN receiver thresholds are compatible with the LIN protocol specification. The fall time (from recessive to dominant) and the rise time (from dominant to recessive) are slope controlled. 3 4957F-AUTO-02/08 3.7 Input Pin (TXD) In Normal Mode the TXD pin is the microcontroller interface to control the state of the LIN output. TXD must be pulled to ground in order to drive the LIN bus low. If TXD is high or unconnected (internal pull-up resistor), the LIN output transistor is turned off and the bus is in the recessive state. 3.8 Dominant Time-out Function (TXD) The TXD input has an internal pull-up resistor. An internal timer prevents the bus line from being driven permanently in the dominant state. If TXD is forced to low longer than tDOM > 6 ms, the LIN bus driver is switched to the recessive state. Nevertheless, when switching to Sleep Mode, the actual level at the TXD pin is relevant. To reactivate the LIN bus driver, switch TXD to high (> 10 s). 3.9 Output Pin (RXD) The pin reports the state of the LIN-bus to the microcontroller. LIN high (recessive state) is reported by a high level at RXD; LIN low (dominant state) is reported by a low level at RXD. The output has an internal pull-up structure with typically 5 k to VCC. The AC characteristics are measured with an external load capacitor of 20 pF. The output is short-circuit protected. In Unpowered Mode (that is, VS = 0V), RXD is switched off. 3.10 Enable Input Pin (EN) This pin controls the Operation Mode of the interface. After power up of VS (battery), the IC switches to Fail-safe Mode, even if EN is low or unconnected (internal pull-down resistor). If EN is high, the interface is in Normal Mode. A falling edge at EN while TXD is still high forces the device to Silent Mode. A falling edge at EN while TXD is low forces the device to Sleep Mode. 4 ATA6623/ATA6625 4957F-AUTO-02/08 ATA6623/ATA6625 4. Mode of Operation Figure 4-1. Mode of Operation Unpowered Mode VBatt = 0V b a a: VS > 5V b: VS < 4V c: Bus wake-up event d: NRES switches to low Fail-safe Mode b d EN = 1 Go to silent command VCC: 3.3V/5V/50 mA with undervoltage monitoring Communication: OFF EN = 1 c b c+d b Silent Mode EN = 0 TXD = 1 Normal Mode VCC: 3.3V/5V/50 mA with undervoltage monitoring EN = 0 Communication: ON TXD = 0 Sleep Mode Local wake-up event EN = 1 VCC: 3.3V/5V/50 mA with undervoltage monitoring Communication: OFF Go to sleep command VCC: switched off Communication: OFF 5 4957F-AUTO-02/08 Table 4-1. Mode of Operation Fail safe Normal Silent Sleep Mode of Operation Transceiver OFF ON OFF OFF VCC 3.3V/5V 3.3V/5V 3.3V/5V 0V RXD High High High 0V LIN Recessive TXD depending Recessive Recessive 4.1 Normal Mode This is the normal transmitting and Receiving Mode of the LIN Interface, in accordance with LIN specification 2.0. The VCC voltage regulator operates with a 3.3V/5V output voltage, with a low tolerance of 2% and a maximum output current of 50 mA. If an undervoltage condition occurs, NRES is switched to low and the IC changes its state to Fail-safe Mode. All features are available. 4.2 Silent Mode A falling edge at EN while TXD is high switches the IC into Silent Mode. The TXD Signal has to be logic high during the Mode Select window (Figure 4-2 on page 7). The transmission path is disabled in Silent Mode. The overall supply current from V Batt is a combination of the IVSsi = 57 A plus the VCC regulator output current IVCCs. The 3.3V/5V regulator with 2% tolerance can source up to 50 mA. In Silent Mode the internal slave termination between pin LIN and pin VS is disabled to minimize the power dissipation in case pin LIN is short-circuited to GND. Only a weak pull-up current (typically 10 A) between pin LIN and pin VS is present. The Silent Mode can be activated independently from the current level on pin LIN. If an undervoltage condition occurs, NRES is switched to low and the ATA6623/ATA6625 changes its state to Fail-safe Mode. A voltage less than the LIN Pre-wake detection V LINL at pin LIN activates the internal LIN receiver. A falling edge at the LIN pin followed by a dominant bus level maintained for a certain time period (tbus) and the following rising edge at pin LIN (see Figure 4-3 on page 7) results in a remote wake-up request. The device switches from Silent Mode to Fail-safe Mode, then the internal LIN slave termination resistor is switched on. The remote wake-up request is indicated by a low level at pin RXD to interrupt the microcontroller (Figure 4-3 on page 7). EN high can be used to switch directly to Normal Mode. 6 ATA6623/ATA6625 4957F-AUTO-02/08 ATA6623/ATA6625 Figure 4-2. Switch to Silent Mode Normal Mode Silent Mode EN TXD Mode select window td = 3.2 s NRES VCC Delay time silent mode td_sleep = maximum 20 s LIN LIN switches directly to recessive mode Figure 4-3. LIN Wake-up Waveform Diagram from Silent Mode Bus wake-up filtering time tbus Fail-safe mode Normal mode LIN bus RXD High Low VCC Silent mode 3.3V/5V/50 mA Fail-safe mode 3.3V/5V/50 mA Normal mode EN High EN NRES Undervoltage detection active 7 4957F-AUTO-02/08 4.3 Sleep Mode A falling edge at EN while TXD is low switches the IC into Sleep Mode. The TXD Signal has to be logic low during the Mode Select window (Figure 4-4 on page 8). In Sleep Mode the transmission path is disabled. Supply current from V Batt is typically IVSsleep = 10 A. The VCC regulator is switched off; NRES and RXD are low. The internal slave termination between pin LIN and pin VS is disabled to minimize the power dissipation in case pin LIN is short-circuited to GND. Only a weak pull-up current (typically 10 A) between pin LIN and pin VS is present. The Sleep Mode can be activated independently from the current level on pin LIN. A voltage less than the LIN Pre-wake detection V LINL at pin LIN activates the internal LIN receiver. A falling edge at the LIN pin followed by a dominant bus level maintained for a certain time period (tbus) and a following rising edge at pin LIN respectively results in a remote wake-up request. The device switches from Sleep Mode to Fail-safe Mode. The VCC regulator is activated, and the internal LIN slave termination resistor is switched on. The remote wake-up request is indicated by a low level at the RXD pin to interrupt the microcontroller (Figure 4-5 on page 9). EN high can be used to switch directly from Sleep/Silent to Fail-safe Mode. If EN is still high after VCC ramp up and undervoltage reset time, the IC switches to Normal Mode. Figure 4-4. Switch to Sleep Mode Normal Mode EN Sleep Mode Mode select window TXD td = 3.2 s NRES VCC Delay time sleep mode td_sleep = maximum 20 s LIN LIN switches directly to recessive mode 8 ATA6623/ATA6625 4957F-AUTO-02/08 ATA6623/ATA6625 Figure 4-5. LIN Wake-up Diagram from Sleep Mode Bus wake-up filtering time tbus Fail-safe Mode Normal Mode LIN bus RXD Low or floating Low VCC voltage regulator On state Off state Regulator wake-up time EN High EN Reset time NRES Low or floating Microcontroller start-up time delay 4.4 Fail-safe Mode At system power-up the device automatically switches to Fail-safe Mode. The voltage regulator is switched on (VCC = 3.3V/5V/50 mA), (see Figure 6-1 on page 11). The NRES output switches to low for tres = 4 ms and gives a reset to the microcontroller. LIN communication is switched off. The IC stays in this mode until EN is switched to high, and changes then to the Normal Mode. A power down of VBatt (VS < 4V) during Silent- or Sleep Mode switches the IC into the Fail-safe Mode after power up. A logic low at NRES switches the IC into Fail-safe Mode directly. 4.5 Unpowered Mode If you connect battery voltage to the application circuit, the voltage at the VS pin increases according to the block capacitor (see Figure 6-1 on page 11). After VS is higher than the VS undervoltage threshold VSth, the IC mode changes from Unpowered Mode to Fail-safe Mode. The VCC output voltage reaches its nominal value after tVCC. This time, tVCC, depends on the VCC capacitor and the load. NRES is low for the reset time delay tReset; no mode change is possible during this time. 9 4957F-AUTO-02/08 5. Fail-safe Features * During a short-circuit at LIN to VBattery, the output limits the output current to IBUS_LIM. Due to the power dissipation, the chip temperature exceeds TLINoff and the LIN output is switched off. The chip cools down and after a hysteresis of Thys, switches the output on again. RXD stays on high because LIN is high. During LIN overtemperature switch-off, the VCC regulator is working independently. * During a short-circuit from LIN to GND the IC can be switched into Sleep or Silent Mode. If the short-circuit disappears, the IC starts with a remote wake-up. * The reverse current is very low < 15 A at pin LIN during loss of VBatt or GND. This is optimal behavior for bus systems where some slave nodes are supplied from battery or ignition. * During a short circuit at VCC, the output limits the output current to IVCCn. Because of undervoltage, NRES switches to low and sends a reset to the microcontroller. The IC switches into Fail-safe Mode. If the chip temperature exceeds the value TVCCoff, the VCC output switches off. The chip cools down and after a hysteresis of Thys, switches the output on again. Because of Fail-safe Mode, the VCC voltage will switch on again although EN is switched off from the microcontroller.The microcontroller can then start with normal operation. * Pin EN provides a pull-down resistor to force the transceiver into Recessive Mode if EN is disconnected. * Pin RXD is set floating if VBatt is disconnected. * Pin TXD provides a pull-up resistor to force the transceiver into Recessive Mode if TXD is disconnected. * If TXD is short-circuited to GND, it is possible to switch to Sleep Mode via ENABLE after tdom > 20 ms. 10 ATA6623/ATA6625 4957F-AUTO-02/08 ATA6623/ATA6625 6. Voltage Regulator Figure 6-1. VCC Voltage Regulator: Ramp Up and Undervoltage VS 12V 5.5V/3.8V VCC 5V/3.3V Vthun tVCC NRES 5V/3.3V tReset tres_f The voltage regulator needs an external capacitor for compensation and to smooth the disturbances from the microcontroller. It is recommended to use an electrolythic capacitor with C > 10 F and a ceramic capacitor with C = 100 nF. The values of these capacitors can be varied by the customer, depending on the application. With this special SO8 package (fused lead frame to pin3) an Rthja of 80 K/W is achieved. Therefore, it is recommended to connect pin 3 with a wide GND plate on the printed board to get a good heat sink. The main power dissipation of the IC is created from the V CC output current IVCC , which is needed for the application. Figure 6-2 shows the safe operating area of the ATA6623/ATA6625. 11 4957F-AUTO-02/08 Figure 6-2. Power Dissipation: Save Operating Area versus VCC Output Current and Supply Voltage VS at Different Ambient Temperatures Due to Rthja = 80 K/W 60.00 50.00 40.00 Iout_85: Tamb = 85C Iout_85: Tamb = 95C Iout_105: Tamb = 105C 30.00 20.00 10.00 0.00 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 IVCC (mA) VS (V) For programming purposes of the microcontroller it is potentially neccessary to supply the VCC output via an external power supply while the VS Pin of the system basis chip is disconnected. This behavior is no problem for the system basis chip. 12 ATA6623/ATA6625 4957F-AUTO-02/08 ATA6623/ATA6625 7. Absolute Maximum Ratings Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Parameters Supply voltage VS Pulse time 500 ms Ta = 25C Output current IVCC 50 mA Pulse time 2 min Ta = 25C Output current IVCC 50 mA Logic pins (RxD, TxD, EN, NRES) Output current NRES LIN - DC voltage VCC - DC voltage According to IBEE LIN EMC Test specification 1.0 following IEC 61000-4-2 - Pin VS, LIN to GND ESD HBM following STM5.1 with 1.5 k/100 pF - Pin VS, LIN to GND HBM ESD ANSI/ESD-STM5.1 JESD22-A114 AEC-Q100 (002) CDM ESD STM 5.3.1 Junction temperature Storage temperature Thermal resistance junction to ambient (free air) Special heat sink at GND (pin 3) on PCB Thermal shutdown of VCC regulator Thermal shutdown of LIN output Thermal shutdown hysteresis Tj Ts Rthja Rthja TVCCoff TLINoff Thys 150 150 80 160 160 10 170 170 INRES -27 -0.3 Symbol VS VS Min. -0.3 Typ. Max. +40 +40 Unit V V VS -0.3 27 +5.5 +2 +40 +5.5 V V mA V V 6 KV 8 3 KV KV 750 -40 -55 +150 +150 145 V C C K/W K/W C C C 13 4957F-AUTO-02/08 8. Electrical Characteristics 5V < VS < 27V, -40C < Tj < 150C; unless otherwise specified all values refer to GND pins. No. 1 1.1 Parameters VS Pin Nominal DC voltage range Sleep Mode VLIN > VS - 0.5V VS < 14V (Tj = 25C) Sleep Mode VLIN > VS - 0.5V VS < 14V (Tj = 125C) Bus recessive VS < 14V (Tj = 25C) Without load at VCC Bus recessive VS < 14V (Tj = 125C) Without load at VCC VS VS VS IVSsleep 5 13.5 27 V A Test Conditions Pin Symbol Min. Typ. Max. Unit Type* VS 3 10 14 A A 1.2 Supply current in Sleep Mode IVSsleep 5 11 16 A A IVSsi 47 57 67 A A 1.3 Supply current in Silent Mode IVSsi 56 66 76 A A 1.4 Bus recessive Supply current in Normal VS < 14V Mode Without load at VCC Bus dominant Supply current in Normal VS < 14V Mode VCC load current 50 mA VS undervoltage threshold VS undervoltage threshold hysteresis RXD Output Pin Low level input current Normal Mode VLIN = 0V VRXD = 0.4V IVSrec 0.3 0.8 mA A 1.5 VS IVSdom VSth VSth_hys 50 53 mA A 1.6 1.7 2 2.1 2.2 2.3 3 3.1 3.2 3.3 3.4 4 4.1 4.2 4.3 4.4 VS VS 4.0 4.5 0.2 5 V V A A RXD RXD RXD TXD TXD IRXD VRXDL RRXD VTXDL VTXDH RTXD ITXD 1.3 2.5 8 0.4 mA V k V V k A A A A A A A A Low level output voltage IRXD = 1 mA Internal resistor to VCC TXD Input Pin Low level voltage input High level voltage input Pull-up resistor High level leakage current EN Input Pin Low level voltage input High level voltage input Pull-down resistor Low level input current VEN = 5V VEN = 0V VTXD = 0V VTXD = 5V 3 -0.3 2 125 -3 5 7 +0.8 VCC + 0.3V TXD TXD 250 400 +3 EN EN EN EN VENL VENH REN IEN -0.3 2 50 -3 125 +0.8 VCC + 0.3V 200 +3 V V k A A A A A *) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter 14 ATA6623/ATA6625 4957F-AUTO-02/08 ATA6623/ATA6625 8. Electrical Characteristics (Continued) 5V < VS < 27V, -40C < Tj < 150C; unless otherwise specified all values refer to GND pins. No. 5 5.1 Parameters Test Conditions Pin Symbol Min. Typ. Max. Unit Type* NRES Open Drain Output Pin VS 5.5V Low level output voltage INRES = 1 mA INRES = 250 A Low level output low Undervoltage reset time 10 k to VCC VCC = 0V VVS 5.5V CNRES = 20 pF NRES VNRESL VNRESL VNRESLL tReset tres_f 2 1.5 4 0.2 0.14 0.2 6 10 V V V ms s A A A A A 5.2 5.3 5.4 6 6.1 6.2 6.3 6.4 6.5 6.6 NRES NRES NRES Reset debounce time for VVS 5.5V falling edge CNRES = 20 pF VCC Voltage Regulator ATA6623 Output voltage VCC Output voltage VCC at low VS Regulator drop voltage Regulator drop voltage Line regulation maximum Load regulation maximum Power supply ripple rejection 4V < VS < 18V (0 mA to 50 mA) 3V < VS < 4V VS > 3V, IVCC = -15 mA VS > 3V, IVCC = -50 mA 4V < VS < 18V 5 mA < IVCC < 50 mA 10 Hz to 100 kHz CVCC = 10 F VS = 14V, IVCC = -15 mA VCC VCC VCC VCC VCC VCC VCCnor VCClow VDrop1 VDrop2 VCCline VCCload 3.234 VVS - VDrop 500 3.366 3.366 200 700 1 0.5 2 V V mV mV % % A A A A A A 6.7 6.8 6.9 6.10 6.11 6.12 7 7.1 7.2 7.3 7.4 7.5 7.6 50 VCC VCC VCC VCC VCC IVCCs Cload VthunN Vhysthun tVCC -200 1.8 2.8 150 100 250 -160 10 3.2 dB mA F V mV s C A D A A A Output current limitation VS > 4V Load capacity VCC undervoltage threshold Hysteresis of undervoltage threshold Ramp up time VS > 4V to VCC = 3.3V 1 < ESR < 5 @ 100 kHz Referred to VCC VS > 4V Referred to VCC VS > 4V CVCC = 2.2 F Iload = -5 mA at VCC 5.5V < VS < 18V (0 mA to 50 mA) 4V < VS < 5.5V VS > 4V, IVCC = -20 mA VS > 4V, IVCC = -50 mA VS > 3.3V, IVCC = -15 mA 5.5V < VS < 18V VCC Voltage Regulator ATA6625 Output voltage VCC Output voltage VCC at low VS Regulator drop voltage Regulator drop voltage Regulator drop voltage Line regulation maximum VCC VCC VCC VCC VCC VCC VCCnor VCClow VD1 VD2 VD3 VCCline 400 4.9 VVS - VD 5.1 5.1 250 600 200 1 V V mV mV mV % A A A A A A *) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter 15 4957F-AUTO-02/08 8. Electrical Characteristics (Continued) 5V < VS < 27V, -40C < Tj < 150C; unless otherwise specified all values refer to GND pins. No. 7.7 7.8 7.9 7.10 7.11 7.12 Parameters Load regulation maximum Load capacity VCC undervoltage threshold Hysteresis of undervoltage threshold Test Conditions 5 mA < IVCC < 50 mA Pin VCC VCC VCC VCC VCC VCC Symbol VCCload IVCCs Cload VthunN Vhysthun TVCC -200 1.8 4.2 250 130 300 Min. Typ. 0.5 -160 10 4.8 Max. 2 Unit % mA F V mV s Type* A A D A A A Output current limitation VS > 5.5V 1 < ESR < 5 @ 100 kHz Referred to VCC VS > 5.5V Referred to VCC VS > 5.5V Ramp up time VS > 5.5V CVCC = 2.2 F Iload = -5 mA at VCC to VCC = 5V 8 LIN Bus Driver: Bus Load Conditions: Load 1 (Small): 1 nF, 1 k; Load 2 (Large): 10 nF, 500; Internal Pull-up RRXD = 5 k; CRXD = 20 pF 10.5, 10.6 and 10.7 Specifies the Timing Parameters for Proper Operation at 20 Kbps Driver recessive output voltage Driver dominant voltage Driver dominant voltage Driver dominant voltage Driver dominant voltage Pull-up resistor to VS LIN current limitation VBUS = VBatt_max Input leakage current at the receiver including pull-up resistor as specified Leakage current LIN recessive Input Leakage current Driver off VBUS = 0V VBatt = 12V Driver off 8V < VBatt < 18V 8V < VBUS < 18V VBUS VBatt Load1/Load2 VVS = 7V Rload = 500 VVS = 18V Rload = 500 VVS = 7V Rload = 1000 VVS = 18V Rload = 1000 The serial diode is mandatory LIN LIN LIN LIN LIN LIN LIN VBUSrec V_LoSUP V_HiSUP V_LoSUP_1k V_HiSUP_1k RLIN IBUS_LIM 0.6 0.8 20 40 30 120 60 200 0.9 x VS VS 1.2 2 V V V V V k mA A A A A A A A 8.1 8.2 8.3 8.4 8.5 8.6 8.7 8.8 LIN IBUS_PAS_dom -1 -0.35 mA A 8.9 LIN IBUS_PAS_rec 15 20 A A 8.10 Leakage current when control unit disconnected from ground. GNDDevice = VS VBatt = 12V Loss of local ground 0V < VBUS < 18V must not affect communication in the residual network Node has to sustain the VBatt disconnected current that can flow under this condition. Bus VSUP_Device = GND must remain operational 0V < VBUS < 18V under this condition. LIN IBUS_NO_gnd -10 +0.5 +10 A A 8.11 LIN IBUS 5 15 A A *) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter 16 ATA6623/ATA6625 4957F-AUTO-02/08 ATA6623/ATA6625 8. Electrical Characteristics (Continued) 5V < VS < 27V, -40C < Tj < 150C; unless otherwise specified all values refer to GND pins. No. 9 9.1 9.2 9.3 9.4 9.5 9.6 10 10.1 Parameters LIN Bus Receiver Center of receiver threshold VBUS_CNT = (Vth_dom + Vth_rec)/2 LIN LIN LIN LIN LIN Activates the LIN receiver LIN VBUS_CNT VBUSdom VBUSrec VBUShys VLINH VLINL 0.475 x VS -27 0.6 x VS 0.028 x VS VS - 1V -27 0.1 x VS 0.5 x VS 0.525 x VS 0.4 x VS 40 0.175 x VS VS + 0.3V VS - 3.3V V V V V V V A A A A A A Test Conditions Pin Symbol Min. Typ. Max. Unit Type* Receiver dominant state VEN = 5V Receiver recessive state VEN = 5V Receiver input hysteresis Pre-wake detection LIN High level input voltage Pre-wake detection LIN Low level input voltage Internal Timers Dominant time for wake-up via LIN bus VLIN = 0V Vhys = Vth_rec - Vth_dom tbus 30 90 150 s A 10.2 Time delay for mode change from Pre-normal V = 5V into Normal Mode via pin EN EN Time delay for mode change from Normal V = 0V Mode to Sleep Mode via EN pin EN TXD dominant time out timer VTXD = 0V tnorm 5 20 s A 10.3 tsleep 2 7 15 s A 10.4 tdom ts_n 6 13 20 ms A 10.5 Time delay for mode change from Silent Mode VEN = 5V into Normal Mode via EN THRec(max) = 0.744 x VS THDom(max) = 0.581 x VS VS = 7.0V to 18V tBit = 50 s D1 = tbus_rec(min)/(2 x tBit) THRec(min) = 0.422 x VS THDom(min) = 0.284 x VS VS = 7.6V to 18V tBit = 50 s D2 = tbus_rec(max)/(2 x tBit) THRec(max) = 0.778 x VS THDom(max) = 0.616 x VS VS = 7.0V to 18V tBit = 96 s D3 = tbus_rec(min)/(2 x tBit) THRec(min) = 0.389 x VS THDom(min) = 0.251 x VS VS = 7.6V to 18V tBit = 96 s D4 = tbus_rec(max)/(2 x tBit) 5 15 40 s A 10.6 Duty cycle 1 D1 0.396 A 10.7 Duty cycle 2 D2 0.581 A 10.8 Duty cycle 3 D3 0.417 A 10.9 Duty cycle 4 D4 0.590 A *) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter 17 4957F-AUTO-02/08 8. Electrical Characteristics (Continued) 5V < VS < 27V, -40C < Tj < 150C; unless otherwise specified all values refer to GND pins. No. 10.10 11 11.1 Parameters Slope time falling and rising edge at LIN Test Conditions VS = 7.0V to 18V Pin Symbol tSLOPE_fall tSLOPE_rise Min. 3.5 Typ. Max. 22.5 Unit s Type* A Receiver Electrical AC Parameters of the LIN Physical Layer LIN Receiver, RXD Load Conditions: Internal Pull-up RRXD = 5 k; CRXD = 20 pF Propagation delay of receiver Figure 8-1 VS = 7.0V to 18V trx_pd = max(trx_pdr, trx_pdf) trx_pd trx_sym -2 6 s A 11.2 Symmetry of receiver VS = 7.0V to 18V propagation delay rising trx_sym = trx_pdr - trx_pdf edge minus falling edge +2 s A *) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter Figure 8-1. Definition of Bus Timing Characteristics tBit tBit tBit TXD (Input to transmitting node) tBus_dom(max) tBus_rec(min) THRec(max) VS (Transceiver supply of transmitting node) THDom(max) LIN Bus Signal THRec(min) THDom(min) Thresholds of receiving node1 Thresholds of receiving node2 tBus_dom(min) tBus_rec(max) RXD (Output of receiving node1) trx_pdf(1) trx_pdr(1) RXD (Output of receiving node2) trx_pdr(2) trx_pdf(2) 18 ATA6623/ATA6625 4957F-AUTO-02/08 ATA6623/ATA6625 Figure 8-2. Application Circuit VCC VCC ATA6623/25 1 VS + VBAT RXD 5 Receiver + - Normal and Fail-safe Mode 4 RF filter 100 nF 22 F LIN LIN-BUS 220 pF VCC Microcontroller TXD 6 TXD Time-out timer Wake-up bus timer Short circuit and overtemperature protection Slew rate control 8 EN 2 Control unit GND 3 Sleep mode VCC switched off Normal Mode and Silent mode 3.3V/50 mA/2% 5V/50 mA/2% Undervoltage reset VCC 7 NRES 10 k 100 nF 10 F 19 4957F-AUTO-02/08 9. Ordering Information Extended Type Number ATA6623-TAPY ATA6625-TAPY ATA6623-TAQY ATA6625-TAQY Package SO8 SO8 SO8 SO8 Remarks 3.3V LIN system basis chip, Pb-free, 1k, taped and reeled 5V LIN system basis chip, Pb-free, 1k, taped and reeled 3.3V LIN system basis chip, Pb-free, 4k, taped and reeled 5V LIN system basis chip, Pb-free, 4k, taped and reeled 10. Package Information Package: SO 8 Dimensions in mm 4.90.1 50.2 3.70.1 0.2 0.1+0.15 1.4 0.4 1.27 3.81 3.80.1 60.2 8 5 technical drawings according to DIN specifications 1 Drawing-No.: 6.541-5031.01-4 Issue: 1; 15.08.06 4 20 ATA6623/ATA6625 4957F-AUTO-02/08 ATA6623/ATA6625 11. Revision History Please note that the following page numbers referred to in this section refer to the specific revision mentioned, not to this document. Revision No. History * "Pre-normal Mode" in "Fail-safe Mode" changed * Section 7 "Absolute Maximum Ratings" on page 13 changed * Section 8 "Electrical Characteristics" numbers 10.5 to 10.10 on pages 17 to 18 changed * Section 9 "Ordering Information" on page 20 changed * * * * 4957D-AUTO-07/07 * * * * * * * * * * * * * 4957C-AUTO-02/07 Features changed Block diagram changed Application diagram changed Text changed under the headings: 3.2, 3.3, 3.4, 3.6, 3.7, 3.8, 3.9, 4, 4.1, 4.2, 4.3, 4.4, 4.5, 5.5, 5.6, 6 Figure 4-2, 4-3, 4-4, 4-5, 8-2: changed Figure title 6-1: text changed Abs. Max. Ratings: row "Output current NRES" added El. Char. table: values changed in the following rows: 1.3, 5.1, 5.3, 5.4, 6.9, 6.12, 7.9, 11.1 4957F-AUTO-02/08 4957E-AUTO-10/07 Features on page 1 changed Table 2-1 "Pin Description" on page 2 changed Section 3-1 "Physical Layer Compatibility" on page 3 added Section 3-2 "Supply Pin (VS) on page 3 changed Section 3-3 "Ground Pin (GND) on page 3 changed Section 3-8 "Dominant Time-out Function (TXD)" on page 4 changed Section 4-1 "Normal Mode" on page 5 changed Section 4-2 "Silent Mode" on page 5 changed Figure 4-3 "LIN Wake-up Waveform Diagram from Silent Mode" on page 6 changed * Section 4.3 "Sleep Mode" on page 7 changed * Section 4-5 "Unpowered Mode" on page 7 changed * Figure 4-4 "Switch to Sleep Mode" on page 8 changed * Figure 4-6 "VCC Voltage Regulator: Ramp up and Undervoltage" on page 9 changed * Section 5 "Fail-safe Features on page 9 changed * Section 6 "Voltage Regulator" on page 10 changed * Section 7 "Absolute Maximum Ratings" on page 11 changed * Section 8 "Electrical Characteristics" on pages 12 to 16 changed * Section 9 "Ordering Information" on page 18 changed 21 4957F-AUTO-02/08 Headquarters Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600 International Atmel Asia Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-en-Yvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581 Product Contact Web Site www.atmel.com Technical Support auto_control@atmel.com Sales Contact www.atmel.com/contacts Literature Requests www.atmel.com/literature Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life. (c) 2008 Atmel Corporation. All rights reserved. Atmel (R), logo and combinations thereof, and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others. 4957F-AUTO-02/08 |
Price & Availability of ATA6623 |