Part Number Hot Search : 
NDHV220 TE13004D SPC56 STK6351 MX29LV NMF1205D KSD560 2SC4484
Product Description
Full Text Search
 

To Download ASOF3S3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. WWW.CONWIN.COM
PRODUCT
D ATA
SHEET
CRYSTAL CONTROLLED OSCILLATORS
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ABSOLUTE M AXIMUM RATING S
PARAMETER Storage Temperature Supply Voltage (Vcc) UNITS MINIMUM -55 -0.5 NOMINAL MAXIMUM 125 4.5 UNITS C Vdc TABLE 2.0 MINIMUM (Fo) 1.544 -1.5 -0.25 -4.6 -30 -3.0 0 (Vcc) (Icc) 3.135 MINIMUM (Voh) (Vol) (Ioh) (Iol) 2.6 -4 45 3.3 5.00 E-10 -90 -130 NOMINAL 50 NOMINAL MAXIMUM 20.0 1.5 0.25 4.6 30 3.0 70 3.465 450 1 3 3 10 5 1 2 MAXIMUM 15 0.4 4 55 6 UNITS MHz ppm ppm ppm ppb ppm C Vdc mA ps RMS ps RMS ps RMS dBc/Hz dBc/Hz mS Minutes ns ns UNITS pF Vdc Vdc mA mA % ns 1,4 2 3 4 NOTE TABLE 1.0 NOTE
CW 0642 ASOF3S3 12.80M
ASOF3S3
DESCRIPTION
OPERATING SPECIFIC ATIONS
PARAMETER Center Frequency Frequency Calibration Frequency Stability Total Frequency Tolerance Aging (Daily Aging (20 years) Operating Temperature Range Supply Voltage Supply Current Phase Jitter (BW =12KHz to 20MHz) Phase Jitter (BW =10Hz to 20MHz) Period Jitter Allan Variance (1 Second) SSB Phase Noise at 10Hz offset SSB Phase Noise at 10KHz offset Start-Up Time: Oscillator Warm Up Time TDEV at 1.0 seconds TDEV at 4.0 seconds PARAMETER LOAD Voltage (High) (Low) Current (High) (Low) Duty Cycle at 50% of Vcc Rise / Fall Time 10% to 90%
The Connor-Winfield ASOF3S3 is a true Surface Mount 3.3V Oven Controlled Crystal Oscillator (OCXO) with an LVCMOS output. The ASOF3S3 is designed for Stratum 3 applications requiring tight frequency stability and low jitter.
FEATURES
5
FIXED FREQUENCY OCXO 3.3V OPERATION
LVCMOS OUTPUT CHARACTERISTICS
TABLE 3.0 NOTE
LOW JITTER <1pS RMS FREQUENCY STABILITY: 0.25ppm TEMPERATURE RANGE: 0 to 70C FREQUENCY TOLERANCE OF 4.6ppm OVER TWENTY YEARS SURFACE MOUNT PACKAGE TAPE AND REEL PACKAGING RoHS 5/6 COMPLIANT
PACKAG E CHARACTERISTICS
Package
TABLE 4.0 Surface Mount, Non-hermetic package consisting of an FR4 substrate with grounded metal cover. TABLE 5.0 See the solder profile on page 2. Ultrasonic cleaning is not recommended
PROCESS RECOMMENDATIONS
Soldering Process Wash
ORDERING INFORMATION
Notes: 1) Initial calibration @ 25C 2) Frequency vs. temperature stability 3) Inclusive of calibration, operating temperature range, suppl y voltage change, shock and vibration and aging (20 years). 4) Specifications at time of shipm ent after 48 hours of operation. 5) Measured @ 25C, within 5 minutes, the unit will be within +/-0.1ppm of its reference frequency, measured after 30 minutes of continuous operation at a stable 25C.
ASOF3S3 - 12.80MHz
OCXO SERIES CENTER FREQUENCY
Specifications subject to change without notice. DATA SHEET #: Cx013 PAGE 1 OF 2 REV: 10 DATE: 11/28/06
aCopyright 2001 Connor-Winfield all rights reserved.
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. WWW.CONWIN.COM
PRODUCT
D ATA
SHEET
CRYSTAL CONTROLLED OSCILLATORS
ENVIRONMENTAL CHARACTERISTICS Temperature Cycle: Per MIL-STD-883, Method 1010, Condition B. -55C to 125C, 20 cycles,10 minute dwell, 1m inute transition. SOLDERING Pad Solderability: Per MIL-STD-883, Method 200. 8 hour steam age prior to 254C 5C Solder pot dip, 95% Coverage. Solder Reflow: The component solder internal to this device has a melt ing point of 221C, the peak temperature inside the device should be less than or equal to 220C for a maximum of 10 seconds. MECHANICAL CHARACTERISTICS Vibration: Per MIL-STD-202, Method 204, Condition A. 10G's peak, 10Hz to 500Hz, 15mi nute cycles 12 times each perpendicular axis. Shock: Per MIL-STD-202, Method 213, Condition D. 500G's, 1ms, half sine, 3 shocks per direction. Moisture Resistance: Per MIL-STD-202, Method 106. 95% RH @ 65C, 10 cycles 10C to 65C.
Package Outline
Pin Connections
Pin 1 7 8 14 Function N/C Ground (Case) Output Vcc
.330 max (8.382mm)
CW DATE CODE ASOF3S3 12.80M
Dimensional Tolerance: .005 (.127mm)
Output Waveform
Suggested Pad Layout
Keep Out Area
90%
.830 (21.08mm)
50%
10%
.565 (14.35mm)
Test Circuit
Temperature 225C 183C 150C 100C
Solder Profile
Ramp-Up Rate 3C/second max. from 150C to 225C. 225C tp Ramp-Down Rate 6C/second max.
25C 0 60-120s Max. 360 Sec. Max. 10-30s 60-150s Max.
Time
Specifications subject to change without notice. DATA SHEET #: Cx013 PAGE 2 OF 2 REV: 10 DATE: 11/28/06
aCopyright 2001 Connor-Winfield all rights reserved.


▲Up To Search▲   

 
Price & Availability of ASOF3S3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X