Part Number Hot Search : 
TLCR5200 DS1315 03N03L 075784 APA0865W SC156 ZMM5252B BU508A
Product Description
Full Text Search
 

To Download AP05N50I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP05N50I
RoHS-compliant Product
Advanced Power Electronics Corp.
100% Avalanche Test Fast Switching Characteristic Simple Drive Requirement G
N-CHANNEL ENHANCEMENT MODE POWER MOSFET D
BVDSS RDS(ON) ID
500V 1.4 5.0A
S
Description
AP05N50 provide high blocking voltage to overcome voltage surge and sag in the toughest power system with the best combination of fast switching,ruggedized design and cost-effectiveness. The TO-220CFM isolation package is widely preferred for commercialindustrial through hole applications.
G D S
TO-220CFM(I)
Absolute Maximum Ratings
Symbol VDS VGS ID@TC=25 ID@TC=100 IDM PD@TC=25 EAS IAR TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, V GS @ 10V Continuous Drain Current, V GS @ 10V Pulsed Drain Current
1
Rating 500 20 5.0 2.8 18 31.3 0.25
2
Units V V A A A W W/ mJ A
Total Power Dissipation Linear Derating Factor Single Pulse Avalanche Energy Avalanche Current Storage Temperature Range Operating Junction Temperature Range
4.5 3 -55 to 150 -55 to 150
Thermal Data
Symbol Rthj-c Rthj-a Parameter Maximum Thermal Resistance, Junction-case Maximum Thermal Resistance, Junction-ambient Value 4.0 65 Unit /W /W
201018072-1/4
Data & specifications subject to change without notice
AP05N50I
Electrical Characteristics@Tj=25 C(unless otherwise specified)
Symbol BVDSS RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=125 C)
o o
o
Test Conditions VGS=0V, ID=1mA
3
Min. 500 2 -
Typ. 2.4 19 4.6 6.3 11 8 32 10 985 85 3.3 2.5
Max. Units 1.4 4 25 250 100 30 1580 3.8 V V S uA uA nA nC nC nC ns ns ns ns pF pF pF
VGS=10V, ID=2.7A VDS=VGS, ID=250uA VDS=10V, ID=2.7A VDS=500V, VGS=0V VDS=400V, VGS=0V VGS=20V ID=3.1A VDS=400V VGS=10V VDD=250V ID=3.1A RG=12,VGS=10V RD=80.6 VGS=0V VDS=25V f=1.0MHz f=1.0MHz
Gate-Source Leakage Total Gate Charge
3
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
3
Source-Drain Diode
Symbol VSD Parameter Forward On Voltage
3 3
Test Conditions Tj=25, IS=4.5A, VGS=0V IS=3.1A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 300 2.6
Max. Units 1.5 V ns uC
trr
Qrr Notes:
Reverse Recovery Time
Reverse Recovery Charge
1.Pulse width limited by Max. junction temperature.
o 2.Starting Tj=25 C , VDD=50V , L=1mH , RG=25 , IAS=3A.
3.Pulse test
THIS PRODUCT IS AN ELECTROSTATIC SENSITIVE, PLEASE HANDLE WITH CAUTION. THIS PRODUCT HAS BEEN QUALIFIED FOR CONSUMER MARKET. APPLICATIONS OR USES AS CRITERIAL COMPONENT IN LIFE SUPPORT DEVICE OR SYSTEM ARE NOT AUTHORIZED. 2/4
AP05N50I
5
5
T C =25 C
4
o
ID , Drain Current (A)
3
ID , Drain Current (A)
10V 7.0V 6.0V
T C =150 o C
4
10V 7 .0V 6 .0V 5 .0 V
3
5.0V
2
2
V G = 4.0V
1
1
V G =4.0V
0 0 2 4 6 8
0
0
4
8
12
16
20
24
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1.2
3
I D =2.7A V G =10V Normalized BVDSS (V)
1.1
Normalized RDS(ON)
2
1
1
0.9
0.8 -50 0 50 100 150
0 -50 0 50 100 150
T j , Junction Temperature ( C)
o
T j , Junction Temperature ( o C )
Fig 3. Normalized BVDSS v.s. Junction Temperature
10 1.5
Fig 4. Normalized On-Resistance v.s. Junction Temperature
T j = 150 o C
T j = 25 o C
Normalized VGS(th) (V)
1
IS (A)
1
0.5
0.1 0 0.2 0.4 0.6 0.8 1 1.2
0 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( C)
o
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
3/4
AP05N50I
f=1.0MHz
16 10000
I D =3.1A VGS , Gate to Source Voltage (V) V DS =260V V DS =320V V DS =400V C (pF)
100
12
C iss
8
C oss
4
C rss
0 0 10 20 30 1
1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
10
100us ID (A) 1ms 10ms 100ms
0.1
Normalized Thermal Response (Rthjc)
Duty factor=0.5
0.2
0.1
1
0.1
0.05
PDM
t T
0.02
T c =25 C Single Pulse
o
1s DC
0.01 Single Pulse
Duty factor = t/T Peak Tj = PDM x Rthjc + T C
0.01 1 10 100 1000
0.01 0.00001 0.0001 0.001 0.01 0.1 1 10
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG 10V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4/4
ADVANCED POWER ELECTRONICS CORP.
Package Outline : TO-220CFM
E A
SYMBOLS
Millimeters
MIN NOM MAX
c2
A A1
4.50 2.30 0.50 0.95 0.45 2.30 9.70 2.91 -------
4.70 2.65 0.70 1.20 0.65 2.60 3.41 3.20 2.54
4.90 3.00 0.90 1.50 0.80 2.90 3.91 -------
b b1 c c2
E L4 L3 L4
10.00 10.40
14.70 15.40 16.10
e
L3
b1
A1
1.All Dimensions Are in Millimeters. 2.Dimension Does Not Include Mold Protrusions.
b
c
e
Part Marking Information & Packing : TO-220CFM
Part Number
LOGO
05N50I YWWSSS
Package Code Date Code (YWWSSS) YLast Digit Of The Year WWWeek SSSSequence


▲Up To Search▲   

 
Price & Availability of AP05N50I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X