Part Number Hot Search : 
C3115 2SD1910 OC18E12A 1415920 MB1005 D7201 18030 371903
Product Description
Full Text Search
 

To Download ADS-155 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 155W Single Output with 5V, 3A DC-DC Converter
Features :
ADS-155
series
Universal AC input / Full range Built-in active PFC function Protections: Short circuit / Overload / Over voltage Cooling by free air convection 100% full load burn-in test Fixed switching frequency at PFC 67KHz, PWM 134KHz 2 years warranty
SPECIFICATION
MODEL OUTPUT NUMBER DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT VOLTAGE ADJ. RANGE LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD UP TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVERLOAD PROTECTION OVER VOLTAGE WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & EMC
(Note 4)
ADS-15512 CH1 12V 11.5A 0 ~ 12.5A 153W 100mVp-p 3.0% 0.5% 2.0% CH2 5V 3A 0 ~ 3A
ADS-15524 CH1 24V 5.8A 0 ~ 6.5A 154.2W 150mVp-p CH1:21.6 ~ 26.4V 1.0% 0.5% 0.5% 2000ms, 90ms/115VAC at full load 100mVp-p 3.0% 0.5% 2.0% CH2 5V 3A 0 ~ 3A
ADS-15548 CH1 48V 2.9A 0 ~ 3.2A 154.2W 240mVp-p CH1:43.2 ~ 52.8V 1.0% 0.5% 1.0% 100mVp-p 5.0% 0.5% 1.0% CH2 5V 3A 0 ~ 3A
RIPPLE & NOISE (max.) Note.2 150mVp-p CH1:10.8 ~ 13.2V VOLTAGE TOLERANCE Note.3 2.0% 0.5% 1.0% 24ms/230VAC 88 ~ 264VAC 47 ~ 63Hz PF>0.92 77% 2.5A/115VAC
1000ms, 90ms/230VAC
20ms/115VAC at full load 124 ~ 370VDC
82% 1.5A/230VAC 40A/230VAC
82%
COLD START 20A/115VAC <1mA / 240VAC
105 ~ 135% rated output power Protection type : Constant current limiting, recovers automatically after fault condition is reoved CH1:13.8 ~ 16.2V CH1:27.6 ~ 32.4V CH1:55.2 ~ 64.8V Protection type : Shut down o/p voltage, re-power on to recover -10 ~ +60 (Refer to output load derating curve) 20 ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.03%/ (0 ~ 50 ) 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC / 70% RH
ISOLATION RESISTANCE HARMONIC CURRENT EMS IMMUNITY MTBF
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25 EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B
Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, light industry level, criteria A 202.3K hrs min. MIL-HDBK-217F (25 199*110*50mm (L*W*H) 1Kg; 16pcs/16Kg/0.95CUFT )
OTHERS
NOTE
DIMENSION PACKING
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives.
File Name:ADS-155-SPEC 2008-10-08
155W Single Output with 5V, 3A DC-DC Converter
Mechanical Specification
192 5 100 172
ADS-155
Case No. 906B
series
Unit:mm
12
1
9.5
2 3 4
110
3.5
5-M3
5
8.2
6 7
37
8
199 6 190.5
6.5
97
6
16.5
24.5
3.5
3.5
12
Terminal Pin No. Assignment
Pin No. 1 2 3 4 Assignment AC/L AC/N FG +5V Pin No. 5 6,7 8 Assignment NC DC OUTPUT COM DC OUTPUT +V
50
20
159
25
20
3M3
Block Diagram
PFC fosc : 67KHz PWM fosc : 134KHz
SWITCHING REGULATOR +5V +V -V CONSTANT CURRENT LIMITING & DETECTION CIRCUIT O.V.P.
I/P
EMI FILTER & RECTIFIERS
PFC CIRCUIT
POWER SWITCHING
RECTIFIERS & FILTER
FG ACTIVE START CIRCUIT
O.L.P.
PWM & PFC CONTROL
Derating Curve
Output Derating VS Input Voltage (15512)
100
100
+12V
90
80
With 21.6 CFM min.(10cm)
80 70
60
LOAD (%)
LOAD (%)
With NO FAN
40
60 50 40
20
-10
0
10
20
30
40
50
60
70
(HORIZONTAL)
88 90
100
120
140
160
180
200
220
240
260
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
File Name:ADS-155-SPEC 2008-10-08


▲Up To Search▲   

 
Price & Availability of ADS-155

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X