Part Number Hot Search : 
TC647B R6021225 S12R1 B1862 KWDCTAAG P1201 P1201 SEL2713K
Product Description
Full Text Search
 

To Download AA3020ASECK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0x2.0mm SURFACE MOUNT LED LAMP
Part Number: AA3020ASECK Super Bright Orange
Features
3.0MM X 2.0MM, 1.4MM HIGH, ONLY MINIMUM SPACE REQUIRED. SUITABLE FOR COMPACT OPTOELECTRONIC APPLICATIONS. LOW POWER CONSUMPTION. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
Description
The Super Bright Orange device is made with InGaAlP (on GaAs substrate) light emitting diode chip.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAH4212 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: JUN/27/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1201002886
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. AA3020ASECK Super Bright Orange (InGaAlP) WATER CLEAR 70 Typ. 150 Viewing Angle [1] 21/2 90
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Typ. 610 601 29 15 2.1 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Orange 75 30 195 5 -40C To +85C -40C To +85C
Units mW mA mA V
SPEC NO: DSAH4212 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: JUN/27/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1201002886
Super Bright Orange
AA3020ASECK
SPEC NO: DSAH4212 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: JUN/27/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1201002886
AA3020ASECK
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAH4212 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: JUN/27/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1201002886
PACKING & LABEL SPECIFICATIONS
AA3020ASECK
SPEC NO: DSAH4212 APPROVED: WYNEC
REV NO: V.3 CHECKED: Allen Liu
DATE: JUN/27/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1201002886


▲Up To Search▲   

 
Price & Availability of AA3020ASECK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X