Part Number Hot Search : 
2SC2516 SP125S ALD470 MCP320 C106B4 SP6019D FDLL300A RH101
Product Description
Full Text Search
 

To Download 440L-P4B1650-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Presence Sensing Safety Devices
Safety Light Curtains
Point of Operation Control
Maximum scanning range Resolution (object sensitivity) Maximum height of protective field Minimum height of protective field 6m/18m (19.69ft/59.06ft) 14mm/30mm (0.55in/1.18in) 1814mm/1832mm (71.4in/72.1in) 314mm/332 mm (12.36in/13.07in)
The optical axis (centre of window) is marked on the end cap.
Specifications
Standards Approvals EN 50100 BG, cULus and CE marked for all applicable directives 314mm...1832mm (12.3in...72.1in) 0.3m...6m (0.98ft...19.6ft)/0.3m...18m (0.98ft...59.0ft) 14mm/30mm (0.55in/1.18in) IP 65 7-pin mini style quick-disconnect on transmitter and receiver 24V DC 20% 5 Vss 0.9...1.5 Amps (no-load) Optical, without separate synchronization channel 2 x PNP, 0.5 A, short circuit protected Uv - 2V
Description
Point of Operation Control (POC) safety light curtains are active opto-electronic protection devices (AOPD) with resolutions of 14mm (0.55in) or 30mm (1.18in). Allen-Bradley Guardmaster POC safety light curtains are selfchecking and belong to Safety Category 4. They have been designed for industrial applications and are characterized by: * * * * * * High degree of reliability Maintenance-free components Practical size Sturdy modular construction Universal application possibilities Simple installation
Protected Height Scanning Range Resolution Enclosure Rating Connection Type Supply Voltage Uv Maximum Residual Ripple Power Consumption Synchronization Outputs Minimum output voltage Response Time Protection Connection Maximum wire cross section Cable length
Features
* Maintenance-free operation * Control-reliable solid-state outputs * State of the art microprocessor technology with custom-designed ASICs (Application Specific Integrated Circuits) * Easy assembly and alignment * Quick-disconnect mini style connectors * Long scanning range and high resolution * Small housing cross section: 52mm x 55mm (2.05in x 2.17in) * Fast response time 15ms * Large excess gain * Possibility to daisy-chain two sensors (to prevent personnel from standing between protective field and the point of operation) * Construction in compliance with EN 50100 Category 4 (self-checking) * Tested and approved for USA, Europe, Canada and Japan
15ms
Short circuit and overload 1.0mm2 with jacket 1.5mm2 without jacket 60m (196.8ft) Protection against over-voltage (1kV) from Level 3 or higher (IEC 801 part 5; 2 kV) between PE and +V. Guard-only with automatic restart Type 4 (self-checking) According to EN 50100 0C to 55C (32F to 131F) 15%...95% (not condensing) -25C to 70C (-13F to 158F) Length dependent upon protected height; (see dimensional drawings) 52 mm x 55 mm (2.05in x 2.17in)
Mode of Operation Safety Category Requirement Operating Ambient Temp. Air Humidity Storage Temperature Approximate Dimensions Height Housing cross section
The POC without using a separate control unit, will operate in a guard only mode with automatic restart.
2-26
Presence Sensing Safety Devices
Safety Light Curtains
Point of Operation Control Product Selection
1. Safety Light Curtains The Allen-Bradley Guardmaster POC safety light curtains are ordered as pairstransmitter and receiverand shipped under one part number. After selecting the appropriate light curtain pair, ensure that required interfaces and accessories are ordered as well.
Size mm (inches) 300 (12) 450 (18) 600 (24) 750 (30) 900 (36) 1050 (42) Protected Height mm 314 332 464 482 614 632 764 782 914 932 1064 1082 in 12.3 13.0 18.2 18.9 24.1 24.8 30.0 30.8 36.0 36.7 41.9 42.6 Catalogue Number 440L-P4B0300-N 440L-P4D0300-N 440L-P4B0450-N 440L-P4D0450-N 440L-P4B0600-N 440L-P4D0600-N 440L-P4B0750-N 440L-P4D0750-N 440L-P4B0900-N 440L-P4D0900-N 440L-P4B1050-N 440L-P4D1050-N Size mm (inches) 1200 (48) 1350 (54) 1500 (60) 1650 (66) 1800 (72) Protected Height mm 1214 1232 1364 1382 1514 1532 1664 1682 1814 1832 in 47.8 48.5 53.7 54.4 59.6 60.3 65.5 66.2 71.4 72.1 Catalogue Number 440L-P4B1200-N 440L-P4D1200-N 440L-P4B1350-N 440L-P4D1350-N 440L-P4B1500-N 440L-P4D1500-N 440L-P4B1650-N 440L-P4D1650-N 440L-P4B1800-N 440L-P4D1800-N
Resolution mm 14 30 14 30 14 30 14 30 14 30 14 30
Resolution mm 14 30 14 30 14 30 14 30 14 30
Please order the devices intended for cascaded applications (host sensor/guest sensor) separately (see page 2-18).
2. Cordsets2 Required (one for transmitter and one for receiver)
Female Connector (Sensor End) Face View of Female Connector Style Pin Wire Colour 1 Black 2 White 3 Blue 4 Brown 5 Grey 6 Yellow 7 Green Cable Wire Rating Length--m (ft) 2 (6.5) (5)/18AWG (2)20AWG 300V 3A 5 (16.4) 10 (32.8) 15 (49.2) 20 (65.6) 30 (98.4) 55.8 (2.2) 25.4 (1.00) Dia. Catalogue Number 889N-F7AG-2 889N-F7AG-5 889N-F7AG-10 889N-F7AG-15 889N-F7AG-20 889N-F7AG-30
6 5 4 7
1 2 3
Straight
Straight Female
Approximate Dimensions. Illustrations are not drawn to scale.
2-27
Presence Sensing Safety Devices
Safety Light Curtains
Point of Operation Control Product Selection
3. Programmable InterfaceOptional
Input Voltage Reset Floating Blanking Fixed Blanking PSDI Muting Outputs More Details Catalogue Number
24V DC
Manual/ Automatic
yes
yes
yes
yes
2 PNP OSSD 1 Aux. PNP
2-60
440L-M8100
4. Safety Relay InterfacesRequired
Input Voltage Reset Floating Blanking Fixed Blanking PSDI Muting Outputs 4 amp 2 N.O. Safety 1 N.C. Aux. More Details Catalogue Number
24V DC
Manual/ Automatic
no
no
no
no
2-58
440L-M8200
Note: For wiring refer to Safeguarding Applications section of this catalogue.
5. Safety Relay InterfacesOptional
Relay Input Safety Outputs Auxiliary Outputs Terminals Power Supply 24V AC/DC 1NC, 2NC, or Light Curtain Reset Automatic/Manual Monitored Manual Automatic/Manual Monitored Manual Automatic/Manual 230V AC Catalogue Number 440R-N23132 440R-N23135 440R-N23131 440R-N23134 440R-N23130 440R-N23133 440R-N23117 440R-N23116 440R-N23115 440R-N23114 440R-N23113 440R-N23112 440R-N23123 440R-N23122 440R-N23121 440R-N23120 440R-N23119 440R-N23118 440R-C23139 Automatic/Manual or Monitored Manual
3 N.O.
1 N.C.
Removable
115V AC
MSR127RP
Light Curtain or Single Channel (MSR126T) Dual Channel (MSR126.1T) Light Curtain or Single Channel (MSR126R) 2 N.O. None Fixed 24V AC/DC 115V AC 230V AC 24V AC/DC 115V AC 230V AC 24V AC/DC 115V AC 230V AC 24V AC/DC 115V AC 230V AC 24V AC/DC Light Curtain or Safety Mat 2 N.C. 2 PNP Solid State
Monitored Manual
Automatic/Manual
MSR126
Monitored Manual
Dual Channel (MSR126.1R)
3 N.O.
Removable
115V AC
440R-C23137
230V AC
440R-C23136
MSR131RTP
2-28
Presence Sensing Safety Devices
Safety Light Curtains
Point of Operation Control Product Selection
6. Safety Relay Interface (used for muting applications)
Input Voltage Reset Floating Blanking Fixed Blanking PSDI Muting Outputs More Details Catalogue Number
24V DC
Manual
no
no
yes
yes
2 N.O. Safety 1 N.C. Aux.
4-21
440R-P23071
MSR22LM
7. AccessoriesOptional
Products Steel L-Mounting bracket, fixed (4 per package) Catalogue Number 440L-AF6102 (1 package per system) 440L-AF6103 (1 package per system) 440L-AF6104 (1 package per system)
Mounting bracket, adjustable (4 per package)
Mounting bracket, adjustable with shock mount (4 per package) Power supply: Input85...265V AC Output24V DC, 3 Amps Laser alignment aid POC adaptor for laser alignment aid Sliding nuts (4 pieces supplied with POC system)
1794-PS3
440L-ALAT 440L-ALBRK 440L-AF6105
Corner Mirror Selection Table Specially constructed glass mirrors for 2 and 3 sided safeguarding applications.
Note: Each mirror reduces maximum scan range by 10% per mirror. For POC Models 300 450 600 750 900 1050 1200 1350 1500 1650 or 1800 Mounting kit for mirrors. Each kit contains 1 bracket with fasteners. Order 2 kits per mirror. Mounting stand for mirror and POC (see page 2-21) Note: For Approximate Dimensions of mirror and mounting stands, see pages 2-20 and 2-21. Catalogue Number 440L-AM1200300 440L-AM1200450 440L-AM1200600 440L-AM1200750 440L-AM1200900 440L-AM1201050 440L-AM1201200 440L-AM1201350 440L-AM1201500 440L-AM1201800 440L-AM120BRK 440L-AMSTD
2-29
Presence Sensing Safety Devices
Safety Light Curtains
Point of Operation Control Product Selection
Host Receiver Host Sender
Cable length is 170mm (6.5in)
Guest Receiver
Guest Sender
Safety Light CurtainsHost Guest The Allen-Bradley Guardmaster POC host guest family of safety light curtains are ordered as pairs--transmitter and receiver--and is shipped under one part number. After selecting the appropriate light curtain pair, ensure that required interfaces and accessories are ordered as well.
HostPairs Size mm (inches) 900 (36) 1050 (42) 1200 (48) 1350 (54) 1500 (60) Resolution/ No. of Beams 14mm/120 30mm/60 14mm/140 30mm/70 14mm/160 30mm/80 14mm/180 30mm/90 14mm/200 30mm/100 Protected Height mm 914 932 1064 1082 1214 1232 1364 1382 1514 1532 in 36.0 36.7 41.9 42.6 47.8 48.5 53.7 54.4 59.6 60.3 Catalogue Number 440L-C4B0900-N 440L-C4D0900-N 440L-C4B1050-N 440L-C4D1050-N 440L-C4B1200-N 440L-C4D1200-N 440L-C4B1350-N 440L-C4D1350-N 440L-C4B1500-N 440L-C4D1500-N Size mm (inches) 150 (6) 300 (12) 450 (18) 600 (24) 750 (30) 900 (36) GuestPairs Resolution/ No. of Beams 14mm/20 30mm/10 14mm/40 30mm/20 14mm/60 30mm/30 14mm/80 30mm/40 14mm/100 30mm/50 14mm/120 30mm/60 Protected Height mm 150 150 314 332 464 482 614 632 764 782 914 932 in 5.9 5.9 12.3 13.0 18.2 18.9 24.1 24.8 30.0 30.8 36.0 36.7 Catalogue Number 440L-B4B0150-N 440L-B4D0150-N 440L-B4B0300-N 440L-B4D0300-N 440L-B4B0450-N 440L-B4D0450-N 440L-B4B0600-N 440L-B4D0600-N 440L-B4B0750-N 440L-B4D0750-N 440L-B4B0900-N 440L-B4D0900-N
Note: The maximum number of allowable beams in any combination of host/guest is 240 beams. Note: To order controllers, safety relays and accessories, refer to page 2-28.
2-30
Presence Sensing Safety Devices
Safety Light Curtains
Point of Operation Control Approximate Dimensions--mm (inches)
Approximate Dimensions are not intended to be used for installation purposes.
Mini Style Quick-Disconnect (approx. 100mm 28 (1.1) (3.94in) space required for 21 (0.83) plugging in) 62 (2.44) D
Note: Approximate Dimensions C & D represent the suggested distances of mounting brackets. Protective Height POC 300 POC 450 POC 600 POC 750 POC 900 POC 1050 POC 1200 POC 1350 POC 1500 POC 1650 POC 1800
A 300 450 600 750 900 1050 1200 1350 1500 1650 1800
B 384 534 684 835 985 1135 1285 1435 1586 1736 1886
C 224 374 524 675 825 975 1125 1275 1426 1576 1726
Guest
D
80
A
B
C
31 (1.22)
D
C AB
27.5 (1.08) 55 (2.17)
Optical Axis = Center of exit window
52 (2.05)
Guest A 150 300 450 600 750 900 150 300 450 600 750 900 B 200 350 500 650 800 950 C * 190 340 490 640 790 D * 80 80 80 80 80
61 (2.40) 52 (2.05)
27.5 (1.08)
55 (2.17)
2-31
Presence Sensing Safety Devices
Safety Light Curtains
Point of Operation Control Typical Wiring Diagrams
6 5 2 3 7 POC Transmitter Inside View of Connector 1 2 3 4 5 67 1 2 3 4 5 67 Pin #1 Pin #2 Pin #3 PE Pin #7
Pin #1 = +24V Pin #2 = 0V Pin #3 = Test Pin #4 = Test Pin #5 = NC Pin #6 = NC Pin #7 = PE
1
Sender Cable Plug Pin 1 2 3 4 5 6 7 Color Function Black +24V DC White 0V DC Blue Test Brown Test Grey N.C. Yellow N.C. Green PE POC Transmitter Top View of Connector Pin #6
1
2
3
4
5
67
1
2
3
4
5
67
4
Communication
Communication
Pin #5
24V DC
24V DC
Test Test
0V
PE
out 1 out 2
nc
nc
0V
Transmitter NC = No Connection
Receiver
Internal Connector
1 2 3 4 5 6 7
Mini Plug
1 2 3 4 5 6 7
Pin #4
Electrical Installation Connecting the POC components is simple. Cable lengths up to 60m (196.8ft) are permitted (over-voltage protection for level 3 and higher (IEC 801), see Technical Data). The transmitter is connected to a 24V supply using a 7-conductor cable. The receiver is connected to the machine control and 24V supply using a 7-conductor cable. The maximum wire cross section is 1.5mm (0.06in) without jacket; 1mm (0.04in) with jacket. All light curtains come standard with prewired mini style quick-disconnect connectors in the end-caps. The POC requires +24V DC ( 20%) power supply, which is available from Allen-Bradley Guardmaster. LED Indicators
Transmitter Receiver
POC (transmitter) cable pin diagram Test Input (Transmitter) The POC switches to the green condition after the supply voltage has been applied, and the automatic power-up test has been completed. If an external test is desired, a contact (normally closed) can be connected at the test input (MCC = Machine Control Contact). Minimum opening duration 50ms. Continuous current during closed test input: 12mA. In-rush current when closing: 150mA (20ms). Test input open = Testing = Outputs on receiver inactive (red). Test input closed = No test Outputs on receiver active (green).
POC Transmitter
Power On (Amber) Transmit (Yellow)
Output Active (Green) Output Inactive (Red) Weak Signal (Amber) Beam Break Required (Yellow) (only with 440L-M8100)
1 3 4 2 7
+24V test 0V PE or test contact
POC connection diagram
2-32
Presence Sensing Safety Devices
Safety Light Curtains
Point of Operation Control Typical Wiring Diagrams (continued)
Outputs (Receiver) The output voltage UA of each channel depends on the supply voltage UV and the switched load and is at least UA = UV - 2V Both outputs OSSD1 and OSSD2 (OSSD = Output Signal Switching Device) are control reliable, actively monitored PNP solid state outputs. The outputs can carry a maximum of 0.5 Amps and are short circuit protected. If the protected field is clear, the two outputs are HIGH (active). * An additional supply voltage must not be applied to the outputs.
4 POC Transmitter 1 3 +24V Imax = 0.5A RL Imax = 0.5A RL 5 6 2 0V 7 PE RS 485 (440L-M8100/diagnostics)
ATTENTION: Both output signals must be processed separately. They must not be connected in series or parallel.
Receiver connection diagram
RS-485 Communication Interface This interface serves to communicate with the 440L-M8100 (optional). If the 440L-M8100 is not used, the connection is not used.
1 6 5 2 3 7 POC Receiver Inside View of Connector Pin #1 Pin #2 Pin #3 Pin #7
Pin #1 = +24V Pin #2 = Gnd Pin #3 = OSSD1 Pin #4 = OSSD2 Pin #5 = Com- RS 485 Pin #6 = Com+ RS 485 Pin #7 = PE
Receiver Cable Plug Pin 1 2 3 4 5 6 7 Color Black White Blue Brown Grey Yellow Green Function +24V DC 0V DC Out 1 OSSD 1 Out 2 OSSD 2 -RS 485 Communications +RS 485 Communications PE
4
POC Receiver Top View of Connector Pin #6 Pin #5
Internal Connector
1 2 3 4 5 6 7
Mini Plug
1 2 3 4 5 6 7
Pin #4
Receiver cable pin diagram
2-33


▲Up To Search▲   

 
Price & Availability of 440L-P4B1650-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X