Part Number Hot Search : 
MMSZ5226 3NBSP 3N120 MAZD039 B1426 4N32XX 7406PC S541A
Product Description
Full Text Search
 

To Download 440L-AMIRR1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Presence Sensing Safety Devices
Safety Light Curtains
Area Access Control Specifications
Standards Approvals Protective Field Range Number of Beams Light Beam Diameter Sender/Receiver Unit Supply Voltage 24V DC 20% 230V AC +15% to -10% (special order) 115V AC +15% to -10% Max. 5% of Uv 48 to 62Hz with AC version Test contact Max. 150ms 75ms EN 50100 BG and CE marked for all applicable directives 0.5 to 18m or 15 to 70m 1 23mm
Description
The AAC photoelectric safety switch is a single-beam, noncontact presence sensing safety device consisting of separate transmitter and receiver units. The light beam produced between the emitter and receiver provides access protection for hazardous areas. The AAC serves as a presence sensing safety device for perimeter guarding to protect personnel from potentially hazardous areas such as: * * * * * * Robotic work cells Machining centres Palletizers Plastics machinery Stackers Settling machinery in the stone working industry
Ripple Frequency Input, Sender Test Time Min. Opening Time of NC Contact for Test Power Consumption Voltage Version Sender Unit Receiver Unit Synchronization Outputs
24V 5W 8W Optical
115V 8W 11W
230V 8W 11W
Safety Relays--Max. Operating Frequency 0.2Hz (1 operation in 5 seconds) 2A/0.02A 250V AC/24V DC 22ms PG connector: IP67, max cable length 50m Standard I IP67 Type 4 EN 50100 Part I/Part II -25C to 55C -25C to 70C 15% to 95% 5g, 10 to 55Hz to IEC 68-2-6 10g, 16ms to IEC 68-2-29 Sender unit: approx. 0.9 to 1.3kg Receiver unit: approx. 1 to 1.4kg
Features
* * * * Long scan range Easy installation Die cast aluminium housing Heated front lens, i.e. it can be used even in outdoor applications
Switching Current (max./ min.) Switching Voltage (max./ min.) Response Time Connection Cable Front Screen Heating Operating Data Protection Class Enclosure Rating Safety Category Requirements Ambient Operating Temperature Storage Temperature Air Humidity Vibration Impact Resistance Weight
2-46
Presence Sensing Safety Devices
Safety Light Curtains
Area Access Control Product Selection
1a. Selection Guide for 0.5m to 18m Range
Operating Voltage Supply Current 24V DC 120V AC Catalogue Number Connection Type Terminal Chamber with Cable Gland (PG13.5 thread) Transmitter 440L-T4F0018-Q 440L-T4F90018-Q Receiver 440L-R4F0018-Q 440L-R4F90018-Q
1b. Selection Guide for 15m to 70m Range
Operating Voltage Supply Current 24V DC 120V AC Catalogue Number Connection Type Terminal Chamber with Cable Gland (PG13.5 thread) Transmitter 440L-T4F0070-Q 440L-T4F90070-Q Receiver 440L-R4F0070-Q 440L-R4F90070-Q
2. Safety Relay Interfaces--Optional if additional outputs required
Input Voltage Reset Floating Blanking Fixed Blanking PSDI Muting Safety Outputs 4 amp 2 N.O. Safety 1 N.C. Aux. More Details Catalogue Number
24V DC
Manual/ Automatic
no
no
no
no
58
440L-M8200
Note: For wiring refer to Safeguarding Applications section of this catalogue.
3. Safety Relay Interfaces--Optional
Relay Input Safety Outputs Auxiliary Outputs Terminals Power Supply 24V AC/DC 1NC, 2NC, or Light Curtain Reset Automatic/Manual Monitored Manual Automatic/Manual Monitored Manual Automatic/Manual 230V AC Catalogue Number 440R-N23132 440R-N23135 440R-N23131 440R-N23134 440R-N23130 440R-N23133 440R-N23117 440R-N23116 440R-N23115 440R-N23114 440R-N23113 440R-N23112 440R-N23123 440R-N23122 440R-N23121 440R-N23120 440R-N23119 440R-N23118 440R-C23139 Automatic/Manual or Monitored Manual
3 N.O.
1 N.C.
Removable
115V AC
MSR127RP
Light Curtain or Single Channel (MSR126T) Dual Channel (MSR126.1T) Light Curtain or Single Channel (MSR126R) 2 N.O. None Fixed 24V AC/DC 115V AC 230V AC 24V AC/DC 115V AC 230V AC 24V AC/DC 115V AC 230V AC 24V AC/DC 115V AC 230V AC 24V AC/DC Light Curtain or Safety Mat 2 N.C. 2 PNP Solid State
Monitored Manual
Automatic/Manual
MSR126
Monitored Manual
Dual Channel (MSR126.1R)
3 N.O.
Removable
115V AC
440R-C23137
230V AC
440R-C23136
MSR131RTP
2-47
Presence Sensing Safety Devices
Safety Light Curtains
Area Access Control Accessories
Description Laser alignment aid Adaptor for alignment aid on AAC Catalogue Number 440L-ALAT 440L-ALBRK1
Mounting bracket for AAC Corner mirror for scanning range 0 to 30m Mounting kit for 440L-AMIRR1
440L-AMBRK4 440L-AMIRR1 440L-AMKIT
Mounting bracket for mirror 440L-AMIRRI
440L-AMBRK1
Glass corner mirror, 45 angle 0 to 30m
440L-AMIRR2
Long range mirror (15 to 79m)
440L-AMIRR3
Adaptor, Conduit, Pg13.5 to 1/2in NPT, Steel
440A-A17094
2-48
Presence Sensing Safety Devices
Safety Light Curtains
Area Access Control Approximate Dimensions--mm (inches)
Approximate Dimensions are not intended to be used for installation purposes.
50 (1.96) 116 (4.57)
34 (1.33) 65 (2.5)
156 (6.14)
128 (5.03) 65 (2.5)
14 (0.55) Pg 13.5 M6 x 8 (6 places)
17.5 (0.68) Max Cable O.D. 8-10mm
2-49
Presence Sensing Safety Devices
Safety Light Curtains
Area Access Control Approximate Dimensions--mm (inches) (continued)
Approximate Dimensions are not intended to be used for installation purposes.
9 (0.35) 65 51 6.5 (0.26) (2.56)(2.01) 20 64.5 (2.54) 46.5 (1.83) 9 (0.35) 82 (3.23) 39.5 64.5(1.55) (2.54) 40 (1.57) 20 (0.79) 71 (2.80) 20 (0.79) 26 (1.02) M 8 x 30 SW 13
58 (2.28)
60
43 (1.69) 22 (0.87)
M 8 x 45 SW 13
6 (0.23)
6.5 (0.25)
Mounting bracket 440L-AMBRK4
16.5 (0.65) 67 (2.64) 33.5 (1.32) 63 (2.48)
M6
160 (6.30) 149 (5.87) 124 (4.88) 177 (6.97) ~7 (0.28)
38 (1.50) 96 (3.78) 100 (3.94) 14 (0.55) 8.5 (0.33)
2.5 (0.10) 10 (.039)
Corner mirror
Shown with bracket (440L-AMBRK1) Mounted to mirror (440L-AMIRR1)
Catalogue number 440L-AMIRR1
76 (2.99) 40 (1.57)
80 (3.15)
96.5 (3.80)
40.5 (1.59)
63 (2.48)
8.5 (0.33)
146.5 (5.77)
69.5 (2.74)
8.5 (0.33) 80 (3.15)
Catalogue number 440L-AMIRR2
2-50
Presence Sensing Safety Devices
Safety Light Curtains
Area Access Control Typical Wiring Diagrams
Transmitter Receiver
1/2 1/2 3 10 11
3
4
5
6
7
8
9
PE
24V DC
No Connection
0V DC
24V DC
No Connection
0V DC
N.O. Output
N.C. Output
24V DC supply with terminal chamber
Transmitter Receiver
1/2 1/2 3 10 11
3
4
5
6
7
8
N.O. Output
Test Input
PE
115V DC
No Connection
PE
No Connection
L1 115V AC
N.O. Output
N.C. Output
AC power supply with terminal chamber
N.O. Output
Test Input
N
{ { {
2-51
PE
{ { {
9


▲Up To Search▲   

 
Price & Availability of 440L-AMIRR1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X