Part Number Hot Search : 
BA103 7C126 BDR2G PT2300 HCF4068 X16245 C5022 2SC3354
Product Description
Full Text Search
 

To Download 440K-T11303 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Interlock Switches
Tongue Switches
Trojan T15 Specifications
Standards EN954-1, ISO13849-1, IEC/EN60204-1, NFPA79, EN1088, ISO14119, IEC/ EN60947-5-1, ANSI B11.19, AS4024.1 Cat. 1 Device per EN954-1 Dual channel interlocks suitable for Cat. 3 or 4 systems CE marked for all applicable directives, cULus and TUV Nord 2 N.C. or 1 N.C. direct opening action 600V 1.2A 600V 0.4A 500V 240V 120V 1.4A 3A 6A 500V 250V 125V 0.55A 1.1A 2.2A
Category
Approvals Safety Contacts Designation/Utilization Cat. A600/AC-15 (Ue) (Ie) N600/DC-13 (Ue) (Ie)
Description
The Trojan T15 is a compact universal tongue actuated safety interlock switch designed to fit at the opening edge of sliding, hinged or lift-off guards. With its dual entry slots and rotatable head, movable only by releasing the cover screws, the Trojan T15 can offer four different options for actuator entry. The Trojan T15 features a compact housing, only 75 x 52 x 32mm (2.95 x 2.04 x 1.25in) and includes direct opening action contacts and a tamper-resistant mechanism. The Trojan T15 has 2 N.C. safety contacts or 1 N.C. safety contact and 1 N.O. auxiliary contact. The unit is sealed to IP67 and has three M20 conduit entries. Operation of the switch is achieved by the insertion of the specially profiled stainless steel actuator which should be permanently fixed to the leading edge of the guard door. The standard T15 incorporates actuator retention force of 30N. An optional catch mechanism helps keep doors shut on vibrating machinery.
Max. Switched Current/ Voltage/Load Thermal Current (lth) Min Current Safety Contact Gap Rtd. Insulation Voltage Auxiliary Contacts Pollution Degree Actuator Travel for Positive Opening Min Operating Radius Break Contact Min Force Max Actuation Speed Max Actuation Frequency Case Material Actuator Material Protection Conduit Entry Operating Temperature Fixing Mounting Mechanical Life Electrical Life Weight Colour
500V/500VA 10A 5V 5mA DC >2 x 2mm (0.078in) (Ui) 500V 1 N.O. 3 6mm (0.236in) 175mm (6.89in) 60mm (2.36in) with flexible actuator 30N (6.7lb) 160mm (6.29) per sec 2 Cycle per sec UL approved glass filled polybutylene terephthalate Stainless Steel IP67 3 x M20 or quick disconnect style -20C to +80C (-4F to +176F) 2 x M5 Any position 1,000,000 operations 1,000,000 operations 120g (0.265lbs) Red
Rtd. Impulse Withstand Volt. (Uimp) 2500V
Features
* * * * * Compact size, 75 x 52 x 32mm (2.95 x 2.05 x 1.26in) case 30N actuator retention force Strong and versatile, can be used in most applications Contacts: 2 N.C. safety or 1 N.C. safety & 1 N.O. auxiliary GD2 style available for demanding applications
Conductive pollution occurs, or dry, non conductive pollution occur which becomes conductive due to condensation.
Applications
Note: Lift-off guards require good alignment when using tongue actuated interlock switches. IMPORTANT: It must not be possible to lift the guard without actuating the interlock. An interlock on either side may be required.
3-10
Interlock Switches
Tongue Switches
Trojan T15 Product Selection
Contacts Model Type Safety Aux. Actuator Standard 2 N.C. Standard 1 N.C. 1 N.O. -- Fully-Flex -- Standard Fully-Flex -- Standard 2 N.C. GD2 Front Entry 1 N.C. 1 N.O. -- Fully-Flex -- Standard Fully-Flex -- Standard 440K-T11303 440K-T11395 440K-T11269 440K-T11305 440K-T11396 440K-T11270 440K-T11463 440K-T11397 440K-T11280 440K-T11398 440K-T11399 440K-T11279 M20 Conduit 1/2in NPT Adaptor 440K-T11267 440K-T11273 -- 440K-T11268 440K-T11276 -- 440K-T11288 440K-T11287 -- 440K-T11284 440K-T11283 -- Quick Disconnect End Entry 440K-T11307 440K-T11384 440K-T11385 440K-T11386 440K-T11387 440K-T11388 440K-T11389 440K-T11390 440K-T11391 440K-T11392 440K-T11393 440K-T11394
Recommended mating cable, 2m (6.5ft). See page 15-10 for details and additional lengths.
889D-F4AC-2
Accessories
Description For Dimensions See Page Catalogue Number
Standard Actuator (Standard model only)
14-5
440K-A11238
GD2 Standard Actuator (GD2 model only)
14-4
440G-A27011
Flat Actuator
14-5
440K-A11112
3-11
Interlock Switches
Tongue Switches
Trojan T15 Accessories (continued)
Description For Dimensions refer to page Catalogue Number
Alignment Guide with Semi-Flexible Actuator
(Discard the Alignment Guide for GD2)
14-5
440K-A11144
Alignment Guide with Fully-Flexible Actuator
(Discard the Alignment Guide for GD2)
14-6
440K-A27010
Sliding Bolt Actuator
14-4
440G-A27163
Catch and Retainer Kit (Standard Model Only)
14-4
440K-A11094
Optional Items
Alignment Guide and Flexible Actuator Catch and Retainer Used to keep guards on vibrating machinery closed. The quick-disconnect option allows a quick connection facility. Plug In Connection
For use with flexible actuator
15 flexibility in any direction
3-12
Interlock Switches
Tongue Switches
Trojan T15 Approximate Dimensions--mm (inches)
Dimensions are not intended to be used for installation purposes.
20.5 (0.81)
52 40 (1.57) (2.05)
5.5 (0.22) Fixing holes for M5 screws 5 (0.2) GD2 Guides 5 (0.2) 32 (1.26) 15 (0.59) 16 (0.62) 33.4 (1.31) 41 (1.61) 75 (2.95) 5.5 (0.22) 31 (1.22) 13 (0.51) 20.5 (0.81) 15.75 (0.62)
Typical Wiring Diagrams (shown with guard closed, actuator inserted)
1 N.C. + 1 N.O. (BBM) 2 N.C.
23 24
11 12
21 22
11 12
1 N.C. + 1 N.O. Connector Pinout 1 Terminal 11 N.C. 12 23 N.O. 4 24
1 N.C. & 1 N.O. (BBM) 20 11/12 23/24 15 10 6 0mm 20 11/12 21/22 15
2 N.C. Terminal 11 N.C. 12 21 N.C. 22
2 N.C. 10 6 0mm
Contact
Contact
2 3
1 4
3 2
Contact Action
Contact Open Contact Closed Actuator withdrawal distance from full insertion
6.5
3-13


▲Up To Search▲   

 
Price & Availability of 440K-T11303

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X