Part Number Hot Search : 
IS2063 CTP4406 IDT70P24 HB834 HB834 DTC123 73120 MCB9112
Product Description
Full Text Search
 

To Download 42000XOPL72100CTA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
Industry-standard 7 x 5mm package Wide frequency range 150MHz to 700MHz Factory programmable for quick delivery Supply voltage 3.3Volts Tristate function
XOPL72 Series Oscillators
7 x 5mm Programmable LVPECL Oscillator
DESCRIPTION OUTLINE & DIMENSIONS XOPL72 programmable oscillators provide a high frequency, differential output LVPECL signals in a miniature, low-profile and industry-standard 7 x 5mm package. As such the parts are ideal for applications including serial communications, routers, switches, WAN interfaces and test equipment. The factory programmable parts ensure quick delivery to customer's requirements.
SPECIFICATION Frequency Range: Frequency Stability Commercial: Industrial: Supply Voltage: Operating Temperature: Storage Temperature: Symmetry: Start-up Time: Ageing: Static Discharge Voltage: Supply Current: Short Circuit Current: Jitter (RMS) Period: Output Voltage VOH: VOL: Rise/Fall Time: 150.0MHz to 700.0MHz 25ppm to 100ppm 0 to +70C 25ppm to 100ppm -40 to +85C +3.3 Volts 5% From -40 to +85C -55 to +125C 45/55% 3ms typical, 10ms maximum 5ppm in first year of use 2000V 130mA maximum 50mA typical 10ps Vdd-1.025 Volts minimum Vdd-1.62 Volts maximum 0.6ns typical, 1.5ns maximum SOLDER TEMPERATURE PROFILE
PART NUMBERING Example:
420.00MHz XOPL72025CTA
Frequency Series Designation XOPL61 Stability 100 = 100ppm 050 = 50ppm 025 = 25ppm Operating Temp. Range C = Commercial (0~70C) I = Industrial (-40~+85C) Tristate Function Supply Voltage 3.3 Volts
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of 42000XOPL72100CTA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X