Part Number Hot Search : 
1050C 1N4732 FQP3N25 W1T1G 74AUP2 FQP3N25 TA1810A SRA22
Product Description
Full Text Search
 

To Download 2SK3294 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Field Effect Transistor 2SK3294
TO-263
+0.1 1.27-0.1
MOSFET
Unit: mm
+0.1 1.27-0.1 +0.2 4.57-0.2
Features
Gate voltage rating 30 V Low on-state resistance
Low input capacitance Ciss = 1500 pF TYP. (VDS = 10 V, VGS = 0 V) Avalanche capability rated Built-in gate protection diode Surface mount device available
+0.2 5.28-0.2
+0.1 1.27-0.1
0.1max
+0.1 0.81-0.1
2.54 5.08
+0.1 -0.1
+0.2 2.54-0.2
+0.2 15.25-0.2
RDS(on) = 160 m
MAX. (VGS = 10 V, ID = 10 A)
+0.2 8.7-0.2
+0.2 2.54-0.2
+0.2 0.4-0.2
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation TC=25 TA=25 Channel temperature Storage temperature * PW 10 s,Duty Cycle 1% Tch Tstg Symbol VDSS VGSS ID Idp * PD Rating 250 30 20 60 100 1.5 150 -55 to +150 Unit V V A A W
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gat cutoff voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol IDSS IGSS VGS(off) Yfs RDS(on) Ciss Coss Crss ton tr toff tf ID=10A,VGS(on)=10V,RG=10 ,VDD=125V VDS=10V,VGS=0,f=1MHZ Testconditons VDS=250V,VGS=0 VGS= 30V,VDS=0 VDS=10V,ID=1mA VDS=10V,ID=10A VGS=10V,ID=10A 2.5 6.0 120 1500 360 220 24 78 110 60 160 Min Typ Max 100 10 4.5 Unit A A V S m pF pF pF ns ns ns ns
5.60
1 Gate 2 Drain 3 Source
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK3294

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X