Part Number Hot Search : 
C3115 C320A PM5356 305000 EL6274CU RN2425 3AB160 ES005S
Product Description
Full Text Search
 

To Download 2SK2158 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Field Effect Transistor 2SK2158
SOT-23
MOSFET
Unit: mm
Capable of drive gate with 1.5 V
+0.1 2.4-0.1
Because of high input impedance, there is no need to consider driving current. Bias resistance can be omitted, enabling reduction in total number of parts.
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
Features
+0.1 2.9-0.1 +0.1 0.4-0.1
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 1 GATE 2.Emitter 2 SOURCE 3.collector 3 DRAIN
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation Channel temperature Storage temperature * PW 10 s,Duty Cycle 1% Symbol VDSS VGSS ID Idp * PD Tch Tstg Rating 50 7.0 0.1 0.2 200 150 -55 to +150 Unit V V A A mW
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gate to source cutoff voltage Forward transfer admittance Symbol IDSS IGSS Testconditons VDS=50V,VGS=0 VGS= 7.0V,VDS=0 0.5 20 32 16 12 6 VDS=3V,VGS=0,f=1MHZ 8 1 9 ID=20mA,VGS(on)=3V,RL=150 ,RG=10 ,VDD=3V 48 21 31 50 20 15 pF pF pF ns ns ns ns 0.7 Min Typ Max 1.0 3.0 1.1 Unit A A V ms
VGS(off) VDS=3V,ID=10 A Yfs VDS=3V,ID=10mA VGS=1.5V,ID=1.0mA
Drain to source on-state resistance
RDS(on) VGS=2.5V,ID=10mA VGS=4.0V,ID=1.0mA
Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time
Ciss Coss Crss td(on) tr td(off) tf
Marking
Marking G23
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK2158

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X