Part Number Hot Search : 
8030B 50120 PC1031 CIM099P7 SMCJ11C IRLI530G PC745 DSR1J
Product Description
Full Text Search
 

To Download 2SK2112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Field Effect Transistor 2SK2112
SOT-89
IC MOSFET
Unit: mm 1.50
+0.1 -0.1
Features
Low on-resistance RDS(on)=1.2 MAX.@VGS=4.0V,ID=0.5A High switching speed
4.50
+0.1 -0.1
+0.1 1.80-0.1
+0.1 2.50-0.1
1
+0.1 0.48-0.1
2
3
+0.1 0.80-0.1
+0.1 0.53-0.1 +0.1 0.44-0.1
2.60
+0.1 -0.1
+0.1 4.00-0.1
+0.1 3.00-0.1
0.40
1. Base 1. Source 2. Collector 2. Drain 3. Emiitter 3. Gate
+0.1 -0.1
1 Gate
2 Drain
3 Source
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation * Symbol VDSS VGSS ID Idp PD Tch Tstg Rating 100 20 1.0 2.0 2.0 150 -55 to +150 Unit V V A A W
Channel temperature Storage temperature * 16 cm2X0.7mm,ceramic substrate used
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gate threshold voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol IDSS IGSS VGS(th) Yfs RDS(on) Ciss Coss Crss td(on) tr td(off) tf ID=0.5A,VGS(on)=10V,RL=50 ,RG=10 ,VDD=25V VDS=10V,VGS=0,f=1MHZ Testconditons VDS=100V,VGS=0 VGS= 20V,VDS=0 VDS=10V,ID=1mA VDS=10V,ID=0.5A VGS=4.0V,ID=0.5A VGS=10V,ID=0.5A 0.8 0.4 0.58 0.50 170 59 16 2.9 1.7 60 15 1.2 0.8 pF pF pF ns ns ns ns 1.4 Min Typ Max 1.0 10 2.0 Unit A A V S
Marking
Marking NV
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK2112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X