Part Number Hot Search : 
AD9444 220MC I514RU LA7337 627ER TD6278 MB24S 5801911
Product Description
Full Text Search
 

To Download 2SK1590 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Field Effect Transistor 2SK1590
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
MOSFET
Unit: mm
Features
+0.1 2.4-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
impedance.
0.55
Not necessary to consider driving current because of its high input
+0.1 1.3-0.1
Directly driven by Ics having a 5V power supply.
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 1 GATE 2.Emitter 2 SOURCE 3.collector 3 DRAIN
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current (DC) Drain current(pulse) * Power dissipation Channel temperature Storage temperature * PW 10ms, duty cycle 5% Symbol VDSS VGSS ID ID PD Tch Tstg Rating 60 20 200 400 200 150 -55 to +150 Unit V V mA mA mW
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gate to source cutoff voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol IDSS IGSS Testconditons VDS=60V,VGS=0 VGS= 20V,VDS=0 0.8 20 1.2 65 3.2 2.4 26 VDS=5.0V,VGS=0,f=1MHZ 20 4 50 ID=10mA,VGS(on)=5.0V,RL=500 ,VDD=5V,RG=10 140 200 190 6.0 3.0 pF pF pF ns ns ns ns Min Typ Max 1.0 1.0 1.8 Unit A A V ms
VGS(off) VDS=5V,ID=1 A Yfs RDS(on) Ciss Coss Crss td(on) tr td(off) tf VDS=5.0V,ID=10mA VGS=4.0V,ID=10mA VGS=10V,ID=10mA
Marking
Marking G16
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK1590

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X