Part Number Hot Search : 
378FCT1G IL358N 3SRW4CM LTC680 658C2I2 BU902 BU902 BR108
Product Description
Full Text Search
 

To Download 2SD999 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Silicon Epitaxial Transistor 2SD999
Transistors
Features
World standard miniature package:SOT-89. Low collector saturation voltage. Excellent dc current gain linearity.
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector Current (pulse) * Total power dissipation Junction temperature Storage temperature * Pulse Test PW 10ms, Duty Cycle 50%. Symbol VCBO VCEO VEBO IC IC PT Tj Tstg Rating 30 25 5 1 1.5 2.0 150 -55 to +150 Unit V V V A A W
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current gain * Collector saturation voltage * Base saturation voltage * Base-emitter voltage * Gain bandwidth product Output capacitance * Pulsed: PW 350 is, duty cycle 2% Symbol ICBO IEBO hFE Testconditons VCB = 30 V, IE = 0 A VEB = 5.0 V, IC = 0 A VCE = 1.0 V, IC = 100 mA VCE = 1.0 V, IC = 1.0A VCE(sat) IC = 1.0 A, IB = 0.1A VBE(sat) IC = 1.0 A, IB = 0.1A VBE fT Cob VCE = 6.0 V, IC = 10 mA VCE = 6.0 V, IE = -10 mA VCB = 6 V, IE = 0, f = 1.0 MHz 600 90 50 200 140 0.21 1 630 130 22 0.4 1.2 700 V V mV MHz pF Min Typ Max 100 100 400 Unit nA nA
hFE Classification
Marking hFE CM 90 180 CL 135 270 CK 200 400
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SD999

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X