Part Number Hot Search : 
SDM0565R M38021E1 025AF SB200 ZM4736 MEGA64 ATMEGA 2SC1317
Product Description
Full Text Search
 

To Download 2SC1212 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1212 2SC1212A
DESCRIPTION With TO-126 package Complement to type 2SA743/743A APPLICATIONS For low frequency power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
Absolute maximum ratings(Ta=25ae )
SYMBOL

PARAMETER
VCBO
Collector-base voltage
VCEO
Collector- emitter voltage
VEBO IC
Emitter-base voltage Collector current
HAN INC
SEM GE
2SC1212A 2SC1212 2SC1212A
2SC1212
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE 50 80 50 80
UNIT
V
Open base
V
Open collector
4 1
V A
Ta=25ae PD Total power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature
0.75 W 8 150 -55 +150 ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2SC1212 V(BR)CEO Collector-emitter breakdown voltage 2SC1212A 2SC1212 V(BR)CBO Collector-base breakdown voltage 2SC1212A V(BR)EBO VCEsat VBE ICBO hFE-1 hFE-2 fT Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current DC current gain DC current gain IE=1mA ;IC=0 IC=1A ;IB=0.1A IC=50mA ; VCE=4V VCB=50V; IE=0 IC=50mA ; VCE=4V IC=1A ; VCE=4V IC=1mA ;IE=0 IC=10mA ;RBE= CONDITIONS
2SC1212 2SC1212A
SYMBOL
MIN 50
TYP.
MAX
UNIT
V 80 50 V 80 4 1.5 1.0 5 60 20 |I V V V A
ANG CH
C
Transition frequency
hFE-1 Classifications B 60-120
IN
SEM E
IC=30mA ; VCE=4V
OND IC
TOR UC
200 160 MHz
100-200
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1212 2SC1212A
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1212 2SC1212A
4


▲Up To Search▲   

 
Price & Availability of 2SC1212

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X