|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Inchange Semiconductor Product Specification Silicon NPN Power Transistors 2SC1195 DESCRIPTION With TO-3 package High power dissipation Low collector saturation voltage APPLICATIONS For line operated audio output amplifier and switching power supply drivers applications PINNING(see Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION Absolute maximum ratings(Ta=ae ) SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER SEM GE HAN INC Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Open emitter OND IC CONDITIONS TOR UC VALUE 200 200 5 2.5 UNIT V V V A W ae ae Open base Open collector Collector power dissipation Junction temperature Storage temperature TC=25ae 100 150 -55~150 Inchange Semiconductor Product Specification Silicon NPN Power Transistors CHARACTERISTICS Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN 2SC1195 SYMBOL TYP. MAX UNIT V(BR)CEO Collector-emitter breakdown voltage IC=30mA ;IB=0 200 V V(BR)CBO V(BR)EBO Collector-base breakdown voltage IC=1mA ;IE=0 IE=1mA ;IC=0 200 V Emitter-base breakdown voltage 5 V VCEsat Collector-emitter saturation voltage IC=2.5A; IB=0.5A 1.5 V VBE Base-emitter on voltage IC=1A ; VCE=5V 1.5 V ICBO Collector cut-off current VCB=200V; IE=0 0.1 mA IEBO Emitter cut-off current hFE DC current gain VEB=5V; IC=0 0.1 mA IC=1A ; VCE=5V HAN INC SEM GE OND IC TOR UC 30 150 2 Inchange Semiconductor Product Specification Silicon NPN Power Transistors PACKAGE OUTLINE 2SC1195 SEM GE HAN INC OND IC TOR UC Fig.2 outline dimensions (unindicated tolerance:A 0.1mm) 3 |
Price & Availability of 2SC1195 |