Part Number Hot Search : 
ANGAAM OPB870N MT2514W 2SJ661 BU401 12D05 OPB870N SFH610A
Product Description
Full Text Search
 

To Download 2SB941 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB941 2SB941A
DESCRIPTION With TO-220Fa package Low collector saturation voltage Complementary to type 2SD1266/1266A APPLICATIONS For low-frequency power amplification
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220Fa) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL

PARAMETER
VCBO
Collector-base voltage
VCEO
VEBO IC ICM
HAN INC
Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak
SEM GE
2SB941A 2SB941 2SB941A
2SB941
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE -60 -80 -60 -80 -5 -3 -5
UNIT
V
Open base
V
Open collector
V A A
Ta=25ae PC Collector power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature
2 W 35 150 -55~150 ae ae
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2SB941 IC=-30mA ,IB=0 2SB941A IC=-3A, IB=-0.375A IC=-3A ; VCE=-4V VEB=-5V; IC=0 2SB941 2SB941A 2SB941 2SB941A VCE=-30V; IB=0 CONDITIONS
2SB941 2SB941A
SYMBOL
MIN -60
TYP.
MAX
UNIT
VCEO
Collector-emitter voltage
V -80 -1.2 -1.8 -1 V V mA
VCEsat VBE IEBO
Collector-emitter saturation voltage Base-emitter voltage Emitter cut-off current
ICEO
Collector cut-off current
-0.3 VCE=-60V; IB=0 VCE=-60V; VBE=0 -0.2 VCE=-80V; VBE=0 IC=-1A ; VCE=-4V IC=-3A ; VCE=-4V 70
mA
ICES
Collector cut-off current
mA
hFE-1 hFE-2 fT
DC current gain DC current gain

Transition frequency
Switching times ton tstg tf
Turn-on time Storage time Fall time
HAN INC
P 120-250
SEM GE
IC=0.5A; VCE=-10V,f=10MHz
OND IC
10
TOR UC
250 30 0.5 1.2 0.3
MHz
|I |I |I
s s s
IC=-1A IB1=-0.1A ,IB2=0.1A
hFE-1 Classifications Q 70-150
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB941 2SB941A
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance: A
0.15 mm)
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB941,2SB941A
SEM GE
HAN INC
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SB941

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X