Part Number Hot Search : 
MYB33C 2N5551HR 08A50 CFAST MB89181 08A50 ON1427 08A50
Product Description
Full Text Search
 

To Download 2SB1443 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Power Transistor 2SB1443
Transistors IC
Features
Low saturation voltage. VCE (sat) = -0.35V (Max.) at IC / IB = -1A / -50mA. Excellent DC current gain characteristics.
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector dissipation Junction temperature Storage temperature *1 Single pulse Pw=10ms. *2 Printed circuit board 1.7mm thick, collector plating 1cm2 or larger. Symbol VCBO VCEO VEBO IC ICP *1 PC*2 Tj Tstg Rating -50 -50 -6 -2 -5 1 150 -55 to +150 Unit V V V A A W
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltae Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current DC current gain Collector-emitter saturation voltage Output capacitance Transition frequency Symbol VCBO VCEO VEBO IcBO IEBO hFE IC= -50iA IC= -1mA IE= -50iA VCB= -50V VEB= -5V VCE=-2V, IC= -0.5A 120 Testconditons Min -50 -50 -6 -0.1 -0.1 270 -0.15 -0.35 36 200 V pF MHz Typ Max Unit V V V A A
VCE(sat) IC/IB= -1A/ -50mA Cob fT VCB= -10V, IE=0A, f=1MHz VCE= -2V, IE=0.5A, f=100MHz
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SB1443

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X