Part Number Hot Search : 
STA533WF RT9261B 3006A 1N2806 SP9919B 1N523 MAX17 CLT4150
Product Description
Full Text Search
 

To Download 2SB1274 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1274
DESCRIPTION With TO-220F package Complement to type 2SD1913 High reliability. High breakdown voltage Low saturation voltage. Wide area of safe operation APPLICATIONS 60V/3A low-frequency power amplifier General power amplifier applications PINNING
PIN 1 2 3 Emitter Collector DESCRIPTION
Base

PARAMETER
Fig.1 simplified outline (TO-220F) and symbol
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM
HAN INC
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak
SEM GE
Open base
OND IC
TOR UC
VALUE -60 -60 -6 -3 -8
CONDITIONS
UNIT V V V A A
Open emitter
Open collector
TC=25ae PC Collector dissipation
20 W 2
Tj Tstg
Junction temperature Storage temperature
150 -55~150
ae ae
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Base-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=-1mA; IE=0 IC=-5mA; RBE= IE=-1mA; IC=0 IC=-2A ; IB=-0.2A IC=-0.5A ; VCE=-5V VCB=-40V;IE=0 VEB=-4V;IC=0 IC=-0.5A ; VCE=-5V IC=-3A ; VCE=-5V IC=-0.5A ; VCE=-5V 70 20 MIN -60 -60 -6
2SB1274
SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V V V
-0.4 -0.8
-1.0 -1.0 -0.1 -0.1 280
V V mA mA
Transition frequency Output capacitance

R
hFE-1 classifications Q 70-140
IN
ANG CH
S 140-280
EMIC ES
IE=0; VCB=-10V;f=1MHz
DUC ON
100 60
TOR
MHz pF
100-200
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1274
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1274
SEM GE
HAN INC
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SB1274

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X