Part Number Hot Search : 
NJM2110 MAX30001 LC386D STESB01 TCXNL L1223 39100 ACTF9037
Product Description
Full Text Search
 

To Download 2SB1273 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1273
DESCRIPTION With TO-220 package Low collector saturation voltage APPLICATIONS Designed for use in low frequency power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg
Collector-base voltage

PARAMETER
HAN INC
Emitter-base voltage Collector current Collector current-peak Junction temperature Storage temperature
Collector-emitter voltage
SEM GE
Open base TC=25ae
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE -60 -60 -6 -3 -8 30 150 -55~150 ae ae
UNIT V V V A A W
Open collector
Collector power dissipation
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SB1273
SYMBOL
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-5mA ,RBE=
-60
V
V(BR)CBO V(BR)EBO
Collector-base breakdown voltage
IC=-1mA ,IE=0 IE=-1mA ,IC=0
-60
V
Emitter-base breakdown voltage
-6
V
VCEsat
Collector-emitter saturation voltage
IC=-2A; IB=-0.2A
-0.4
-1.0
V
VBE
Base-emitter on voltage
IC=-0.5A ; VCE=-5V
-0.8
-1.0
V
ICBO
Collector cut-off current
VCB=-40V; IE=0
-100
|I
A
IEBO
Emitter cut-off current
hFE-1 hFE-2
DC current gain
DC current gain
ANG CH
S 140-280
VEB=-4V; IC=0
-100
|I
A
IC=-0.5A ; VCE=-5V IC=-3A ; VCE=-5V
70
COB
Output capacitance
fT
Transition frequency
IN
R
EMIC ES
IC=-0.5A ; VCE=-5V
IE=0 ; VCB=-10V,f=1MHz
OND
20
TOR UC
280 60 pF 100 MHz
hFE-1 Classifications Q 70-140
100-200
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1273
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions(unindicated tolerance:A
0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1273

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X