Part Number Hot Search : 
RFZ48 46V16M16 BR2020 APW708 EVICE 2040CT APT20M SR1010
Product Description
Full Text Search
 

To Download 2SB1220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon PNP Epitaxial Planar Type 2SB1220
Transistors
Features
High collector-emitter voltage VCEO Low noise voltage NV
1 Emitter 2 Base 3 Collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg Rating -150 -150 -5 -100 -50 150 150 -55 to +150 Unit V V V mA mA mW
Electrical Characteristics Ta = 25
Parameter Collector-emitter voltage Emitter-base voltage Collector-base cutoff current Forward current transfer ratio Collector-emitter saturation voltage Transition frequency Collector output capacitance Noixe voltage Symbol VCEO VEBO ICBO hFE Testconditons IC = -100 iA, IB = 0 IE = -10 iA, IC = 0 VCB = -100 V, IE = 0 VCE = -5 V, IC = -10 mA 130 Min -150 -5 -1 450 -1 200 4 150 V MHz pF mV Typ Max Unit V V iA
VCE(sat) IC = -30 mA, IB = -3 mA fT Cob NV VCB = -10 V, IE = 10 mA, f = 200 MHz VCB = -10 V, IE = 0, f = 1 MHz VCE = -10 V, IC = -1 mA, GV = 80 dB, Rg = 100KU, Function = FLAT
hFE Classification
Marking Rank hFE R 130 220 I S 185 330 T 260 450
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SB1220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X