Part Number Hot Search : 
07000 EPS13D2 MP142 0100CT 93533P1 MUR104 SDH20UF OV426
Product Description
Full Text Search
 

To Download 2SA1978 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
PNP Eitaxial Silicon Transistor 2SA1978
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors IC
Unit: mm
Features
+0.1 2.4-0.1
1
2
+0.1 0.95-0.1 +0.1 1.9-0.1
High-speed switching characterstics
0.55
High gain |S21e|2=10.0dB TYP.@f=1.0GHz,Vce=-10V,Ic=-15mA
+0.1 1.3-0.1
High fT (fT=5.5GHz TYP).
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PT Tj Tstg Rating -20 -12 -3.0 -50 200 150 -65 to +150 Unit V V V mA mW
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current gain Gain bandwidth product Collector capacitance Insertion Power Gain Noise Figure Symbol ICBO IEBO hFE fT Cre* VCB = -10V VEB = -2V VCE =-10V,Ic=-15mA VCE = -10V ,Ic=-15mA VCB = -10V , IE = 0 , f = 1MHz 8.0 20 4.0 40 5.5 0.5 10.0 2.0 3 1 Testconditons Min Typ Max -10 -10 100 GHz pF dB dB Unit iA iA
|S21e|2 Vce=-10V,Ic=-15mA,.f=1.0GHZ NF Vce=-10V,Ic=-3mA,.f=1GHZ
*.Mesured by a 3-terminal bridge. Emitter and Case should be connected to the guard terminal.
hFE Classification
Marking Rank hFE T93 FB 20 100
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SA1978

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X