Part Number Hot Search : 
NJU7370F 00150 B013B1 2SC900 111GTCN DG381B SG307 1J050
Product Description
Full Text Search
 

To Download 2SA1971 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon PNP Triple Diffused Type 2SA1971
Transistors
Features
High voltage: VCE = -400 V
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current(pulse) Base current Collector power dissipation Junction temperature Storage temperature range * Mounted on ceramic substrate (250 mm2 X 0.8 t) Symbol VCBO VCEO VEBO IC ICP IB PC Tj Tstg Rating -400 -400 -7 -0.5 -1 -0.25 500 1000 * 150 -55 to +150 Unit V V V A A A mW
Electrical Characteristics Ta = 25
Parameter Collector cut-off current Emitter cut-off current Collector-emitter breakdown voltage DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Turn-on time Storage time Fall time Symbol ICBO IEBO Testconditons VCB =-400V, IE=0 VEB=-7V,IC=0 -400 140 140 -0.4 -0.76 35 18 0.2 2.3 0.2 450 400 -1 -0.9 V V MHz pF is is is Min Typ Max -10 -1 Unit iA iA V
V(BR)CEO IC=-10mA, IB=0 hFE VCE=-5V,IC=-20mA VCE=-5V,IC=-100mA VCE (sat) IC=-100mA,IB=-10mA VBE (sat) IC=-100mA,IB=-10mA fT Cob ton tstg tf VCE=-5V,IC=-50mA VCB=-10V,IE=0,f=1MHz
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SA1971

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X