Part Number Hot Search : 
8M000 MPSA5 SPLSI IRFP250 CSNR6 TMXW203 H5TQ1 D1406
Product Description
Full Text Search
 

To Download 2SA1587 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon PNP Epitaxial 2SA1587
Transistors
Features
High voltage VCEO=-120V High hFE hFE=200 to 700 Low noise Small package
1 Emitter 2 Base 3 Collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Emitter-base voltage Collector-emitter voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VEBO VCEO IC IB PC Tj Tstg Rating -120 -120 -5 -100 -20 100 125 -55 to +125 Unit V V V mA mA mW
Electrical Characteristics Ta = 25
Parameter Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Transition frequency Collector output capacitance Noise figure Symbol ICBO IEBO hFE VCE (sat) fT Cob NF Testconditons VCB = -120 V, IE = 0 VEB = -5 V, IC = 0 VCE = -6 V, IC = -2 mA IC = -10 mA, IB = -1 mA VCE = -6 V, IE = 1 mA VCB = -10 V, IE = 0, f = 1 MHz VCE=-6 V, IC=-0.1 mA, f=1 kHz,Rg =10KU 100 4 1.0 10 200 Min Typ Max -0.1 -0.1 700 0.3 V MHz pF dB Unit iA iA
hFE Classification
Marking Rank hFE CG GR 200 400 CL BL 350 700
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SA1587

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X